Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4132DMF-2.5 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM4132DMF-2.5
Description  LM4132 SOT-23 Precision Low Dropout Voltage Reference
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4132DMF-2.5 Datasheet(HTML) 1 Page - Texas Instruments

  LM4132DMF-2.5 Datasheet HTML 1Page - Texas Instruments LM4132DMF-2.5 Datasheet HTML 2Page - Texas Instruments LM4132DMF-2.5 Datasheet HTML 3Page - Texas Instruments LM4132DMF-2.5 Datasheet HTML 4Page - Texas Instruments LM4132DMF-2.5 Datasheet HTML 5Page - Texas Instruments LM4132DMF-2.5 Datasheet HTML 6Page - Texas Instruments LM4132DMF-2.5 Datasheet HTML 7Page - Texas Instruments LM4132DMF-2.5 Datasheet HTML 8Page - Texas Instruments LM4132DMF-2.5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
LM4132
VIN
Input
5V
Output
2.5V
VREF
EN
GND
Enable
CIN
COUT
*
*
LM4132
www.ti.com
SNVS372C – AUGUST 2005 – REVISED APRIL 2013
LM4132 SOT-23 Precision Low Dropout Voltage Reference
Check for Samples: LM4132
1
FEATURES
DESCRIPTION
The LM4132 family of precision voltage references
2
Output Initial Voltage Accuracy 0.05%
performs comparable to the best laser-trimmed
Low Temperature Coefficient 10ppm/°C
bipolar references, but in cost effective CMOS
Low Supply Current, 60µA
technology. The key to this break through is the use
of EEPROM registers for correction of curvature,
Enable Pin Allowing a 3µA Shutdown Mode
tempco,
and
accuracy
on
a
CMOS
bandgap
20mA Output Current
architecture that allows package level programming
Voltage Options 1.8V, 2.048V, 2.5V, 3.0V, 3.3V,
to overcome assembly shift. The shifts in voltage
4.096V
accuracy and tempco during assembly of die into
plastic packages limit the accuracy of references
Custom Voltage Options Available (1.8V to
trimmed with laser techniques.
4.096V)
Unlike other LDO references, the LM4132 is capable
VIN Range of VREF + 400mV to 5.5V @ 10mA
of delivering up to 20mA and does not require an
Stable with Low ESR Ceramic Capacitors
output
capacitor
or
buffer
amplifier.
These
SOT23-5 Package
advantages and the SOT23 packaging are important
for space-critical applications.
APPLICATIONS
Series references provide lower power consumption
Instrumentation & Process Control
than shunt references, since they do not have to idle
the maximum possible load current under no load
Test Equipment
conditions. This advantage, the low quiescent current
Data Acquisition Systems
(60µA), and the low dropout voltage (400mV) make
Base Stations
the LM4132 ideal for battery-powered solutions.
Servo Systems
The LM4132 is available in five grades (A, B, C, D
Portable, Battery Powered Equipment
and E) for greater flexibility. The best grade devices
(A) have an initial accuracy of 0.05% with a specified
Automotive & Industrial
temperature coefficient of 10ppm/°C or less, while the
Precision Regulators
lowest grade parts (E) have an initial accuracy of
Battery Chargers
0.5% and a tempco of 30ppm/°C.
Communications
Medical Equipment
Typical Application Circuit
*Note: The capacitor CIN is required and the capacitor COUT is optional.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM4132DMF-2.5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4132DMF-2.5 NSC-LM4132DMF-2.5 Datasheet
863Kb / 15P
   SOT-23 Precision Low Dropout Voltage Reference
LM4132DMF-2.5 NSC-LM4132DMF-2.5 Datasheet
1Mb / 20P
   SOT-23 Precision Low Dropout Voltage Reference
logo
Texas Instruments
LM4132DMF-2.5/NOPB TI1-LM4132DMF-2.5/NOPB Datasheet
1Mb / 40P
[Old version datasheet]   LM4132, LM4132-Q1 SOT-23 Precision Low Dropout Voltage Reference
LM4132DMF-2.5/NOPB TI1-LM4132DMF-2.5/NOPB Datasheet
784Kb / 36P
[Old version datasheet]   SOT-23 Precision Low Dropout Voltage Reference
More results

Similar Description - LM4132DMF-2.5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4132 TI-LM4132_15 Datasheet
1Mb / 37P
[Old version datasheet]   LM4132/LM4132-Q1 SOT-23 Precision Low Dropout Voltage Reference
LM4132 TI1-LM4132_16 Datasheet
1Mb / 40P
[Old version datasheet]   LM4132, LM4132-Q1 SOT-23 Precision Low Dropout Voltage Reference
logo
National Semiconductor ...
LM4132 NSC-LM4132 Datasheet
863Kb / 15P
   SOT-23 Precision Low Dropout Voltage Reference
LM4132 NSC-LM4132_06 Datasheet
1Mb / 20P
   SOT-23 Precision Low Dropout Voltage Reference
logo
Texas Instruments
LM4132_016 TI1-LM4132_016 Datasheet
784Kb / 36P
[Old version datasheet]   SOT-23 Precision Low Dropout Voltage Reference
logo
Linear Technology
LT1790 LINER-LT1790_15 Datasheet
325Kb / 26P
   Micropower SOT-23 Low Dropout Reference Family
LT1790BIS6-2.5TRPBF LINER-LT1790BIS6-2.5TRPBF Datasheet
325Kb / 26P
   Micropower SOT-23 Low Dropout Reference Family
LT1790BCS6 LINER-LT1790BCS6 Datasheet
325Kb / 26P
   Micropower SOT-23 Low Dropout Reference Family
LT1790 LINER-LT1790 Datasheet
297Kb / 24P
   Micropower SOT-23 Low Dropout Reference Family
logo
Analog Devices
ADR318 AD-ADR318_15 Datasheet
484Kb / 12P
   Precision Low Drift SOT-23 Voltage Reference with Shutdown
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com