Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F2232IDAR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F2232IDAR
Description  MIXED SIGNAL MICROCONTROLLER
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2232IDAR Datasheet(HTML) 11 Page - Texas Instruments

Back Button MSP430F2232IDAR Datasheet HTML 7Page - Texas Instruments MSP430F2232IDAR Datasheet HTML 8Page - Texas Instruments MSP430F2232IDAR Datasheet HTML 9Page - Texas Instruments MSP430F2232IDAR Datasheet HTML 10Page - Texas Instruments MSP430F2232IDAR Datasheet HTML 11Page - Texas Instruments MSP430F2232IDAR Datasheet HTML 12Page - Texas Instruments MSP430F2232IDAR Datasheet HTML 13Page - Texas Instruments MSP430F2232IDAR Datasheet HTML 14Page - Texas Instruments MSP430F2232IDAR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 95 page
background image
MSP430F22x2
MSP430F22x4
www.ti.com
SLAS504G – JULY 2006 – REVISED AUGUST 2012
Table 4. Terminal Functions, MSP430F22x4
TERMINAL
NO.
I/O
DESCRIPTION
NAME
YFF
DA
RHA
General-purpose digital I/O pin
P1.0/TACLK/ADC10CLK
F2
31
29
I/O
Timer_A, clock signal TACLK input
ADC10, conversion clock
General-purpose digital I/O pin
P1.1/TA0
G2
32
30
I/O
Timer_A, capture: CCI0A input, compare: OUT0 output
BSL transmit
General-purpose digital I/O pin
P1.2/TA1
E2
33
31
I/O
Timer_A, capture: CCI1A input, compare: OUT1 output
General-purpose digital I/O pin
P1.3/TA2
G1
34
32
I/O
Timer_A, capture: CCI2A input, compare: OUT2 output
General-purpose digital I/O pin
P1.4/SMCLK/TCK
F1
35
33
I/O
SMCLK signal output
Test Clock input for device programming and test
General-purpose digital I/O pin
P1.5/TA0/TMS
E1
36
34
I/O
Timer_A, compare: OUT0 output
Test Mode Select input for device programming and test
General-purpose digital I/O pin
P1.6/TA1/TDI/TCLK
E3
37
35
I/O
Timer_A, compare: OUT1 output
Test Data Input or Test Clock Input for programming and test
General-purpose digital I/O pin
P1.7/TA2/TDO/TDI(1)
D2
38
36
I/O
Timer_A, compare: OUT2 output
Test Data Output or Test Data Input for programming and test
General-purpose digital I/O pin
ACLK output
P2.0/ACLK/A0/OA0I0
A4
8
6
I/O
ADC10, analog input A0
OA0, analog input IO
General-purpose digital I/O pin
Timer_A, clock signal at INCLK
P2.1/TAINCLK/SMCLK/
B4
9
7
I/O
SMCLK signal output
A1/OA0O
ADC10, analog input A1
OA0, analog output
General-purpose digital I/O pin
Timer_A, capture: CCI0B input/BSL receive, compare: OUT0 output
P2.2/TA0/A2/OA0I1
A5
10
8
I/O
ADC10, analog input A2
OA0, analog input I1
General-purpose digital I/O pin
Timer_A, capture CCI1B input, compare: OUT1 output
ADC10, analog input A3
P2.3/TA1/A3/ VREF-/VeREF-/
F3
29
27
I/O
OA1I1/OA1O
Negative reference voltage input
OA1, analog input I1
OA1, analog output
(1)
TDO or TDI is selected via JTAG instruction.
Copyright © 2006–2012, Texas Instruments Incorporated
11


Similar Part No. - MSP430F2232IDAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F2232IDAR TI-MSP430F2232IDAR Datasheet
1Mb / 85P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2232IDAR TI-MSP430F2232IDAR Datasheet
1Mb / 87P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2232IDAR TI-MSP430F2232IDAR Datasheet
1Mb / 87P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2232IDAR TI1-MSP430F2232IDAR Datasheet
1Mb / 94P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430F2232IDAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com