Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F2232IRHAT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F2232IRHAT
Description  MIXED SIGNAL MICROCONTROLLER
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2232IRHAT Datasheet(HTML) 1 Page - Texas Instruments

  MSP430F2232IRHAT Datasheet HTML 1Page - Texas Instruments MSP430F2232IRHAT Datasheet HTML 2Page - Texas Instruments MSP430F2232IRHAT Datasheet HTML 3Page - Texas Instruments MSP430F2232IRHAT Datasheet HTML 4Page - Texas Instruments MSP430F2232IRHAT Datasheet HTML 5Page - Texas Instruments MSP430F2232IRHAT Datasheet HTML 6Page - Texas Instruments MSP430F2232IRHAT Datasheet HTML 7Page - Texas Instruments MSP430F2232IRHAT Datasheet HTML 8Page - Texas Instruments MSP430F2232IRHAT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 95 page
background image
MSP430F22x2
MSP430F22x4
www.ti.com
SLAS504G – JULY 2006 – REVISED AUGUST 2012
MIXED SIGNAL MICROCONTROLLER
1
FEATURES
23
Low Supply Voltage Range: 1.8 V to 3.6 V
Two Configurable Operational Amplifiers
(MSP430F22x4 Only)
Ultra-Low Power Consumption
Brownout Detector
Active Mode: 270 µA at 1 MHz, 2.2 V
Serial Onboard Programming, No External
Standby Mode: 0.7 µA
Programming Voltage Needed, Programmable
Off Mode (RAM Retention): 0.1 µA
Code Protection by Security Fuse
Ultra-Fast Wake-Up From Standby Mode in
Bootstrap Loader
Less Than 1 µs
On-Chip Emulation Module
16-Bit RISC Architecture, 62.5-ns Instruction
Family Members Include:
Cycle Time
MSP430F2232
Basic Clock Module Configurations
8KB + 256B Flash Memory
Internal Frequencies up to 16 MHz With
Four Calibrated Frequencies to ±1%
512B RAM
Internal Very-Low-Power Low-Frequency
MSP430F2252
Oscillator
16KB + 256B Flash Memory
32-kHz Crystal
512B RAM
High-Frequency (HF) Crystal up to 16 MHz
MSP430F2272
Resonator
32KB + 256B Flash Memory
External Digital Clock Source
1KB RAM
External Resistor
MSP430F2234
16-Bit Timer_A With Three Capture/Compare
8KB + 256B Flash Memory
Registers
512B RAM
16-Bit Timer_B With Three Capture/Compare
MSP430F2254
Registers
16KB + 256B Flash Memory
Universal Serial Communication Interface
512B RAM
Enhanced UART Supporting Auto-Baudrate
MSP430F2274
Detection (LIN)
32KB + 256B Flash Memory
IrDA Encoder and Decoder
1KB RAM
Synchronous SPI
Available in a 38-Pin Thin Shrink Small-Outline
I2C™
Package (TSSOP) (DA), 40-Pin QFN Package
10-Bit 200-ksps Analog-to-Digital (A/D)
(RHA), and 49-Pin Ball Grid Array Package
Converter With Internal Reference, Sample-
(YFF) (See Table 1)
and-Hold, Autoscan, and Data Transfer
For Complete Module Descriptions, See the
Controller
MSP430x2xx Family User's Guide (SLAU144)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
MSP430 is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - MSP430F2232IRHAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F2232IRHAT TI-MSP430F2232IRHAT Datasheet
1Mb / 85P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2232IRHAT TI-MSP430F2232IRHAT Datasheet
1Mb / 87P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2232IRHAT TI-MSP430F2232IRHAT Datasheet
1Mb / 87P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2232IRHAT TI1-MSP430F2232IRHAT Datasheet
1Mb / 94P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430F2232IRHAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com