Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P82B715DR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # P82B715DR
Description  I2C BUS EXTENDER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

P82B715DR Datasheet(HTML) 7 Page - Texas Instruments

Back Button P82B715DR Datasheet HTML 3Page - Texas Instruments P82B715DR Datasheet HTML 4Page - Texas Instruments P82B715DR Datasheet HTML 5Page - Texas Instruments P82B715DR Datasheet HTML 6Page - Texas Instruments P82B715DR Datasheet HTML 7Page - Texas Instruments P82B715DR Datasheet HTML 8Page - Texas Instruments P82B715DR Datasheet HTML 9Page - Texas Instruments P82B715DR Datasheet HTML 10Page - Texas Instruments P82B715DR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
www.ti.com
APPLICATION INFORMATION
V
CC
Special
Buffered
Bus
Special
Buffered
Bus
Standard
I C Bus
2
Standard
I C Bus
2
SDA
SCL
I C
Device
2
SDA
SCL
P82B715
P82B715
LDA
LCL
Long
Cable
½
½
½
½
I
2C Systems
Pullup Resistance Calculation
P82B715
I2C BUS EXTENDER
SCPS145A – DECEMBER 2007 – REVISED FEBRUARY 2008
By using two (or more) P82B715 devices, a subsystem can be built that retains the interface characteristics of a
normal I2C device so that the subsystem may be included in, or added to, any I2C or related system.
The subsystem features a low-impedance or buffered bus capable of driving large wiring capacitance (see
Figure 3).
Figure 3. Minimum Subsystem Diagram
The P82B715 can operate with a supply voltage from 3 V to 12.5 V, but the logic-signal levels at Sx/Lx are
independent of the supply voltage. They remain at the levels presented to the chip by the attached devices. The
maximum static I2C bus sink current, 3 mA, flowing in either direction in the internal current sense resistor,
causes a difference less than 100 mV in the bus logic low levels at Sx and Lx. This makes P82B715 fully
compatible with all logic signal drivers, including TTL. The P82B715 cannot modify the bus logic signal voltage
levels, but it contains internal diodes connected between Lx/Sx and VCC that conduct and limit the logic signal
swing if the applied logic levels would have exceeded the supply voltage by more than 0.7 V.
In normal applications, external pullup resistors pull the connected buses up to the desired voltage high level.
Usually this is the supply voltage, VCC, but for very low logic voltages, it is necessary to use a VCC of at least
3.3 V and preferably higher. Note that full performance over temperature is ensured only from 4.5 V.
Specification deratings apply when its supply voltage is reduced below 4.5 V. The absolute minimum VCC is 3 V.
As in standard I2C systems, pullup resistors are required to provide the logic high levels on the buffered bus, as
the standard open-collector configuration is retained. The size and number of pullup resistors depends on the
system.
If P82B715 devices are to be permanently connected into a system, the circuit may be configured with only one
pullup resistor on the buffered bus and none on the I2C buses, but the system design is simplified, and
performance is improved by fitting separate pullups on each section of the bus. When a subsystem using
P82B715 may be optionally connected to an existing I2C system that already has a pullup, the effects of the
subsystem pullups acting in parallel with the existing I2C bus pullup must be considered.
When calculating the pullup resistance values, the gain of the buffer introduces scaling factors that must be
applied to the system components. In practical systems, the pullup resistance value is calculated to meet the rise
time limit for I2C systems. As an approximation, this limit is satisfied in a 100-kHz system if the time constant of
the total system (product of the net resistance and net capacitance) is set to 1
µs or less.
In systems using the P82B715, it is convenient to set the total system time constant by considering each bus
node separately (i.e., the I2C nodes and the buffered bus node) and selecting a separate pullup resistor for each
node to provide time constants of less than 1
µs. If each node complies then the system requirement is also met.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): P82B715


Similar Part No. - P82B715DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
P82B715DR TI1-P82B715DR Datasheet
896Kb / 22P
[Old version datasheet]   I2C Bus Extender
P82B715DRG4 TI1-P82B715DRG4 Datasheet
896Kb / 22P
[Old version datasheet]   I2C Bus Extender
More results

Similar Description - P82B715DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
P82B715 TI1-P82B715_16 Datasheet
896Kb / 22P
[Old version datasheet]   I2C Bus Extender
logo
NXP Semiconductors
82B715 PHILIPS-82B715 Datasheet
96Kb / 10P
   I2C bus extender
1998 Jan 09
P82B715TD-T NXP-P82B715TD-T Datasheet
155Kb / 23P
   I2C-bus extender
Rev. 08-9 November 2009
P82B715 NXP-P82B715 Datasheet
155Kb / 23P
   I2C-bus extender
Rev. 08-9 November 2009
logo
Generalplus Technology ...
GPBA01B GENERALPLUS-GPBA01B Datasheet
524Kb / 29P
   Bus Extender
logo
NXP Semiconductors
PCA9527 NXP-PCA9527 Datasheet
146Kb / 22P
   3-channel bidirectional bus extender for HDMI, I2C-bus and SMBus
Rev. 01-29 June 2009
PCA9507 NXP-PCA9507 Datasheet
128Kb / 20P
   2-wire serial bus extender for HDMI DDC I2C-bus and SMBus
Rev. 01-7 February 2008
PCA9515 NXP-PCA9515 Datasheet
102Kb / 16P
   I2C-bus repeater
Rev. 09-23 April 2009
PCA9515ADP-T NXP-PCA9515ADP-T Datasheet
222Kb / 20P
   I2C-bus repeater
Rev. 5-23 March 2012
logo
Rohm
BR24T32-W ROHM-BR24T32-W Datasheet
1Mb / 37P
   I2C BUS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com