Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NMA1215DC Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # NMA1215DC
Description  Isolated 1W Dual Output DC/DC Converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NMA1215DC Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  NMA1215DC Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NMA1215DC Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NMA1215DC Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NMA1215DC Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. NMA1215DC Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. NMA1215DC Datasheet HTML 6Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
NMA 5V, 12V & 15V Series
Isolated 1W Dual Output DC/DC Converters
KDC_NMA.G02 Page 5 of 6
www.murata-ps.com/support
PACKAGE SPECIFICATIONS
MECHANICAL DIMENSIONS
PIN CONNECTIONS - 14 PIN DIP
Pin
Function
1-VIN
7NC
8OV
9+VOUT
11
-VOUT
14
+VIN
PIN CONNECTIONS - 7 PIN SIP
Pin
Function
1+VIN
2-VIN
4-VOUT
5OV
6+VOUT
0.77 (19.50)
0.385
(9.80)
0.268
(6.80)
0.181 (4.60)
0.142 (3.60)
0.022 (0.55)
0.0178 (0.45)
0.6 (15.24)
0.084
(2.13)
0.3 (7.62)
0.0118 (0.30)
0.0079 (0.20)
0.043
(1.09)
0.1 (2.54)
1
7
14
11
9
8
XYYWWi
NMA0505DC
All dimensions in inches ±0.01 (mm ±0.25mm). All pins on a 0.1 (2.54) pitch and within ±0.01 (0.25) of true position.
Weight: 2.4g (DIP) 2.1g (SIP)
DIP package
SIP package
0.77
(19.50)
0.236
(6.00)
0.394
(10.00)
0.181 (4.60)
0.141 (3.60)
0.0118 (0.30)
0.0079 (0.20)
0.5 (12.70)
0.05
(1.25)
0.0607 (1.5438)
0.099 (2.5162)
0.022 (0.55)
0.0178 (0.45)
0.1 (2.54)
0.022 (0.55)
0.0178 (0.45)
NMA0515SC
XYYWW
1
2
4
5
6


Similar Part No. - NMA1215DC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
NMA1215DC MURATA-PS-NMA1215DC Datasheet
382Kb / 9P
   Isolated 1W Dual Output DC-DC Converters
2023
More results

Similar Description - NMA1215DC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NMA2405SC MURATA-NMA2405SC Datasheet
126Kb / 4P
   Isolated 1W Dual Output DC/DC Converters
logo
List of Unclassifed Man...
NMA5V ETC-NMA5V Datasheet
171Kb / 2P
   ISOLATED 1W DUAL OUTPUT DC-DC CONVERTERS
logo
C&D Technologies
NMA-1 CANDD-NMA-1 Datasheet
171Kb / 2P
   Isolated 1W Dual Output DC-DC Converters
NMA CANDD-NMA Datasheet
168Kb / 2P
   Isolated 1W Dual Output DC-DC Converters
logo
Microdc power Technolog...
A-XD MICRODC-A-XD Datasheet
579Kb / 5P
   Isolated 1W Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
KDC_NTA MURATA-KDC_NTA Datasheet
159Kb / 4P
   Isolated 1W Dual Output SM DC/DC Converters
logo
Microdc power Technolog...
E-XSD MICRODC-E-XSD Datasheet
657Kb / 4P
   Isolated 1W Dual Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPNA TOPPOWER-TPNA Datasheet
673Kb / 4P
   1W 3KVDC Isolated Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
MEA1D2415DC MURATA-MEA1D2415DC Datasheet
239Kb / 8P
   1kVDC Isolated 1W Dual Output DC/DC Converters
MEA1D0505SC MURATA-MEA1D0505SC Datasheet
254Kb / 8P
   1kVDC Isolated 1W Dual Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com