Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4132EMFX-1.8 Datasheet(PDF) 11 Page - Texas Instruments

Part # LM4132EMFX-1.8
Description  LM4132 SOT-23 Precision Low Dropout Voltage Reference
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4132EMFX-1.8 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM4132EMFX-1.8 Datasheet HTML 7Page - Texas Instruments LM4132EMFX-1.8 Datasheet HTML 8Page - Texas Instruments LM4132EMFX-1.8 Datasheet HTML 9Page - Texas Instruments LM4132EMFX-1.8 Datasheet HTML 10Page - Texas Instruments LM4132EMFX-1.8 Datasheet HTML 11Page - Texas Instruments LM4132EMFX-1.8 Datasheet HTML 12Page - Texas Instruments LM4132EMFX-1.8 Datasheet HTML 13Page - Texas Instruments LM4132EMFX-1.8 Datasheet HTML 14Page - Texas Instruments LM4132EMFX-1.8 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
10
100
1k
10k
FREQUENCY (Hz)
0
4
8
12
16
20
24
28
32
NO COUT
-80
-70
-60
-50
-40
0
10
100
1k
10k
100k
FREQUENCY (Hz)
-30
-20
-10
1M
NO COUT
COUT = 0.1 PF
3.0
3.5
4.0
4.5
5.0
5.5
2.497
2.498
2.499
2.500
2.501
2.502
INPUT VOLTAGE (V)
125
oC
25
oC
-40
oC
-50
-25
0
25
50
75
100
125
TEMPERATURE (
oC)
2.497
2.498
2.499
2.500
2.501
2.502
2.503
2.504
5 TYPICAL UNITS
0
4
8
12
16
20
2.498
2.499
2.500
2.501
2.502
2.503
LOAD CURRENT (mA)
125
oC
25
oC
-40
oC
LM4132
www.ti.com
SNVS372C – AUGUST 2005 – REVISED APRIL 2013
Typical Performance Characteristics for 2.5V
Output Voltage
vs
Temperature
Load Regulation
Figure 13.
Figure 14.
Line Regulation
0.1 - 10 Hz Noise
Figure 15.
Figure 16.
Power Supply Rejection
vs
Output Voltage Noise Spectrum
Frequency
Figure 17.
Figure 18.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM4132


Similar Part No. - LM4132EMFX-1.8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4132EMFX-1.8 NSC-LM4132EMFX-1.8 Datasheet
1Mb / 20P
   SOT-23 Precision Low Dropout Voltage Reference
logo
Texas Instruments
LM4132EMFX-1.8/NOPB TI1-LM4132EMFX-1.8/NOPB Datasheet
1Mb / 40P
[Old version datasheet]   LM4132, LM4132-Q1 SOT-23 Precision Low Dropout Voltage Reference
LM4132EMFX-1.8/NOPB TI1-LM4132EMFX-1.8/NOPB Datasheet
784Kb / 36P
[Old version datasheet]   SOT-23 Precision Low Dropout Voltage Reference
More results

Similar Description - LM4132EMFX-1.8

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4132 TI-LM4132_15 Datasheet
1Mb / 37P
[Old version datasheet]   LM4132/LM4132-Q1 SOT-23 Precision Low Dropout Voltage Reference
LM4132 TI1-LM4132_16 Datasheet
1Mb / 40P
[Old version datasheet]   LM4132, LM4132-Q1 SOT-23 Precision Low Dropout Voltage Reference
logo
National Semiconductor ...
LM4132 NSC-LM4132 Datasheet
863Kb / 15P
   SOT-23 Precision Low Dropout Voltage Reference
LM4132 NSC-LM4132_06 Datasheet
1Mb / 20P
   SOT-23 Precision Low Dropout Voltage Reference
logo
Texas Instruments
LM4132_016 TI1-LM4132_016 Datasheet
784Kb / 36P
[Old version datasheet]   SOT-23 Precision Low Dropout Voltage Reference
logo
Linear Technology
LT1790 LINER-LT1790_15 Datasheet
325Kb / 26P
   Micropower SOT-23 Low Dropout Reference Family
LT1790BIS6-2.5TRPBF LINER-LT1790BIS6-2.5TRPBF Datasheet
325Kb / 26P
   Micropower SOT-23 Low Dropout Reference Family
LT1790BCS6 LINER-LT1790BCS6 Datasheet
325Kb / 26P
   Micropower SOT-23 Low Dropout Reference Family
LT1790 LINER-LT1790 Datasheet
297Kb / 24P
   Micropower SOT-23 Low Dropout Reference Family
logo
Analog Devices
ADR318 AD-ADR318_15 Datasheet
484Kb / 12P
   Precision Low Drift SOT-23 Voltage Reference with Shutdown
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com