Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTN04050CAZT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # PTN04050CAZT
Description  12-W, 3.3/5-V INPUT, WIDE OUTPUT ADJUSTABLE BOOST CONVERTER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTN04050CAZT Datasheet(HTML) 2 Page - Texas Instruments

  PTN04050CAZT Datasheet HTML 1Page - Texas Instruments PTN04050CAZT Datasheet HTML 2Page - Texas Instruments PTN04050CAZT Datasheet HTML 3Page - Texas Instruments PTN04050CAZT Datasheet HTML 4Page - Texas Instruments PTN04050CAZT Datasheet HTML 5Page - Texas Instruments PTN04050CAZT Datasheet HTML 6Page - Texas Instruments PTN04050CAZT Datasheet HTML 7Page - Texas Instruments PTN04050CAZT Datasheet HTML 8Page - Texas Instruments PTN04050CAZT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
PTN04050C
SLTS251A
– SEPTEMBER 2005 – REVISED FEBRUARY 2011
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
For the most current package and ordering information, see the Package Option Addendum at the end of this datasheet, or see
the TI website at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range unless otherwise noted
all voltages with respect to GND (pin 1),
UNIT
TA
Operating free-air temperature
Over VI range
–40°C to 85°C
Leaded temperature (H suffix)
5 seconds
260
°C (2)
Solder reflow temperature (S suffix)
Surface temperature of module body or pins
235
°C
Solder reflow temperature (Z suffix)(3)
Surface temperature of module body or pins
260
°C(3)
Tstg
Storage temperature
–55°C to 125°C
PO
Output power
12 W
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
This model is NOT compatible with surface-mount reflow solder process.
(3)
Moisture Sensitivity Level (MSL) Rating Level-3-260C-168HR
RECOMMENDED OPERATING CONDITIONS
MIN
MAX
UNIT
VI
Input voltage
2.95
5.5
V
TA
Operating free-air temperature
–40
85
°C
PACKAGE SPECIFICATIONS
PTN04050Cx (Suffix AH, AS, and AZ)
Weight
2.8 grams
Flammability
Meets UL 94 V-O
Per Mil-STD-883D, Method 2002.3, 1 ms, 1/2 sine,
Mechanical shock
500 G (1)
mounted
Horizontal T/H (suffix AH)
20 G (1)
Mechanical vibration
Mil-STD-883D, Method 2007.2, 20-2000 Hz
Horizontal SMD (suffix AS and AZ)
15 G (1)
(1)
Qualification limit.
2
Submit Documentation Feedback
© 2005–2011, Texas Instruments Incorporated
Product Folder Link(s): PTN04050C


Similar Part No. - PTN04050CAZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTN04050CAZ TI-PTN04050CAZ Datasheet
1Mb / 17P
[Old version datasheet]   12 - W, 3.3 / 5 - V INPUT, WIDE OUTPUT ADJUSTABLE BOOST CONVERTER
More results

Similar Description - PTN04050CAZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTN04050C TI-PTN04050C Datasheet
1Mb / 17P
[Old version datasheet]   12 - W, 3.3 / 5 - V INPUT, WIDE OUTPUT ADJUSTABLE BOOST CONVERTER
PTN04050A TI-PTN04050A_15 Datasheet
666Kb / 19P
[Old version datasheet]   6-W, 3.3-V/5-V INPUT, WIDE ADJUST OUTPUT, POSITIVE-TO-NEGATIVE CONVERTER
PTN04050A TI-PTN04050A Datasheet
1Mb / 18P
[Old version datasheet]   6-W, 3.3-V/5-V INPUT, WIDE ADJUST OUTPUT, POSITIVE-TO-NEGATIVE CONVERTER
logo
Analog Devices
ADP1073 AD-ADP1073 Datasheet
442Kb / 16P
   Micropower DC.DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1108 AD-ADP1108_15 Datasheet
241Kb / 12P
    Micropower, DC-DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1108 AD-ADP1108 Datasheet
234Kb / 12P
   Micropower DC-DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
logo
Texas Instruments
PT5540 TI-PT5540 Datasheet
195Kb / 8P
[Old version datasheet]   12-W 5-V Input Step-Up (Boost) Integrated Switching Regulator
PTH04040W TI-PTH04040W_15 Datasheet
514Kb / 27P
[Old version datasheet]   60-A, 3.3/5-V INPUT, NONISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PTH04040W TI-PTH04040W Datasheet
994Kb / 24P
[Old version datasheet]   60-A, 3.3/5-V INPUT, NONISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PTH04070W TI-PTH04070W_07 Datasheet
436Kb / 16P
[Old version datasheet]   3-A, 3.3/5-V INPUT ADJUSTABLE SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com