Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4132EMFX-4.1 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM4132EMFX-4.1
Description  LM4132 SOT-23 Precision Low Dropout Voltage Reference
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4132EMFX-4.1 Datasheet(HTML) 4 Page - Texas Instruments

  LM4132EMFX-4.1 Datasheet HTML 1Page - Texas Instruments LM4132EMFX-4.1 Datasheet HTML 2Page - Texas Instruments LM4132EMFX-4.1 Datasheet HTML 3Page - Texas Instruments LM4132EMFX-4.1 Datasheet HTML 4Page - Texas Instruments LM4132EMFX-4.1 Datasheet HTML 5Page - Texas Instruments LM4132EMFX-4.1 Datasheet HTML 6Page - Texas Instruments LM4132EMFX-4.1 Datasheet HTML 7Page - Texas Instruments LM4132EMFX-4.1 Datasheet HTML 8Page - Texas Instruments LM4132EMFX-4.1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
LM4132
SNVS372C – AUGUST 2005 – REVISED APRIL 2013
www.ti.com
Electrical Characteristics
LM4132-2.0 (VOUT = 2.048V)
Limits in standard type are for TJ = 25°C only, and limits in boldface type apply over the junction temperature (TJ) range of -
40°C to +125°C unless otherwise specified. Minimum and Maximum limits are specified through test, design, or statistical
correlation. Typical values represent the most likely parametric norm at TJ = 25°C, and are provided for reference purposes
only. Unless otherwise specified VIN = 5V and ILOAD = 0
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
(1)
(2)
(1)
VREF
Output Voltage Initial Accuracy
LM4132A-2.0
(A Grade - 0.05%)
-0.05
0.05
LM4132B-2.0
(B Grade - 0.1%)
-0.1
0.1
LM4132C-2.0
(C Grade - 0.2%)
-0.2
0.2
%
LM4132D-2.0
(D Grade - 0.4%)
-0.4
0.4
LM4132E-2.0
(E Grade - 0.5%)
-0.5
0.5
TCVREF / °C
Temperature Coefficient
(Note 6)
LM4132A-2.0
0°C
≤ TJ ≤ + 85°C
10
-40°C
≤ TJ ≤ +125°C
20
LM4132B-2.0
20
ppm / °C
LM4132C-2.0
20
-40°C
≤ TJ ≤ +125°C
LM4132D-2.0
20
LM4132E-2.0
30
IQ
Supply Current
60
100
µA
IQ_SD
Supply Current in Shutdown
EN = 0V
3
7
µA
ΔVREF/ΔVIN
Line Regulation
VREF + 400mV ≤ VIN ≤ 5.5V
30
ppm / V
ΔVREF/ΔILOAD
Load Regulation
0mA
≤ ILOAD ≤ 20mA
25
120
ppm / mA
ΔVREF
Long Term Stability(3)
1000 Hrs
50
ppm
Thermal Hysteresis(4)
-40°C
≤ TJ ≤ +125°C
75
VIN - VREF
Dropout Voltage(5)
ILOAD = 10mA
175
400
mV
VN
Output Noise Voltage
0.1 Hz to 10 Hz
190
µVPP
ISC
Short Circuit Current
75
mA
VIL
Enable Pin Maximum Low Input Level
35
%VIN
VIH
Enable Pin Minimum High Input Level
65
%VIN
(1)
Limits are 100% production tested at 25°C. Limits over the operating temperature range are specified through correlation using
Statistical Quality Control.
(2)
Typical numbers are at 25°C and represent the most likely parametric norm.
(3)
Long term stability is VREF @25°C measured during 1000 hrs.
(4)
Thermal hysteresis is defined as the change in +25°C output voltage before and after cycling the device from (-40°C to 125°C).
(5)
Dropout voltage is defined as the minimum input to output differential at which the output voltage drops by 0.5% below the value
measured with a 5V input.
4
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM4132


Similar Part No. - LM4132EMFX-4.1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4132EMFX-4.1 NSC-LM4132EMFX-4.1 Datasheet
863Kb / 15P
   SOT-23 Precision Low Dropout Voltage Reference
LM4132EMFX-4.1 NSC-LM4132EMFX-4.1 Datasheet
1Mb / 20P
   SOT-23 Precision Low Dropout Voltage Reference
logo
Texas Instruments
LM4132EMFX-4.1/NOPB TI1-LM4132EMFX-4.1/NOPB Datasheet
1Mb / 40P
[Old version datasheet]   LM4132, LM4132-Q1 SOT-23 Precision Low Dropout Voltage Reference
LM4132EMFX-4.1/NOPB TI1-LM4132EMFX-4.1/NOPB Datasheet
784Kb / 36P
[Old version datasheet]   SOT-23 Precision Low Dropout Voltage Reference
More results

Similar Description - LM4132EMFX-4.1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4132 TI-LM4132_15 Datasheet
1Mb / 37P
[Old version datasheet]   LM4132/LM4132-Q1 SOT-23 Precision Low Dropout Voltage Reference
LM4132 TI1-LM4132_16 Datasheet
1Mb / 40P
[Old version datasheet]   LM4132, LM4132-Q1 SOT-23 Precision Low Dropout Voltage Reference
logo
National Semiconductor ...
LM4132 NSC-LM4132 Datasheet
863Kb / 15P
   SOT-23 Precision Low Dropout Voltage Reference
LM4132 NSC-LM4132_06 Datasheet
1Mb / 20P
   SOT-23 Precision Low Dropout Voltage Reference
logo
Texas Instruments
LM4132_016 TI1-LM4132_016 Datasheet
784Kb / 36P
[Old version datasheet]   SOT-23 Precision Low Dropout Voltage Reference
logo
Linear Technology
LT1790 LINER-LT1790_15 Datasheet
325Kb / 26P
   Micropower SOT-23 Low Dropout Reference Family
LT1790BIS6-2.5TRPBF LINER-LT1790BIS6-2.5TRPBF Datasheet
325Kb / 26P
   Micropower SOT-23 Low Dropout Reference Family
LT1790BCS6 LINER-LT1790BCS6 Datasheet
325Kb / 26P
   Micropower SOT-23 Low Dropout Reference Family
LT1790 LINER-LT1790 Datasheet
297Kb / 24P
   Micropower SOT-23 Low Dropout Reference Family
logo
Analog Devices
ADR318 AD-ADR318_15 Datasheet
484Kb / 12P
   Precision Low Drift SOT-23 Voltage Reference with Shutdown
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com