Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC3851DW Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # UC3851DW
Description  Programmable, Off-Line, PWM Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC3851DW Datasheet(HTML) 6 Page - Texas Instruments

Back Button UC3851DW Datasheet HTML 2Page - Texas Instruments UC3851DW Datasheet HTML 3Page - Texas Instruments UC3851DW Datasheet HTML 4Page - Texas Instruments UC3851DW Datasheet HTML 5Page - Texas Instruments UC3851DW Datasheet HTML 6Page - Texas Instruments UC3851DW Datasheet HTML 7Page - Texas Instruments UC3851DW Datasheet HTML 8Page - Texas Instruments UC3851DW Datasheet HTML 9Page - Texas Instruments UC3851DW Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
UC1851
UC2851
UC3851
OPEN-LOOP CIRCUIT
High Peak currents associated with capacitive loads necessitate careful grounding techniques. Timing and bypass
capacitors should be connected close to pin 13 in a single ground point.
Programmable Soft Start and Restart Delay Circuit
For further application information see UC1840/UC1841
Data Sheets
UC1851 Power MOSFET Drive Interface
UNITRODE INTEGRATED CIRCUITS
7 CONTINENTAL BLVD.
• MERRIMACK, NH 03054
TEL. (603) 424-2410
• FAX (603) 424-3460
Nominal Frequency =
1
RTCT
= 50kHz
Start Voltage = 3
R1
+ R2 + R3
R2
+ R3
+0.2R1 = 12V
UV Fault Voltage
= 3
R1
+ R2 + R3
R2
+ R3
= 8V
OV Fault Voltage
= 3
R1
+ R2 + R3
R3
= 32V
Current Limit = 200mV
Current Fault Voltage = 600mV
Duty Cycle Clamp = 50%
@VIN = 15V, Duty Cycle = 48%
@VIN = 30V, Duty Cycle = 24%
6


Similar Part No. - UC3851DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3851DW TI1-UC3851DW Datasheet
768Kb / 12P
[Old version datasheet]   All Control, Driving, Monitoring, and Protection Functions Included
UC3851DWG4 TI1-UC3851DWG4 Datasheet
768Kb / 12P
[Old version datasheet]   All Control, Driving, Monitoring, and Protection Functions Included
UC3851DWTR TI1-UC3851DWTR Datasheet
768Kb / 12P
[Old version datasheet]   All Control, Driving, Monitoring, and Protection Functions Included
UC3851DWTRG4 TI1-UC3851DWTRG4 Datasheet
768Kb / 12P
[Old version datasheet]   All Control, Driving, Monitoring, and Protection Functions Included
More results

Similar Description - UC3851DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLUS208 TI1-SLUS208 Datasheet
942Kb / 11P
[Old version datasheet]   Programmable, Off-Line, PWM Controller
UC1851 TI-UC1851 Datasheet
576Kb / 7P
[Old version datasheet]   Programmable, Off-Line, PWM Controller
UC1841 TI-UC1841 Datasheet
923Kb / 9P
[Old version datasheet]   Programmable, Off-Line, PWM Controller
logo
STMicroelectronics
UC1840 STMICROELECTRONICS-UC1840 Datasheet
447Kb / 10P
   PROGRAMMABLE, OFF-LIINE, PWM CONTROLLER
logo
Infineon Technologies A...
ICE2QR0665 INFINEON-ICE2QR0665_10 Datasheet
658Kb / 21P
   Off-Line SMPS Quasi-Resonant PWM Controller
Ver 2.3, April 27, 2010
logo
Dialog Semiconductor
IW1690 DIALOG-IW1690 Datasheet
879Kb / 13P
   Low-Power Off-line Digital PWM Controller
IW1815 DIALOG-IW1815 Datasheet
355Kb / 6P
   Off-Line Digital Green-Mode PWM Controller
IW1692 DIALOG-IW1692 Datasheet
1Mb / 18P
   Low-Power Off-line Digital PWM Controller
logo
Infineon Technologies A...
ICE2QR4765 INFINEON-ICE2QR4765_10 Datasheet
812Kb / 21P
   Off-Line SMPS Quasi-Resonant PWM Controller
Ver 2.1, February 5, 2010
logo
Dialog Semiconductor
IW1689 DIALOG-IW1689 Datasheet
973Kb / 17P
   Low-Power Off-line Digital PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com