Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75160BDWE4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN75160BDWE4
Description  OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75160BDWE4 Datasheet(HTML) 1 Page - Texas Instruments

  SN75160BDWE4 Datasheet HTML 1Page - Texas Instruments SN75160BDWE4 Datasheet HTML 2Page - Texas Instruments SN75160BDWE4 Datasheet HTML 3Page - Texas Instruments SN75160BDWE4 Datasheet HTML 4Page - Texas Instruments SN75160BDWE4 Datasheet HTML 5Page - Texas Instruments SN75160BDWE4 Datasheet HTML 6Page - Texas Instruments SN75160BDWE4 Datasheet HTML 7Page - Texas Instruments SN75160BDWE4 Datasheet HTML 8Page - Texas Instruments SN75160BDWE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
SN75160B
OCTAL GENERAL-PURPOSE
INTERFACE BUS TRANSCEIVER
SLLS004B – OCTOBER 1985 – REVISED MAY 1995
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Meets IEEE Standard 488-1978 (GPIB)
D 8-Channel Bidirectional Transceiver
D Power-Up/Power-Down Protection
(Glitch Free)
D High-Speed, Low-Power Schottky Circuitry
D Low Power Dissipation...72 mW Max Per
Channel
D Fast Propagation Times . . . 22 ns Max
D High-Impedance pnp Inputs
D Receiver Hysteresis... 650 mV Typ
D Open-Collector Driver Output Option
D No Loading of Bus When Device Is
Powered Down (VCC = 0)
description
The SN75160B 8-channel general-purpose interface bus (GPIB) transceiver is a monolithic, high-speed,
low-power Schottky device designed for two-way data communications over single-ended transmission lines.
It is designed to meet the requirements of IEEE Standard 488-1978. The transceiver features driver outputs that
can be operated in either the passive-pullup or 3-state mode. If talk enable (TE) is high, these ports have the
characteristics of passive-pullup outputs when pullup enable (PE) is low and of 3-state outputs when PE is high.
Taking TE low places these ports in the high-impedance state. The driver outputs are designed to handle loads
up to 48 mA of sink current.
Output glitches during power up and power down are eliminated by an internal circuit that disables both the bus
and receiver outputs. The outputs do not load the bus when VCC = 0. When combined with the SN75161B or
SN75162B management bus transceivers, the pair provides the complete 16-wire interface for the IEEE-488
bus.
The SN75160B is characterized for operation from 0
°C to 70°C.
Function Tables
EACH DRIVER
EACH RECEIVER
INPUTS
OUTPUT
INPUTS
OUTPUT
D
TE
PE
B
B
TE
PE
D
H
H
H
H
L
L
X
L
L
HX
L
H
LX
H
H
XL
Z†
X
HX
Z
X
LX
Z†
H = high level,
L = low level,
X = irrelevant,
Z = high impedance
† This is the high-impedance state of a normal 3-state output modified by the internal resistors
to VCC and GND.
Copyright
© 1995, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
TE
B1
B2
B3
B4
B5
B6
B7
B8
GND
VCC
D1
D2
D3
D4
D5
D6
D7
D8
PE
DW OR N PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
GPIB
I/O Ports
Terminal
I/O Ports


Similar Part No. - SN75160BDWE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75160BDW TI-SN75160BDW Datasheet
194Kb / 11P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
More results

Similar Description - SN75160BDWE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS164 TI1-SN75ALS164_14 Datasheet
585Kb / 18P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SN75ALS164 TI-SN75ALS164 Datasheet
198Kb / 13P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SN75ALS162 TI1-SN75ALS162_14 Datasheet
786Kb / 17P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SN75ALS163 TI-SN75ALS163 Datasheet
143Kb / 10P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SN75160B TI-SN75160B Datasheet
194Kb / 11P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SN75ALS165 TI1-SN75ALS165 Datasheet
193Kb / 11P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SN75164B TI1-SN75164B Datasheet
230Kb / 12P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SN75ALS163 TI1-SN75ALS163_13 Datasheet
245Kb / 12P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SN75161B TI-SN75161B Datasheet
227Kb / 14P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN55ALS161 TI-SN55ALS161 Datasheet
222Kb / 16P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com