Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75160BDWG4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN75160BDWG4
Description  OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75160BDWG4 Datasheet(HTML) 4 Page - Texas Instruments

  SN75160BDWG4 Datasheet HTML 1Page - Texas Instruments SN75160BDWG4 Datasheet HTML 2Page - Texas Instruments SN75160BDWG4 Datasheet HTML 3Page - Texas Instruments SN75160BDWG4 Datasheet HTML 4Page - Texas Instruments SN75160BDWG4 Datasheet HTML 5Page - Texas Instruments SN75160BDWG4 Datasheet HTML 6Page - Texas Instruments SN75160BDWG4 Datasheet HTML 7Page - Texas Instruments SN75160BDWG4 Datasheet HTML 8Page - Texas Instruments SN75160BDWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
SN75160B
OCTAL GENERAL-PURPOSE
INTERFACE BUS TRANSCEIVER
SLLS004B – OCTOBER 1985 – REVISED MAY 1995
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC
4.75
5
5.25
V
High-level input voltage, VIH
2
V
Low-level input voltage, VIL
0.8
V
High level output current IOH
Bus ports with pullups active
– 5.2
mA
High-level output current, IOH
Terminal ports
– 800
µA
Low level output current IOL
Bus ports
48
mA
Low-level output current, IOL
Terminal ports
16
mA
Operating free-air temperature, TA
0
70
°C
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
Input clamp voltage
II = – 18 mA
– 0.8
– 1.5
V
Vhys
Hysteresis voltage
(VIT + – VIT –)
Bus
See Figure 8
0.4
0.65
V
VOH
High level output voltage
Terminal
IOH = – 800 µA,
TE at 0.8 V
2.7
3.5
V
VOH
High-level output voltage
Bus
IOH = – 5.2 mA,
PE and TE at 2 V
2.5
3.3
V
VOL
Low level output voltage
Terminal
IOL = 16 mA,
TE at 0.8 V
0.3
0.5
V
VOL
Low-level output voltage
Bus
IOL = 48 mA,
TE at 2 V
0.35
0.5
V
II
Input current at maximum
Terminal
VI =5 5V
02
100
µA
II
input voltage
Terminal
VI = 5.5 V
0.2
100
µA
IIH
High-level input current
Terminal
VI = 2.7 V
0.1
20
µA
IIL
Low-level input current
Terminal
VI = 0.5 V
–10
– 100
µA
VI/O(b )
Voltage at bus port
Driver disabled
II(bus) = 0
2.5
3.0
3.7
V
VI/O(bus)
Voltage at bus port
Driver disabled
II(bus) = – 12 mA
– 1.5
V
VI(bus) = – 1.5 V to 0.4 V
– 1.3
VI(bus) = 0.4 V to 2.5 V
0
– 3.2
Power on
Driver disabled
VI(b ) =2 5Vto3 7V
2.5
II/O(bus)
Current into bus port
Power on
Driver disabled
VI(bus) = 2.5 V to 3.7 V
– 3.2
mA
()
VI(bus) = 3.7 V to 5 V
0
2.5
VI(bus) = 5 V to 5.5 V
0.7
2.5
Power off
VCC = 0,
VI(bus) = 0 to 2.5 V
–40
IOS
Short circuit output current
Terminal
–15
–35
–75
mA
IOS
Short-circuit output current
Bus
–25
–50
– 125
mA
ICC
Supply current
No load
Receivers low and enabled
70
90
mA
ICC
Supply current
No load
Drivers low and enabled
85
110
mA
CI/O(b )
Bus port capacitance
VCC = 0 to 5 V,
VI/O = 0 to 2 V,
16
pF
CI/O(bus)
Bus-port capacitance
CC
f = 1 MHz
I/O
16
pF
† All typical values are at VCC = 5 V, TA = 25°C.


Similar Part No. - SN75160BDWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75160BDW TI-SN75160BDW Datasheet
194Kb / 11P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
More results

Similar Description - SN75160BDWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS164 TI1-SN75ALS164_14 Datasheet
585Kb / 18P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SN75ALS164 TI-SN75ALS164 Datasheet
198Kb / 13P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SN75ALS162 TI1-SN75ALS162_14 Datasheet
786Kb / 17P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SN75ALS163 TI-SN75ALS163 Datasheet
143Kb / 10P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SN75160B TI-SN75160B Datasheet
194Kb / 11P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SN75ALS165 TI1-SN75ALS165 Datasheet
193Kb / 11P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SN75164B TI1-SN75164B Datasheet
230Kb / 12P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SN75ALS163 TI1-SN75ALS163_13 Datasheet
245Kb / 12P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SN75161B TI-SN75161B Datasheet
227Kb / 14P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN55ALS161 TI-SN55ALS161 Datasheet
222Kb / 16P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com