Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-9752701QLA Datasheet(PDF) 1 Page - Texas Instruments

Part # 5962-9752701QLA
Description  10-BIT FET BUS SWITCHES WITH LEVEL SHIFTING
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962-9752701QLA Datasheet(HTML) 1 Page - Texas Instruments

  5962-9752701QLA Datasheet HTML 1Page - Texas Instruments 5962-9752701QLA Datasheet HTML 2Page - Texas Instruments 5962-9752701QLA Datasheet HTML 3Page - Texas Instruments 5962-9752701QLA Datasheet HTML 4Page - Texas Instruments 5962-9752701QLA Datasheet HTML 5Page - Texas Instruments 5962-9752701QLA Datasheet HTML 6Page - Texas Instruments 5962-9752701QLA Datasheet HTML 7Page - Texas Instruments 5962-9752701QLA Datasheet HTML 8Page - Texas Instruments 5962-9752701QLA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
SN54CBTD3384, SN74CBTD3384
10BIT FET BUS SWITCHES
WITH LEVEL SHIFTING
SCDS025R − MAY 1995 − REVISED JANUARY 2004
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 5-Ω Switch Connection Between Two Ports
D TTL-Compatible Input Levels
D Designed to Be Used in Level-Shifting
Applications
SN54CBTD3384 ...JT OR W PACKAGE
SN74CBTD3384 . . . DB, DBQ, DGV, DW, OR PW PACKAGE
(TOP VIEW)
1OE
1B1
1A1
1A2
1B2
1B3
1A3
1A4
1B4
1B5
1A5
GND
VCC
2B5
2A5
2A4
2B4
2B3
2A3
2A2
2B2
2B1
2A1
2OE
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
SN54CBTD3384 . . . FK PACKAGE
(TOP VIEW)
32
1
13 14
5
6
7
8
9
10
11
2A4
2B4
2B3
NC
2A3
2A2
2B2
1A2
1B2
1B3
NC
1A3
1A4
1B4
4
15 16 17 18
28 27 26
12
25
24
23
22
21
20
19
NC − No internal connection
description/ordering information
The ’CBTD3384 devices provide ten bits of high-speed TTL-compatible bus switching. The low on-state
resistance of the switches allows connections to be made without adding propagation delay. A diode to VCC is
integrated on the die to allow for level shifting from 5-V signals at the device inputs to 3.3-V signals at the device
outputs.
These devices are organized as two 5-bit switches with separate output-enable (OE) inputs. When OE is low,
the switch is on, and port A is connected to port B. When OE is high, the switch is open, and the high-impedance
state exists between the two ports.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
SOIC − DW
Tube
SN74CBTD3384DW
CBTD3384
SOIC − DW
Tape and reel
SN74CBTD3384DWR
CBTD3384
SSOP − DB
Tape and reel
SN74CBTD3384DBR
CC384
−40
°C to 85°C
SSOP (QSOP) − DBQ
Tape and reel
SN74CBTD3384DBQR
CBTD3384
−40 C to 85 C
TSSOP − PW
Tube
SN74CBTD3384PW
CC384
TSSOP − PW
Tape and reel
SN74CBTD3384PWR
CC384
TVSOP − DGV
Tape and reel
SN74CBTD3384DGVR
CC384
CDIP − JT
Tube
SNJ54CBTD3384JT
SNJ54CBTD3384JT
−55
°C to 125°C
CFP − W
Tube
SNJ54CBTD3384W
SNJ54CBTD3384W
−55 C to 125 C
LCCC − FK
Tube
SNJ54CBTD3384FK
SNJ54CBTD3384FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
Copyright
 2004, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
On products compliant to MILPRF38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - 5962-9752701QLA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-9752601Q2A TI-5962-9752601Q2A Datasheet
948Kb / 24P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
5962-9752601Q2A TI-5962-9752601Q2A Datasheet
821Kb / 25P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
5962-9752601Q2A TI-5962-9752601Q2A Datasheet
1Mb / 29P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
5962-9752601Q2A TI1-5962-9752601Q2A Datasheet
1Mb / 34P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
5962-9752601QEA TI-5962-9752601QEA Datasheet
948Kb / 24P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
More results

Similar Description - 5962-9752701QLA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54CBTD3384 TI-SN54CBTD3384 Datasheet
90Kb / 6P
[Old version datasheet]   10-BIT FET BUS SWITCHES WITH LEVEL SHIFTING
SN74CBTD3861 TI-SN74CBTD3861 Datasheet
80Kb / 6P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH LEVEL SHIFTING
SN74CBTD3861 TI1-SN74CBTD3861_15 Datasheet
669Kb / 16P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH LEVEL SHIFTING
SN74CBTD3861 TI-SN74CBTD3861_06 Datasheet
303Kb / 13P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH LEVEL SHIFTING
SN74CBTD16211 TI-SN74CBTD16211 Datasheet
87Kb / 6P
[Old version datasheet]   24-BIT FET BUS SWITCH WITH LEVEL SHIFTING
SN74CBTD16211DGVR TI-SN74CBTD16211DGVR Datasheet
330Kb / 12P
[Old version datasheet]   24-BIT FET BUS SWITCH WITH LEVEL SHIFTING
SN74CBTD16210 TI-SN74CBTD16210 Datasheet
87Kb / 6P
[Old version datasheet]   20-BIT FET BUS SWITCH WITH LEVEL SHIFTING
SN74CBTD16210DGGR TI-SN74CBTD16210DGGR Datasheet
352Kb / 12P
[Old version datasheet]   SN74CBTD16210 20-BIT FET BUS SWITCH WITH LEVEL SHIFTING
logo
NXP Semiconductors
CBTD3861 NXP-CBTD3861 Datasheet
342Kb / 16P
   10-bit level shifting bus switch with output enable
Rev. 1-19 August 2010
74CBTLVD3861 PHILIPS-74CBTLVD3861_15 Datasheet
142Kb / 19P
   10-bit level-shifting bus switch with output enable
Rev. 4-14 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com