Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T1610T-6I Datasheet(PDF) 8 Page - STMicroelectronics

Part # T1610T-6I
Description  Snubberless?? logic level and standard 16 A Triacs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T1610T-6I Datasheet(HTML) 8 Page - STMicroelectronics

  T1610T-6I Datasheet HTML 1Page - STMicroelectronics T1610T-6I Datasheet HTML 2Page - STMicroelectronics T1610T-6I Datasheet HTML 3Page - STMicroelectronics T1610T-6I Datasheet HTML 4Page - STMicroelectronics T1610T-6I Datasheet HTML 5Page - STMicroelectronics T1610T-6I Datasheet HTML 6Page - STMicroelectronics T1610T-6I Datasheet HTML 7Page - STMicroelectronics T1610T-6I Datasheet HTML 8Page - STMicroelectronics T1610T-6I Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Ordering information
T16T
8/9
Doc ID 16488 Rev 2
4
Ordering information
5
Revision history
Table 7.
Ordering information
Order code
Marking
Package
Weight
Base qty
Delivery mode
T1610T-6I
T1610T-6I
TO-220AB ins.
2.3 g
50
Tube
T1620T-6I
T1620T-6I
T1635T-6I
T1635T-6I
Table 8.
Document revision history
Date
Revision
Changes
03-Dec-2009
1
Initial release.
18-Jan-2010
2
Updated pag.1.


Similar Part No. - T1610T-6I

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T1610T-8FP STMICROELECTRONICS-T1610T-8FP Datasheet
357Kb / 9P
   Medium current Triac
February 2015 Rev 2
T1610T-8G STMICROELECTRONICS-T1610T-8G Datasheet
237Kb / 12P
   16 A - 800 V logic level T-series Triac in D²PAK
DS12532 - Rev 3 - October 2020
logo
Inchange Semiconductor ...
T1610T-8G ISC-T1610T-8G Datasheet
320Kb / 3P
   isc Triacs
logo
STMicroelectronics
T1610T-8G-TR STMICROELECTRONICS-T1610T-8G-TR Datasheet
237Kb / 12P
   16 A - 800 V logic level T-series Triac in D²PAK
DS12532 - Rev 3 - October 2020
T1610T-8I STMICROELECTRONICS-T1610T-8I Datasheet
179Kb / 10P
   Logic level 16 A Triac
April 2012 Rev 3
More results

Similar Description - T1610T-6I

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
BTA16-600SW KERSEMI-BTA16-600SW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-700B KERSEMI-BTA16-700B Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-600B KERSEMI-BTA16-600B Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-600BW KERSEMI-BTA16-600BW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
logo
STMicroelectronics
T1635-700G-TR STMICROELECTRONICS-T1635-700G-TR Datasheet
114Kb / 10P
   16 A Snubberless?? logic level and standard Triacs
logo
Kersemi Electronic Co.,...
BTA16-800BW KERSEMI-BTA16-800BW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTB16-700CW KERSEMI-BTB16-700CW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTB16-600BW KERSEMI-BTB16-600BW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTB16-700C KERSEMI-BTB16-700C Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-800C KERSEMI-BTA16-800C Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-800SW KERSEMI-BTA16-800SW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com