Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCA9509DGKR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TCA9509DGKR
Description  LEVEL-TRANSLATING I2C/SMBUS BUS REPEATER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCA9509DGKR Datasheet(HTML) 2 Page - Texas Instruments

  TCA9509DGKR Datasheet HTML 1Page - Texas Instruments TCA9509DGKR Datasheet HTML 2Page - Texas Instruments TCA9509DGKR Datasheet HTML 3Page - Texas Instruments TCA9509DGKR Datasheet HTML 4Page - Texas Instruments TCA9509DGKR Datasheet HTML 5Page - Texas Instruments TCA9509DGKR Datasheet HTML 6Page - Texas Instruments TCA9509DGKR Datasheet HTML 7Page - Texas Instruments TCA9509DGKR Datasheet HTML 8Page - Texas Instruments TCA9509DGKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
TCA9509
SCPS225B
– AUGUST 2011 – REVISED JANUARY 2012
www.ti.com
ORDERING INFORMATION
ORDERABLE PART
TA
PACKAGES(1) (2)
TOP-SIDE MARKING
NUMBERS
–40°C to 85°C
TCA9509RVHR
RVH - QFN
Tape and reel
7K
–40°C to 85°C
TCA9509DGKR
DGK - MSOP
Tape and reel
7KQ
(1)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
DESCRIPTION/ORDERING INFORMATION (CONTINUED)
The bus port B drivers are compliant with SMBus I/O levels, while the A side uses a current sensing mechanism
to detect the input or output LOW signal which prevents bus lock-up. The A side uses a 1 mA current source for
pull-up and a 200
Ω pull-down driver. This results in a LOW on the A side accommodating smaller voltage
swings. The output pull-down on the A side internal buffer LOW is set for approximately 0.2 V, while the input
threshold of the internal buffer is set about 50 mV lower than that of the output voltage LOW. When the A side
I/O is driven LOW internally, the LOW is not recognized as a LOW by the input. This prevents a lock-up condition
from occurring. The output pull-down on the B side drives a hard LOW and the input level is set at 0.3 of SMBus
or I2C-bus voltage level which enables B side to connect to any other I2C-bus devices or buffer.
The TCA9509 drivers are not enabled unless VCCA is above 0.8 V and VCCB is above 2.5 V. The enable (EN) pin
can also be used to turn the drivers on and off under system control. Caution should be observed to only change
the state of the EN pin when the bus is idle.
an
2
Submit Documentation Feedback
Copyright
© 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): TCA9509


Similar Part No. - TCA9509DGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9509DGKR TI1-TCA9509DGKR Datasheet
1Mb / 25P
[Old version datasheet]   TCA9509 Level-Translating I2C and SMBUS Bus Repeater
More results

Similar Description - TCA9509DGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9509 TI1-TCA9509 Datasheet
318Kb / 14P
[Old version datasheet]   LEVEL-TRANSLATING I2C/SMBUS BUS REPEATER
JUNE2011
logo
NXP Semiconductors
PCA9509 PHILIPS-PCA9509 Datasheet
101Kb / 16P
   Level translating I2C-bus/SMBus repeater
Rev. 01-27 June 2006
logo
Nuvoton Technology Corp...
NCT5917W NUVOTON-NCT5917W Datasheet
481Kb / 18P
   Level translating I2C-bus/SMBus Repeater
NCT5927W NUVOTON-NCT5927W Datasheet
718Kb / 16P
   Level translating I2C-bus/SMBus Repeater
logo
NXP Semiconductors
PCA9509 NXP-PCA9509 Datasheet
124Kb / 19P
   Level translating I2C-bus/SMBus repeater
Rev. 05-10 July 2009
PCA9509P NXP-PCA9509P Datasheet
1Mb / 23P
   Low power level translating I2C-bus/SMBus repeater
Rev. 1-14 August 2012
PCA9519 PHILIPS-PCA9519 Datasheet
108Kb / 17P
   4-channel level translating I2C-bus/SMBus repeater
Rev. 01-22 June 2006
PCA9519 NXP-PCA9519 Datasheet
121Kb / 18P
   4-channel level translating I2C-bus/SMBus repeater
Rev. 02-13 August 2007
logo
Texas Instruments
TCA9509 TI1-TCA9509_V01 Datasheet
1Mb / 25P
[Old version datasheet]   TCA9509 Level-Translating I2C and SMBUS Bus Repeater
TCA9517A TI1-TCA9517A Datasheet
759Kb / 17P
[Old version datasheet]   LEVEL-TRANSLATING I2C BUS REPEATER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com