Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCCA000718 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # MCCA000718
Description  High Voltage Capacitors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MCCA000718 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button MCCA000718 Datasheet HTML 4Page - List of Unclassifed Manufacturers MCCA000718 Datasheet HTML 5Page - List of Unclassifed Manufacturers MCCA000718 Datasheet HTML 6Page - List of Unclassifed Manufacturers MCCA000718 Datasheet HTML 7Page - List of Unclassifed Manufacturers MCCA000718 Datasheet HTML 8Page - List of Unclassifed Manufacturers MCCA000718 Datasheet HTML 9Page - List of Unclassifed Manufacturers MCCA000718 Datasheet HTML 10Page - List of Unclassifed Manufacturers MCCA000718 Datasheet HTML 11Page - List of Unclassifed Manufacturers MCCA000718 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
HV MLCC
Page <11>
17/04/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
Part Number Table
Description
Size Inch
(mm)
Dielectric
Capacitance Tolerance
Rated
Voltage
(VDC)
Termination
Part Number
Capacitor, 1210, X7R, 630 V, 3.3 nF
1210
(3225)
X7R
3.3 nF
±10%
630 V
Cu / Ni / Sn
MCCA000827
Capacitor, 1210, X7R, 630 V, 4.7 nF
4.7 nF
MCCA000828
Capacitor, 1210, X7R, 630 V, 6.8 nF
6.8 nF
MCCA000829
Capacitor, 1210, X7R, 630 V, 10 nF
10 nF
MCCA000830
Capacitor, 1210, X7R, 630 V, 15 nF
15 nF
MCCA000831
Capacitor, 1210, X7R, 630 V, 22 nF
22 nF
MCCA000832
Capacitor, 1210, X7R, 630 V, 33 nF
33 nF
MCCA000833
Capacitor, 1210, X7R, 630 V, 47 nF
47 nF
MCCA000834
Capacitor, 1210, X7R, 1,000 V, 1 nF
1 nF
1,000 V
MCCA000835
Capacitor, 1210, X7R, 1,000 V, 1.5 nF
1.5 nF
MCCA000836
Capacitor, 1210, X7R, 1,000 V, 2.2 nF
2.2 nF
MCCA000837
Capacitor, 1210, X7R, 1,000 V, 3.3 nF
3.3 nF
MCCA000838
Capacitor, 1210, X7R, 1,000 V, 4.7 nF
4.7 nF
MCCA000839
Capacitor, 1210, X7R, 1,000 V, 6.8 nF
6.8 nF
MCCA000840
Capacitor, 1210, X7R, 1,000 V, 10 nF
10 nF
MCCA000841
Capacitor, 1812, NP0, 1,000 V, 15 pF
1812
(4532)
NP0
(C0G)
15 pF
±5%
MCCA000842
Capacitor, 1812, NP0, 1,000 V, 22 pF
22 pF
MCCA000843
Capacitor, 1812, NP0, 1,000 V, 33 pF
33 pF
MCCA000844
Capacitor, 1812, NP0, 1,000 V, 47 pF
47 pF
MCCA000845
Capacitor, 1812, NP0, 1,000 V, 68 pF
68 pF
MCCA000846
Capacitor, 1812, NP0, 1,000 V, 100 pF
100 pF
MCCA000847
Capacitor, 1812, NP0, 1,000 V, 150 pF
150 pF
MCCA000848
Capacitor, 1812, NP0, 1,000 V, 220 pF
220 pF
MCCA000849
Capacitor, 1812, NP0, 1,000 V, 330 pF
330 pF
MCCA000850
Capacitor, 1812, NP0, 1,000 V, 470 pF
470 pF
MCCA000851
Capacitor, 1812, NP0, 1,000 V, 680 pF
680 pF
MCCA000852
Capacitor, 1812, NP0, 1,000 V, 1 nF
1 nF
MCCA000853
Capacitor, 1812, NP0, 1,000 V, 1.5 nF
1.5 nF
MCCA000854
Capacitor, 1812, NP0, 3,000 V, 10 pF
10 pF
3,000 V
MCCA000855
Capacitor, 1812, NP0, 3,000 V, 15 pF
15 pF
MCCA000856
Capacitor, 1812, NP0, 3,000 V, 22 pF
22 pF
MCCA000857
Capacitor, 1812, NP0, 3,000 V, 33 pF
33 pF
MCCA000858
Capacitor, 1812, NP0, 3,000 V, 47 pF
47 pF
MCCA000859


Similar Part No. - MCCA000718

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MCCA000145 ETC2-MCCA000145 Datasheet
697Kb / 12P
   Multi Layer Ceramic Capacitor
logo
Analog Devices
MCCA000159 AD-MCCA000159 Datasheet
282Kb / 8P
   Evaluation Board for FSK AD5700/AD5700-1 HART Modem
REV. A
MCCA000221 AD-MCCA000221 Datasheet
282Kb / 8P
   Evaluation Board for FSK AD5700/AD5700-1 HART Modem
REV. A
logo
List of Unclassifed Man...
MCCA000269 ETC2-MCCA000269 Datasheet
697Kb / 12P
   Multi Layer Ceramic Capacitor
logo
Analog Devices
MCCA000274 AD-MCCA000274 Datasheet
568Kb / 12P
   Evaluation Board User Guide
REV. 0
More results

Similar Description - MCCA000718

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
S3AX103K2 SEMTECH-S3AX103K2 Datasheet
120Kb / 5P
   High Voltage Capacitors
180PF SEMTECH-180PF Datasheet
118Kb / 5P
   High Voltage Capacitors
logo
Superworld Electronics
V5N100-B-10 SUPERWORLD-V5N100-B-10 Datasheet
361Kb / 10P
   HIGH VOLTAGE CHIP CAPACITORS
V2N2R0L-B-10 SUPERWORLD-V2N2R0L-B-10 Datasheet
258Kb / 8P
   HIGH VOLTAGE CHIP CAPACITORS
logo
Vishay Siliconix
EPR150-104 VISHAY-EPR150-104 Datasheet
692Kb / 3P
   High Voltage DC Capacitors
Revision: 11-Aug-10
logo
Superworld Electronics
V3X471-B-10 SUPERWORLD-V3X471-B-10 Datasheet
364Kb / 10P
   HIGH VOLTAGE CHIP CAPACITORS
V7X103-B-10 SUPERWORLD-V7X103-B-10 Datasheet
469Kb / 13P
   HIGH VOLTAGE CHIP CAPACITORS
logo
List of Unclassifed Man...
DK-6R3D104T ETC2-DK-6R3D104T Datasheet
84Kb / 1P
   High Voltage Tolerance Capacitors
logo
Exxelia Group
CSERIES EXXELIA-CSERIES Datasheet
848Kb / 18P
   High Voltage Chips Capacitors
02/21
logo
TDK Electronics
CK45-B3AD101KYGNA TDK-CK45-B3AD101KYGNA Datasheet
183Kb / 11P
   High Voltage Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com