Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T0835 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # T0835
Description  Professional quality Hacksaws and Junior Hacksaws
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

T0835 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  T0835 Datasheet HTML 1Page - List of Unclassifed Manufacturers T0835 Datasheet HTML 2Page - List of Unclassifed Manufacturers T0835 Datasheet HTML 3Page - List of Unclassifed Manufacturers T0835 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Copyright Carl Kammerling International Ltd
T0814
Quick change hacksaw 300mm
5013969023756
82021000
3
T0903
12
Hacksaw 300mm
5013969412901
82021000
N/A
T0905
Hacksaw 300mm
5013969019384
82021000
3
T0834
Junior hacksaw
5013969408706
82021000
6
T0837
Mini hacksaw and mitre box
5013969062816
82021000
5
T0933R
12
Cekaflex HSS Bi-metal blade 24 tpi
5013969410105
82029100
50
T0934R
12
Cekaflex HSS Bi-metal blade 32 tpi
5013969410303
82029100
50
T0931R
12
Pack of three T0933R 12 HSS Bi-metal blades 24 tpi
5013969409703
82029100
12
T0835
Pack of ten Junior hacksaw blades 32 tpi
5013969408805
82029100
5
Technical product
information
Standards
compliance
None applicable
User health and
safety information
Users are advised to wear safety goggles
RoHS/WEEE
compliance
This product range does not fall within the scope of RoHS or WEEE
regulations
Material safety data
Not applicable
Warranty
C.K tools are guaranteed for life against imperfect materials or
workmanship
Damage caused through inappropriate use is not covered
Country of origin
T0814 – Taiwan
T0903 12 – Italy
T0905 – Taiwan
T0834 – Taiwan
T0837 – Taiwan
T0933R 12 – Germany
T0934R 12 – Germany
T0931R 12 – Germany
T0835 – Germany
Dimensional details
Product only
Product on primary packaging
Item
Width mm
Depth mm
Height mm
Net weight g
Width mm
Depth mm
Height mm
Gross
weight g
T0814
160
35
420
979
160
40
470
1044
T0903 12
130
20
440
545
T0905
145
25
400
550
145
32
440
584
T0834
62
6
245
113
85
9
255
127


Similar Part No. - T0835

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
T0835NMP JSMC-T0835NMP Datasheet
248Kb / 6P
   RoHS products
T0835NMP-O-M-N-B JSMC-T0835NMP-O-M-N-B Datasheet
248Kb / 6P
   RoHS products
More results

Similar Description - T0835

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
49783 ETC2-49783 Datasheet
259Kb / 3P
   Professional Quality Tweezers
702-0400 ETC2-702-0400 Datasheet
415Kb / 1P
   PROFESSIONAL QUALITY - PANEL SOCKET
5911 ETC2-5911 Datasheet
154Kb / 3P
   Professional quality inspection mirrors
T2301 ETC1-T2301 Datasheet
473Kb / 9P
   A range of professional quality tweezers
logo
Kingston Technology Far...
MLPR2 KINGSTON-MLPR2 Datasheet
179Kb / 2P
   CANVAS REACT PLUS SD Creativity and Inspiration in Professional Quality
MLPMR2 KINGSTON-MLPMR2 Datasheet
204Kb / 2P
   CANVAS REACT PLUS microSD Creativity and Inspiration in Professional Quality
logo
OmniVision Technologies...
OV7960 OMNIVISION-OV7960 Datasheet
1Mb / 2P
   Superior Image Quality for Professional Grade CCTV Cameras
OV7962 OMNIVISION-OV7962 Datasheet
981Kb / 2P
   Superior Image Quality for Professional Grade IP Cameras
logo
List of Unclassifed Man...
PH-1100K ETC2-PH-1100K Datasheet
231Kb / 6P
   Compact Light Weight Easy-to-Use Professional Quality Heat Guns
PH-1300 ETC2-PH-1300 Datasheet
231Kb / 6P
   Compact Light Weight Easy-to-Use Professional Quality Heat Guns
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com