Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL16C554A Datasheet(PDF) 11 Page - Texas Instruments

Part # TL16C554A
Description  ASYNCHRONOUS-COMMUNICATIONS ELEMENT
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL16C554A Datasheet(HTML) 11 Page - Texas Instruments

Back Button TL16C554A_13 Datasheet HTML 7Page - Texas Instruments TL16C554A_13 Datasheet HTML 8Page - Texas Instruments TL16C554A_13 Datasheet HTML 9Page - Texas Instruments TL16C554A_13 Datasheet HTML 10Page - Texas Instruments TL16C554A_13 Datasheet HTML 11Page - Texas Instruments TL16C554A_13 Datasheet HTML 12Page - Texas Instruments TL16C554A_13 Datasheet HTML 13Page - Texas Instruments TL16C554A_13 Datasheet HTML 14Page - Texas Instruments TL16C554A_13 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
TL16C554A, TL16C554AI
ASYNCHRONOUS-COMMUNICATIONS ELEMENT
SLLS509E − AUGUST 2001 − REVISED JUNE 2010
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
transmitter switching characteristics over recommended ranges of operating free-air temperature
and supply voltage (see Figures 6, 7, and 8)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
td5
Delay time, INTx
↓ to TXx↓ at start
See Note 7
8
24
RCLK
cycles
td6
Delay time, TXx
↓ at start to INTx↑
See Note 5
8
8
RCLK
cycles
td7
Delay time, IOW high or low (WR THR) to INTx
See Note 5
16
32
RCLK
cycles
td8
Delay time, TXx
↓ at start to TXRDY↓
CL = 100 pF
8
RCLK
cycles
tpd1
Propagation delay time, IOW (WR THR)
↓ to INTx↓
CL = 100 pF
35
ns
tpd2
Propagation delay time, IOR (RD IIR)
↑ to INTx↓
CL = 100 pF
30
ns
tpd3
Propagation delay time, IOW (WR THR)
↑ to TXRDY↑
CL = 100 pF
50
ns
NOTE 5: If the transmitter interrupt delay is active, this delay is lengthened by one character time minus the last stop-bit time.
receiver switching characteristics over recommended ranges of operating free-air temperature
and supply voltage (see Figures 9 through 13)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
td9
Delay time, stop bit to INTx
↑ or stop bit to RXRDY↓ or read RBR to set interrupt
See Note 6
1
RCLK
cycle
tpd4
Propagation delay time, Read RBR/LSR to INTx
↓/LSR interrupt↓
CL = 100 pF,
See Note 7
40
ns
tpd5
Propagation delay time, IOR RCLK
↓ to RXRDY↑
See Note 7
30
ns
NOTES:
6. The receiver data available indicator, the overrun error indicator, the trigger level interrupts, and the active RXRDY indicator are
delayed three RCLK (internal receiver timing clock) cycles in the FIFO mode (FCR0 = 1). After the first byte has been received, status
indicators (PE, FE, BI) are delayed three RCLK cycles. These indicators are updated immediately for any further bytes received after
IOR goes active for a read from the RBR register. There are eight RCLK cycle delays for trigger change level interrupts.
7. RCLK and baudout are internal signals derived from divisor latches LSB (DLL) and MSB (DLM) and input clock.
modem control switching characteristics over recommended ranges of operating free-air
temperature and supply voltage, CL = 100 pF (see Figures 14, 15, 16, and 17)
PARAMETER
MIN
MAX
UNIT
tpd6
Propagation delay time, IOW (WR MCR)
↑ to RTSx, DTRx↑
50
ns
tpd7
Propagation delay time, modem input CTSx, DSRx, and DCDx
↓↑ to INTx↑
30
ns
tpd8
Propagation delay time, IOR (RD MSR)
↑ to interrupt↓
35
ns
tpd9
Propagation delay time, RIx
↑ to INTx↑
30
ns
tpd10
Propagation delay time, CTS low to SOUT
↓ (See Note 7)
24
baudout
cycles
tsu6
Setup time CTS high to midpoint of Tx stop bit
2
baudout
cycles
tpd11
Propagation delay time, RCV threshold byte to RTS
2
baudout
cycles
tpd12
Propagation delay time, IOR (RD RBR) low (read of last byte in receive FIFO) to RTS
2
baudout
cycles
tpd13
Propagation delay time, first data bit of 16th character to RTS
2
baudout
cycles
tpd14
Propagation delay time, IOR (RD RBR) low to RTS
2
baudout
cycles
7. RCLK and baudout are internal signals derived from divisor latches LSB (DLL) and MSB (DLM) and input clock.


Similar Part No. - TL16C554A_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C554AI TI-TL16C554AI Datasheet
605Kb / 10P
[Old version datasheet]   ASYNCHRONOUS-COMMUNICATIONS ELEMENT
More results

Similar Description - TL16C554A_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C450 TI-TL16C450 Datasheet
350Kb / 25P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554 TI-TL16C554 Datasheet
478Kb / 33P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554A TI-TL16C554A Datasheet
605Kb / 10P
[Old version datasheet]   ASYNCHRONOUS-COMMUNICATIONS ELEMENT
TL16C550A TI-TL16C550A Datasheet
434Kb / 31P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C550B TI-TL16C550B Datasheet
499Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554FNR TI-TL16C554FNR Datasheet
589Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C450 TI1-TL16C450_09 Datasheet
395Kb / 27P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C552AFNR TI-TL16C552AFNR Datasheet
473Kb / 38P
[Old version datasheet]   DUAL ASYNCHRONOUS COMMUNICATIONS ELEMENT
logo
Intersil Corporation
82C50A INTERSIL-82C50A Datasheet
101Kb / 21P
   CMOS Asynchronous Communications Element
March 1997
logo
IK Semicon Co., Ltd
IN16C554PL IKSEMICON-IN16C554PL Datasheet
426Kb / 24P
   QUAD-UART ASYNCHRONOUS COMMUNICATIONS ELEMENT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com