Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL16C554AFNRG4 Datasheet(PDF) 8 Page - Texas Instruments

Part # TL16C554AFNRG4
Description  ASYNCHRONOUS-COMMUNICATIONS ELEMENT
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL16C554AFNRG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TL16C554AFNRG4 Datasheet HTML 4Page - Texas Instruments TL16C554AFNRG4 Datasheet HTML 5Page - Texas Instruments TL16C554AFNRG4 Datasheet HTML 6Page - Texas Instruments TL16C554AFNRG4 Datasheet HTML 7Page - Texas Instruments TL16C554AFNRG4 Datasheet HTML 8Page - Texas Instruments TL16C554AFNRG4 Datasheet HTML 9Page - Texas Instruments TL16C554AFNRG4 Datasheet HTML 10Page - Texas Instruments TL16C554AFNRG4 Datasheet HTML 11Page - Texas Instruments TL16C554AFNRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
TL16C554A, TL16C554AI
ASYNCHRONOUS-COMMUNICATIONS ELEMENT
SLLS509E − AUGUST 2001 − REVISED JUNE 2010
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions, standard voltage (5 V-nominal)
MIN
NOM
MAX
UNIT
Supply voltage, VCC
4.75
5
5.25
V
Clock high-level input voltage at XTAL1, VIH(CLK)
2
VCC
V
Clock low-level input voltage at XTAL1, VIL(CLK)
− 0.5
0.8
V
High-level input voltage, VIH
2
VCC
V
Low-level input voltage, VIL
− 0.5
0.8
V
Clock frequency, fclock
16
MHz
Operating free air temperature T
TL16C554A
0
70
°C
Operating free-air temperature, TA
TL16C554AI
−40
85
°C
electrical characteristics over recommended ranges of operating free-air temperature and supply
voltage, standard voltage (5-V nominal) (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH‡
High-level output voltage
IOH = − 1 mA
2.4
V
VOL‡
Low-level output voltage
IOL = 1.6 mA
0.4
V
IIkg
Input leakage current
VCC = 5.25 V,
GND = 0,
VI = 0 to 5.25 V,
All other terminals floating
±10
μA
IOZ
High-impedance output
current
VCC = 5.25 V,
GND = 0,
VO = 0 to 5.25 V,
Chip selected in write mode or chip deselected
±20
μA
ICC
Supply current
VCC = 5.25 V,
TA = 25°C,
RX, DSR, DCD, CTS, and RI at 2 V,
All other inputs at 0.8 V, XTAL1 at 4 MHz,
No load on outputs,
Baud rate = 50 kilobits per second
50
mA
Ci(XTAL1)
Clock input capacitance
15
20
pF
Co(XTAL2)
Clock output capacitance
VCC = 0,
VSS = 0, all other terminals grounded,
20
30
pF
Ci
Input capacitance
VCC = 0,
VSS = 0, all other terminals grounded,
f = 1 MHz, TA = 25°C
6
10
pF
Co
Output capacitance
10
20
pF
All typical values are at VCC = 5 V, TA = 25°C.
These parameters apply for all outputs except XTAL2.


Similar Part No. - TL16C554AFNRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C554A TI-TL16C554A Datasheet
605Kb / 10P
[Old version datasheet]   ASYNCHRONOUS-COMMUNICATIONS ELEMENT
TL16C554AI TI-TL16C554AI Datasheet
605Kb / 10P
[Old version datasheet]   ASYNCHRONOUS-COMMUNICATIONS ELEMENT
More results

Similar Description - TL16C554AFNRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C450 TI-TL16C450 Datasheet
350Kb / 25P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554 TI-TL16C554 Datasheet
478Kb / 33P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554A TI-TL16C554A Datasheet
605Kb / 10P
[Old version datasheet]   ASYNCHRONOUS-COMMUNICATIONS ELEMENT
TL16C550A TI-TL16C550A Datasheet
434Kb / 31P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C550B TI-TL16C550B Datasheet
499Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554FNR TI-TL16C554FNR Datasheet
589Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C450 TI1-TL16C450_09 Datasheet
395Kb / 27P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C552AFNR TI-TL16C552AFNR Datasheet
473Kb / 38P
[Old version datasheet]   DUAL ASYNCHRONOUS COMMUNICATIONS ELEMENT
logo
Intersil Corporation
82C50A INTERSIL-82C50A Datasheet
101Kb / 21P
   CMOS Asynchronous Communications Element
March 1997
logo
IK Semicon Co., Ltd
IN16C554PL IKSEMICON-IN16C554PL Datasheet
426Kb / 24P
   QUAD-UART ASYNCHRONOUS COMMUNICATIONS ELEMENT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com