Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM8S28 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SM8S28
Description  Surface Mount PAR® Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SM8S28 Datasheet(HTML) 4 Page - Vishay Siliconix

  SM8S28 Datasheet HTML 1Page - Vishay Siliconix SM8S28 Datasheet HTML 2Page - Vishay Siliconix SM8S28 Datasheet HTML 3Page - Vishay Siliconix SM8S28 Datasheet HTML 4Page - Vishay Siliconix SM8S28 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
New Product
SM8S10 thru SM8S43A
www.vishay.com
Vishay General Semiconductor
Revision: 14-Sep-11
4
Document Number: 88387
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 5 - Typical Transient Thermal Impedance
Fig. 6 - Typical Junction Capacitance
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
t - Pulse Width (s)
100
10
1
0.1
0.01
0.01
0.1
1
10
100
RθJC
RθJA
VWM - Reverse Stand-Off Voltage (V)
100 000
10 000
1000
10
40
35
30
25
20
15
45
Measured at Stand-Off
Voltage V
WM
Measured at Zero Bias
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
DO-218AB
Mounting Pad Layout
0.413 (10.5)
0.374 (9.5)
0.091 (2.3)
0.067 (1.7)
0.116 (3.0)
0.093 (2.4)
0.150 (3.8)
0.126 (3.2)
0.366 (9.3)
0.343 (8.7)
0.606 (15.4)
0.583 (14.8)
0.116 (3.0)
0.093 (2.4)
0.628 (16.0)
0.592 (15.0)
0.539 (13.7)
0.524 (13.3)
0.366 (9.3)
0.343 (8.7)
0.406 (10.3)
0.382 (9.7)
0.342 (8.7)
0.327 (8.3)
0.413 (10.5)
0.374 (9.5)
0.028 (0.7)
0.020 (0.5)
0.138 (3.5)
0.098 (2.5)
Lead 1
0.098 (2.5)
0.059 (1.5)
Lead 2/Metal Heatsink
0.197 (5.0)
0.185 (4.7)
0.016 (0.4) MIN.


Similar Part No. - SM8S28

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SM8S28 VISHAY-SM8S28 Datasheet
63Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
04-Jun-04
logo
Shanghai Shunye Electro...
SM8S28 SHUNYE-SM8S28 Datasheet
217Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
logo
Vishay Siliconix
SM8S28 VISHAY-SM8S28 Datasheet
115Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 21-Oct-08
logo
Shanghai Semitech Semic...
SM8S28 SEMITECH-SM8S28 Datasheet
204Kb / 4P
   Surface mount package
logo
Vishay Siliconix
SM8S28 VISHAY-SM8S28 Datasheet
97Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 20-Apr-11
More results

Similar Description - SM8S28

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SM8A27T VISHAY-SM8A27T Datasheet
96Kb / 5P
   Surface Mount PAR® Transient Voltage Suppressors
Revision: 24-Mar-15
SM5S24AHE3-2D VISHAY-SM5S24AHE3-2D Datasheet
87Kb / 5P
   Surface Mount PAR® Transient Voltage Suppressors
Revision: 14-Sep-11
TPSMB30AHE3-5BT VISHAY-TPSMB30AHE3-5BT Datasheet
90Kb / 5P
   Surface Mount PAR® Transient Voltage Suppressors
Revision: 05-Oct-12
SM8S10AT VISHAY-SM8S10AT_V01 Datasheet
123Kb / 5P
   Surface Mount PAR® Transient Voltage Suppressors
01-Jan-2022
TPSMA43A VISHAY-TPSMA43A_V01 Datasheet
96Kb / 5P
   Surface-Mount PAR® Transient Voltage Suppressors
01-Jan-2022
TPSMB43A VISHAY-TPSMB43A_V01 Datasheet
99Kb / 5P
   Surface-Mount PAR® Transient Voltage Suppressors
01-Jan-2022
3KASMC13AHE3-57T VISHAY-3KASMC13AHE3-57T Datasheet
93Kb / 5P
   Surface Mount PAR® Transient Voltage Suppressors
Revision: 14-Dec-12
SM8S10AT VISHAY-SM8S10AT Datasheet
99Kb / 5P
   Surface Mount PAR® Transient Voltage Suppressors
Revision: 20-Mar-15
TPC36CA VISHAY-TPC36CA_V01 Datasheet
92Kb / 5P
   Surface Mount PAR® Transient Voltage Suppressors
01-Jan-2022
TPSMC47A VISHAY-TPSMC47A_V01 Datasheet
97Kb / 5P
   Surface Mount PAR® Transient Voltage Suppressors
01-Jan-2022
TPC51A VISHAY-TPC51A Datasheet
102Kb / 5P
   Surface Mount PAR® Transient Voltage Suppressors
01-Jan-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com