Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCCA000731 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MCCA000731
Description  High Voltage Capacitors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MCCA000731 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MCCA000731 Datasheet HTML 1Page - List of Unclassifed Manufacturers MCCA000731 Datasheet HTML 2Page - List of Unclassifed Manufacturers MCCA000731 Datasheet HTML 3Page - List of Unclassifed Manufacturers MCCA000731 Datasheet HTML 4Page - List of Unclassifed Manufacturers MCCA000731 Datasheet HTML 5Page - List of Unclassifed Manufacturers MCCA000731 Datasheet HTML 6Page - List of Unclassifed Manufacturers MCCA000731 Datasheet HTML 7Page - List of Unclassifed Manufacturers MCCA000731 Datasheet HTML 8Page - List of Unclassifed Manufacturers MCCA000731 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
HV MLCC
Page <2>
17/04/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
Constructions
Number
Name
NPO / X7R / X7E
NPO / X7R / X5R / Y5V
1
Ceramic material
BaTiO3 based
2
Inner electrode
AgPd alloy
Ni
3
Termination
Inner layer
Ag
Cu
4
Middle layer
Ni
5
Outer layer
Sn (Matt)
The construction of MLCC
Storage and handling conditions
(1) To store products at 5 to 40°C ambient temperature and 20 to 70% related humidity conditions
(2) The product is recommended to be used within 6 months after shipment. Check solderability in case of shelf life extension
is needed
Cautions:
a. Don’t store products in a corrosive environment such as sulphide, chloride gas, or acid. It may cause oxidization of electrode,
which easily be resulted in poor soldering.
b. To store products on the shelf and avoid exposure to moisture.
c. Don’t expose products to excessive shock, vibration, direct sunlight and so on.


Similar Part No. - MCCA000731

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MCCA000145 ETC2-MCCA000145 Datasheet
697Kb / 12P
   Multi Layer Ceramic Capacitor
logo
Analog Devices
MCCA000159 AD-MCCA000159 Datasheet
282Kb / 8P
   Evaluation Board for FSK AD5700/AD5700-1 HART Modem
REV. A
MCCA000221 AD-MCCA000221 Datasheet
282Kb / 8P
   Evaluation Board for FSK AD5700/AD5700-1 HART Modem
REV. A
logo
List of Unclassifed Man...
MCCA000269 ETC2-MCCA000269 Datasheet
697Kb / 12P
   Multi Layer Ceramic Capacitor
logo
Analog Devices
MCCA000274 AD-MCCA000274 Datasheet
568Kb / 12P
   Evaluation Board User Guide
REV. 0
More results

Similar Description - MCCA000731

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
S3AX103K2 SEMTECH-S3AX103K2 Datasheet
120Kb / 5P
   High Voltage Capacitors
180PF SEMTECH-180PF Datasheet
118Kb / 5P
   High Voltage Capacitors
logo
Superworld Electronics
V5N100-B-10 SUPERWORLD-V5N100-B-10 Datasheet
361Kb / 10P
   HIGH VOLTAGE CHIP CAPACITORS
V2N2R0L-B-10 SUPERWORLD-V2N2R0L-B-10 Datasheet
258Kb / 8P
   HIGH VOLTAGE CHIP CAPACITORS
logo
Vishay Siliconix
EPR150-104 VISHAY-EPR150-104 Datasheet
692Kb / 3P
   High Voltage DC Capacitors
Revision: 11-Aug-10
logo
Superworld Electronics
V3X471-B-10 SUPERWORLD-V3X471-B-10 Datasheet
364Kb / 10P
   HIGH VOLTAGE CHIP CAPACITORS
V7X103-B-10 SUPERWORLD-V7X103-B-10 Datasheet
469Kb / 13P
   HIGH VOLTAGE CHIP CAPACITORS
logo
List of Unclassifed Man...
DK-6R3D104T ETC2-DK-6R3D104T Datasheet
84Kb / 1P
   High Voltage Tolerance Capacitors
logo
Exxelia Group
CSERIES EXXELIA-CSERIES Datasheet
848Kb / 18P
   High Voltage Chips Capacitors
02/21
logo
TDK Electronics
CK45-B3AD101KYGNA TDK-CK45-B3AD101KYGNA Datasheet
183Kb / 11P
   High Voltage Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com