Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL852CDR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TL852CDR
Description  SONAR RANGING RECEIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL852CDR Datasheet(HTML) 4 Page - Texas Instruments

  TL852CDR Datasheet HTML 1Page - Texas Instruments TL852CDR Datasheet HTML 2Page - Texas Instruments TL852CDR Datasheet HTML 3Page - Texas Instruments TL852CDR Datasheet HTML 4Page - Texas Instruments TL852CDR Datasheet HTML 5Page - Texas Instruments TL852CDR Datasheet HTML 6Page - Texas Instruments TL852CDR Datasheet HTML 7Page - Texas Instruments TL852CDR Datasheet HTML 8Page - Texas Instruments TL852CDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TL852
SONAR RANGING RECEIVER
SLSS003 − SEPTEMBER 1983 − REVISED MARCH 1988
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
APPLICATION INFORMATION
detect level versus gain step
Detect level is measured by applying a 15-cycle burst of 49.4 kHz square wave just after the beginning of the
gain step to be tested. The least burst amplitude that makes REC reach the trip level is defined to be the detect
level. System gain is then inversely proportional to detect level. See the test circuit in Figure 1.
490 k
5 k
5 k
R1
0.01
µF
0.0022
µF
21 mH
500 pF
0.01
µF
L1
1 mH
8
7
6
5
4
3
2
1
VCC
1000 pF
Trip
Level
Detect
15-Cycle
49.4-kHz
Variable-Amplitude
Burst Generator
68 k
9
10
11
12
13
14
15
16
BIAS
G2IN
G1OUT
VCC
LC
GADJ
XIN
G1IN
REC
NC
NC
GCC
GCB
GCA
GCD
GND
TL331
15 Pulses
Trip Level
Input
Signal
Rec
Output
Comparator
Output
All Resistors
±1%, 1/4 W
All Capacitors
±1%, Film
L1 Q > 60 at 50 kHz
C1 Q > 500 at 50 kHz
Figure 1. Detect-Level Measurement Circuit and Waveforms


Similar Part No. - TL852CDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL852 TI1-TL852 Datasheet
85Kb / 7P
[Old version datasheet]   Overall Gain Adjustable With One External Resistor
More results

Similar Description - TL852CDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL851CDR TI1-TL851CDR Datasheet
585Kb / 13P
[Old version datasheet]   SONAR RANGING CONTROL
logo
List of Unclassifed Man...
SRM400 ETC2-SRM400 Datasheet
108Kb / 2P
   Sonar Ranging Module
logo
Texas Instruments
TL851CDR TI-TL851CDR Datasheet
585Kb / 13P
[Old version datasheet]   SONAR RANGING CONTROL
TL851 TI-TL851 Datasheet
82Kb / 6P
[Old version datasheet]   SONAR RANGING CONTROL
logo
List of Unclassifed Man...
PW0268 ETC2-PW0268 Datasheet
534Kb / 14P
   Ultrasonic Sonar Ranging IC
logo
Murata Manufacturing Co...
MA58MF14-7N MURATA-MA58MF14-7N Datasheet
186Kb / 3P
   Back sonar for automotive
logo
ADL Embedded Solutions
ADLQM67PC-3517UE ADL-ADLQM67PC-3517UE_18 Datasheet
346Kb / 4P
   Radar and sonar processing
ADLQM87HD ADL-ADLQM87HD_18 Datasheet
573Kb / 4P
   Radar and sonar processing
logo
List of Unclassifed Man...
9201 ETC2-9201 Datasheet
2Mb / 4P
   Multi-ranging operation
logo
ams AG
AS8413 AMSCO-AS8413 Datasheet
125Kb / 15P
   HIGH PERFORMANCE AUTOMOTIVE SONAR INTRUSION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com