Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2322ID Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2322ID
Description  LinCMOSE LOW-VOLTAGE LOW-POWER OPERATIONAL AMPLIFIERS
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2322ID Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV2322ID Datasheet HTML 5Page - Texas Instruments TLV2322ID Datasheet HTML 6Page - Texas Instruments TLV2322ID Datasheet HTML 7Page - Texas Instruments TLV2322ID Datasheet HTML 8Page - Texas Instruments TLV2322ID Datasheet HTML 9Page - Texas Instruments TLV2322ID Datasheet HTML 10Page - Texas Instruments TLV2322ID Datasheet HTML 11Page - Texas Instruments TLV2322ID Datasheet HTML 12Page - Texas Instruments TLV2322ID Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
TLV2322, TLV2322Y, TLV2324, TLV2324Y
LinCMOS
™ LOW-VOLTAGE LOW-POWER
OPERATIONAL AMPLIFIERS
SLOS187 – FEBRUARY 1997
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TLV2324I operating characteristics at specified free-air temperature, VDD = 3 V
PARAMETER
TEST CONDITIONS
TA
TLV2324I
UNIT
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
VIC =1V
VI(PP) =1V
25
°C
002
SR
Slew rate at unity gain
VIC = 1 V,
RL =1MΩ
VI(PP) = 1 V,
CL =20 pF
25
°C
0.02
V/
µs
SR
Slew rate at unity gain
RL = 1 MΩ,
SFi
35
CL = 20 pF,
85
°C
002
V/
µs
See Figure 35
85
°C
0.02
V
Equivalent input noise voltage
f = 1 kHz,
RS = 20 Ω,
25
°C
68
nV
√/Hz
Vn
Equivalent input noise voltage
,
See Figure 36
S
,
25
°C
68
nV
√/Hz
BOM
Maximum output swing bandwidth
VO = VOH,
CL = 20 pF,
25
°C
2.5
kHz
BOM
Maximum output-swing bandwidth
OOH,
RL = 1 MΩ,
L
,
See Figure 35
85
°C
2
kHz
B1
Unity gain bandwidth
VI = 10 mV,
CL = 20 pF,
25
°C
27
kHz
B1
Unity-gain bandwidth
I
,
RL = 1 MΩ,
L
,
See Figure 37
85
°C
21
kHz
VI = 10 mV,
f = B1,
–40
°C
39
°
φm
Phase margin
VI 10 mV,
CL = 20 pF,
f
B1,
RL = 1 MΩ,
25
°C
34
°
See Figure 37
85
°C
28
°
TLV2324I operating characteristics at specified free-air temperature, VDD = 5 V
PARAMETER
TEST CONDITIONS
TA
TLV2324I
UNIT
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
VIC =1V
VI(PP)=1V
25
°C
0.03
SR
Slew rate at unity gain
VIC = 1 V,
RL = 1 MΩ,
VI(PP)= 1 V
85
°C
0.03
V/
µs
SR
Slew rate at unity gain
L
,
CL = 20 pF,
SFi
35
VI(PP) =2 5V
25
°C
0.03
V/
µs
See Figure 35
VI(PP) = 2.5 V
85
°C
0.02
V
Equivalent input noise voltage
f = 1 kHz,
RS = 20 Ω,
25
°C
68
nV/
√Hz
Vn
Equivalent input noise voltage
,
See Figure 36
S
,
25
°C
68
nV/
√Hz
BOM
Maximum output swing bandwidth
VO = VOH,
CL = 20 pF,
25
°C
5
kHz
BOM
Maximum output-swing bandwidth
OOH,
RL = 1 MΩ,
L
,
See Figure 35
85
°C
4
kHz
B1
Unity gain bandwidth
VI = 10 mV,
CL = 20 pF,
25
°C
85
kHz
B1
Unity-gain bandwidth
I
,
RL = 1 MΩ,
L
,
See Figure 37
85
°C
55
kHz
VI = 10 mV,
f = B1,
–40
°C
38
°
φm
Phase margin
VI 10 mV,
CL = 20 pF,
f
B1,
RL = 1 MΩ,
25
°C
34
°
See Figure 37
85
°C
28
°


Similar Part No. - TLV2322ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2322ID TI-TLV2322ID Datasheet
502Kb / 33P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE LOW-POWER OPERATIONAL AMPLIFIERS
More results

Similar Description - TLV2322ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2322 TI-TLV2322 Datasheet
502Kb / 33P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE LOW-POWER OPERATIONAL AMPLIFIERS
TLC27L1 TI-TLC27L1 Datasheet
520Kb / 32P
[Old version datasheet]   LinCMOSE LOW-POWER OPERATIONAL AMPLIFIERS
TLV2332 TI1-TLV2332_16 Datasheet
988Kb / 33P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE MEDIUM-POWER OPERATIONAL AMPLIFIERS
TLV2332 TI-TLV2332 Datasheet
500Kb / 33P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE MEDIUM-POWER OPERATIONAL AMPLIFIERS
TLC27L1 TI1-TLC27L1_08 Datasheet
519Kb / 32P
[Old version datasheet]   LinCMOSE LOW-POWER OPERATIONAL AMPLIFIERS
TLV2341 TI-TLV2341 Datasheet
748Kb / 51P
[Old version datasheet]   LinCMOSE PROGRAMMABLE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2341 TI1-TLV2341_16 Datasheet
745Kb / 53P
[Old version datasheet]   LinCMOSE PROGRAMMABLE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
TLC251 TI-TLC251 Datasheet
273Kb / 18P
[Old version datasheet]   LinCMOSE PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
TLC271 TI-TLC271 Datasheet
1Mb / 74P
[Old version datasheet]   LinCMOSE PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
TLC271 TI-TLC271_01 Datasheet
1Mb / 82P
[Old version datasheet]   LinCMOSE PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com