Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC1543QDW Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLC1543QDW
Description  10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC1543QDW Datasheet(HTML) 2 Page - Texas Instruments

  TLC1543QDW Datasheet HTML 1Page - Texas Instruments TLC1543QDW Datasheet HTML 2Page - Texas Instruments TLC1543QDW Datasheet HTML 3Page - Texas Instruments TLC1543QDW Datasheet HTML 4Page - Texas Instruments TLC1543QDW Datasheet HTML 5Page - Texas Instruments TLC1543QDW Datasheet HTML 6Page - Texas Instruments TLC1543QDW Datasheet HTML 7Page - Texas Instruments TLC1543QDW Datasheet HTML 8Page - Texas Instruments TLC1543QDW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
www.ti.com
14-Channel
Analog
Multiplexer
4
10
10
4
REF+
REF −
DATA
OUT
ADDRESS
I/O CLOCK
CS
3
EOC
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
1
2
3
4
5
6
7
8
9
11
12
18
15
17
19
16
14
13
10-Bit
Analog-to-Digital
Converter
(switched capacitors)
Sample and
Hold
Input Address
Register
Self-Test
Reference
Output
Data
Register
System Clock,
Control Logic,
and I/O
Counters
10-to-1 Data
Selector and
Driver
TYPICAL EQUIVALENT INPUTS
INPUT CIRCUIT IMPEDANCE DURING SAMPLING MODE
INPUT CIRCUIT IMPEDANCE DURING HOLD MODE
1 k
Ω TYP
Ci = 60 pF TYP
(equivalent input
capacitance)
5 M
Ω TYP
A0 −A10
A0 −A10
TLC1542I,, TLC1542M,, TLC1542Q
TLC1542C, TLC1543C, TLC1543I, TLC1543Q
SLAS052G – MARCH 1992 – REVISED JANUARY 2006
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
AVAILABLE OPTIONS
PACKAGE
SMALL
TA
SMALL OUTLINE
CHIP CARRIER
PLASTIC DIP
CHIP CARRIER
CERAMIC DIP
OUTLINE
(DW)
(FN)
(N)
(FK)
(J)
(DB)
TLC1542CDW
TLC1542CFN
TLC1542CN
0
°C to 70°C
TLC1543CDB
TLC1543CDW
TLC1543CFN
TLC1543CN
TLC1542IDW
TLC1542IFN
TLC1542IN
-40
°C to 85°C
TLC1543IDB
TLC1543IDW
TLC1543IFN
TLC1543IN
TLC1542QFN
-40
°C to 125°C
TLC1543QDB
TLC1543QDW
TLC1543QFN
-55
°C to 125°C
TLC1542MFK
TLC1542MJ
FUNCTIONAL BLOCK DIAGRAM
2
Submit Documentation Feedback


Similar Part No. - TLC1543QDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC1543QDW TI-TLC1543QDW Datasheet
424Kb / 27P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC1543QDW TI1-TLC1543QDW Datasheet
1Mb / 34P
[Old version datasheet]    10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC1543QDWG4 TI1-TLC1543QDWG4 Datasheet
1Mb / 34P
[Old version datasheet]    10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC1543QDWR TI1-TLC1543QDWR Datasheet
1Mb / 34P
[Old version datasheet]    10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC1543QDWREP TI1-TLC1543QDWREP Datasheet
737Kb / 25P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11ANALOG INPUTS
More results

Similar Description - TLC1543QDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC1542C TI-TLC1542C Datasheet
424Kb / 27P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC1542I TI1-TLC1542I_14 Datasheet
1Mb / 34P
[Old version datasheet]    10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV1543 TI-TLV1543 Datasheet
611Kb / 26P
[Old version datasheet]   3.3V 10 BIT ANALOG TO DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV2543IDBR TI1-TLV2543IDBR Datasheet
536Kb / 28P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543C TI-TLC2543C Datasheet
431Kb / 27P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV2543IDB TI-TLV2543IDB Datasheet
558Kb / 28P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543-Q1 TI1-TLC2543-Q1_16 Datasheet
700Kb / 28P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543CDWR TI-TLC2543CDWR Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543MJB TI-TLC2543MJB Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV2543C TI-TLV2543C Datasheet
379Kb / 24P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com