Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCCA000808 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MCCA000808
Description  High Voltage Capacitors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MCCA000808 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MCCA000808 Datasheet HTML 1Page - List of Unclassifed Manufacturers MCCA000808 Datasheet HTML 2Page - List of Unclassifed Manufacturers MCCA000808 Datasheet HTML 3Page - List of Unclassifed Manufacturers MCCA000808 Datasheet HTML 4Page - List of Unclassifed Manufacturers MCCA000808 Datasheet HTML 5Page - List of Unclassifed Manufacturers MCCA000808 Datasheet HTML 6Page - List of Unclassifed Manufacturers MCCA000808 Datasheet HTML 7Page - List of Unclassifed Manufacturers MCCA000808 Datasheet HTML 8Page - List of Unclassifed Manufacturers MCCA000808 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
HV MLCC
Page <4>
17/04/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
Change Range (X7R Dielectric 200 V to 3,000 V):
Dielectric
X7R
Size
0805
1206
1210
1812
Rated Voltage (V dc)
200
200
630
1,000
2,000
200
630
1,000
630
1,000
3,000
100 pF (101)
B
150 pF (151)
B
D
D
D
D
0.015 µF (153)
D
D
D
C
D
D
K
0.022 µF (223)
D
D
G
C
D
D
220 pF (221)
D
D
D
D
330 pF (331)
D
D
D
D
D
470 pF (471)
D
D
D
D
D
680 pF (681)
D
D
D
D
D
K
1,000 pF (102)
D
D
G
C
D
D
D
D
K
1,500 pF (152)
D
D
D
C
D
D
D
D
2,200 pF (222)
D
D
C
D
D
D
D
3,300 pF (332)
D
D
D
C
D
D
D
D
4,700 pF (472)
D
D
C
D
G
D
D
6,800 pF (682)
D
D
D
C
D
G
D
D
0.010 µF (103)
D
D
C
D
G
D
D
0.033 µF (333)
G
G
C
G
D
0.047 µF (473)
G
D
G
D
0.068 µF (683)
G
G
K
0.10 µF (104)
G
G
K
0.15 µF (154)
M
0.22 µF (224)
M
0.33 µF (334)
M
0.47 µF (474)
M
1. The letter in cell is expressed the symbol of product thickness
2. The letter in cell with “^” mark is expressed product with Ag / Ni / Sn terminations


Similar Part No. - MCCA000808

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MCCA000145 ETC2-MCCA000145 Datasheet
697Kb / 12P
   Multi Layer Ceramic Capacitor
logo
Analog Devices
MCCA000159 AD-MCCA000159 Datasheet
282Kb / 8P
   Evaluation Board for FSK AD5700/AD5700-1 HART Modem
REV. A
MCCA000221 AD-MCCA000221 Datasheet
282Kb / 8P
   Evaluation Board for FSK AD5700/AD5700-1 HART Modem
REV. A
logo
List of Unclassifed Man...
MCCA000269 ETC2-MCCA000269 Datasheet
697Kb / 12P
   Multi Layer Ceramic Capacitor
logo
Analog Devices
MCCA000274 AD-MCCA000274 Datasheet
568Kb / 12P
   Evaluation Board User Guide
REV. 0
More results

Similar Description - MCCA000808

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
S3AX103K2 SEMTECH-S3AX103K2 Datasheet
120Kb / 5P
   High Voltage Capacitors
180PF SEMTECH-180PF Datasheet
118Kb / 5P
   High Voltage Capacitors
logo
Superworld Electronics
V5N100-B-10 SUPERWORLD-V5N100-B-10 Datasheet
361Kb / 10P
   HIGH VOLTAGE CHIP CAPACITORS
V2N2R0L-B-10 SUPERWORLD-V2N2R0L-B-10 Datasheet
258Kb / 8P
   HIGH VOLTAGE CHIP CAPACITORS
logo
Vishay Siliconix
EPR150-104 VISHAY-EPR150-104 Datasheet
692Kb / 3P
   High Voltage DC Capacitors
Revision: 11-Aug-10
logo
Superworld Electronics
V3X471-B-10 SUPERWORLD-V3X471-B-10 Datasheet
364Kb / 10P
   HIGH VOLTAGE CHIP CAPACITORS
V7X103-B-10 SUPERWORLD-V7X103-B-10 Datasheet
469Kb / 13P
   HIGH VOLTAGE CHIP CAPACITORS
logo
List of Unclassifed Man...
DK-6R3D104T ETC2-DK-6R3D104T Datasheet
84Kb / 1P
   High Voltage Tolerance Capacitors
logo
Exxelia Group
CSERIES EXXELIA-CSERIES Datasheet
848Kb / 18P
   High Voltage Chips Capacitors
02/21
logo
TDK Electronics
CK45-B3AD101KYGNA TDK-CK45-B3AD101KYGNA Datasheet
183Kb / 11P
   High Voltage Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com