Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV5637IDR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLV5637IDR
Description  2.7V TO 5.5V LOW-POWER DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV5637IDR Datasheet(HTML) 4 Page - Texas Instruments

  TLV5637IDR Datasheet HTML 1Page - Texas Instruments TLV5637IDR Datasheet HTML 2Page - Texas Instruments TLV5637IDR Datasheet HTML 3Page - Texas Instruments TLV5637IDR Datasheet HTML 4Page - Texas Instruments TLV5637IDR Datasheet HTML 5Page - Texas Instruments TLV5637IDR Datasheet HTML 6Page - Texas Instruments TLV5637IDR Datasheet HTML 7Page - Texas Instruments TLV5637IDR Datasheet HTML 8Page - Texas Instruments TLV5637IDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TLV5637
SLAS224C – JUNE 1999 – REVISED JUNE 2007
Over recommended operating conditions (unless otherwise noted).
POWER SUPPLY
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
Fast
4.2
7
mA
VDD = 5V, Int. ref.
Slow
2
3.6
mA
Fast
3.7
6.3
mA
VDD = 3V, Int. ref.
Slow
1.7
3.0
mA
No load, All inputs = AGND or
IDD
Power supply current
VDD, DAC latch = 0x800
Fast
3.8
6.3
mA
VDD = 5V, Ext. ref.
Slow
1.7
3.0
mA
Fast
3.4
5.7
mA
VDD = 3V, Ext. ref.
Slow
1.4
2.6
mA
Power-down supply current
0.01
10
µA
Zero scale, See (1)
65
PSRR
Power supply rejection ratio
dB
Full scale, See (2)
65
(1)
Power supply rejection ratio at zero scale is measured by varying VDD and is given by: PSRR = 20 log [(EZS(VDDmax) –
EZS(VDDmin))/VDDmax]
(2)
Power supply rejection ratio at full scale is measured by varying VDD and is given by: PSRR = 20 log [(EG(VDDmax) –
EG(VDDmin))/VDDmax]
STATIC DAC SPECIFICATIONS
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
10
bits
INL
Integral nonlinearity, end point adjusted
See (1)
±0.4
±1
LSB
DNL
Differential nonlinearity
See (2)
±0.1
±0.5
LSB
EZS
Zero-scale error (offset error at zero scale)
See (3)
±24
mV
EZSTC Zero-scale-error temperature coefficient
See (4)
10
ppm/°C
% full
EG
Gain error
See (5)
±0.6
scale V
EGTC
Gain error temperature coefficient
See (6)
10
ppm/°C
OUTPUT SPECIFICATIONS
VO
Output voltage
RL = 10kΩ
0
VDD–0.4
V
% full
Output load regulation accuracy
VO= 4.096V, 2.048V, RL= 2 kΩ
±0.25
scale V
(1)
The relative accuracy or integral nonlinearity (INL) sometimes referred to as linearity error, is the maximum deviation of the output from
the line between zero and full scale excluding the effects of zero code and full-scale errors. Tested from code 32 to 4095.
(2)
The differential nonlinearity (DNL) sometimes referred to as differential error, is the difference between the measured and ideal 1 LSB
amplitude change of any two adjacent codes. Monotonic means the output voltage changes in the same direction (or remains constant)
as a change in the digital input code.
(3)
Zero-scale error is the deviation from zero voltage output when the digital input code is zero.
(4)
Zero-scale-error temperature coefficient is given by: EZS TC = [EZS (Tmax) – EZS (Tmin)]/Vref× 106/(Tmax– Tmin).
(5)
Gain error is the deviation from the ideal output (2Vref– 1LSB) with an output load of 10 k excluding the effects of the zero-error.
(6)
Gain temperature coefficient is given by: EG TC = [EG(Tmax) – EG (Tmin)]/Vref× 106/(Tmax– Tmin).
4
Submit Documentation Feedback


Similar Part No. - TLV5637IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5637IDR TI-TLV5637IDR Datasheet
936Kb / 23P
[Old version datasheet]   2.7V TO 5.5V LOW-POWER DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
More results

Similar Description - TLV5637IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5637 TI-TLV5637_V01 Datasheet
936Kb / 23P
[Old version datasheet]   2.7V TO 5.5V LOW-POWER DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5637 TI-TLV5637_15 Datasheet
553Kb / 22P
[Old version datasheet]   2.7V TO 5.5V LOW-POWER DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5638-EP TI1-TLV5638-EP_16 Datasheet
861Kb / 21P
[Old version datasheet]   2.7-V TO 5.5V LOW-POWER DUAL 12 BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5637 TI-TLV5637 Datasheet
240Kb / 17P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
ADS1015-Q1 TI1-ADS1015-Q1_16 Datasheet
1Mb / 38P
[Old version datasheet]   Low-Power 12-Bit Analog-to-Digital Converter With Internal Reference
TLV5626CDR TI-TLV5626CDR Datasheet
430Kb / 19P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5626 TI-TLV5626 Datasheet
226Kb / 16P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER DUAL 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5638 TI-TLV5638_15 Datasheet
636Kb / 24P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5638 TI1-TLV5638_16 Datasheet
906Kb / 24P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5626IDG4 TI-TLV5626IDG4 Datasheet
430Kb / 19P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com