Electronic Components Datasheet Search |
|
TLV5616IDGKR Datasheet(PDF) 3 Page - Texas Instruments |
|
|
TLV5616IDGKR Datasheet(HTML) 3 Page - Texas Instruments |
3 / 28 page TLV5616C, TLV5616I 2.7V TO 5.5V LOW POWER 12BIT DIGITALTOANALOG CONVERTERS WITH POWER DOWN SLAS152D − DECEMBER 1997 − REVISED APRIL 2004 3 WWW.TI.COM absolute maximum ratings over operating free-air temperature range (unless otherwise noted)† Supply voltage (VDD to AGND) 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Reference input voltage range − 0.3 V to VDD + 0.3 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Digital input voltage range − 0.3 V to VDD + 0.3 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating free-air temperature range, TA: TLV5616C 0 °C to 70°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TLV5616I −40 °C to 85°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range, Tstg −65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds 260 °C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. recommended operating conditions MIN NOM MAX UNIT Supply voltage, VDD VDD = 5 V 4.5 5 5.5 V Supply voltage, VDD VDD = 3 V 2.7 3 3.3 V High-level digital input voltage, VIH DVDD = 2.7 V 2 V High-level digital input voltage, VIH DVDD = 5.5 V 2.4 V Low-level digital input voltage, VIL DVDD = 2.7 V 0.6 V Low-level digital input voltage, VIL DVDD = 5.5 V 1 V Reference voltage, Vref to REFIN terminal VDD = 5 V (see Note 1) AGND 2.048 VDD −1.5 V Reference voltage, Vref to REFIN terminal VDD = 3 V (see Note 1) AGND 1.024 VDD −1.5 V Load resistance, RL 2 10 k Ω Load capacitance, CL 100 pF Clock frequency, fCLK 20 MHz Operating free-air temperature, TA TLV5616C 0 70 °C Operating free-air temperature, TA TLV5616I −40 85 °C NOTE 1: Due to the x2 output buffer, a reference input voltage ≥ VDD/2 causes clipping of the transfer function. electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) power supply PARAMETER TEST CONDITIONS MIN TYP MAX UNIT VDD = 5 V, VREF = 2.048 V, No load, Fast 0.9 1.35 mA IDD Power supply current No load, All inputs = AGND or VDD, DAC latch = 0x800 Slow 0.4 0.6 mA IDD Power supply current VDD = 3 V, VREF = 1.024 V No load, Fast 0.7 1.1 mA No load, All inputs = AGND or VDD, DAC latch = 0x800 Slow 0.3 0.45 mA Power down supply current (see Figure 12) 10 nA PSRR Power supply rejection ratio Zero scale See Note 2 −80 dB PSRR Power supply rejection ratio Full scale See Note 3 −80 dB Power on threshold voltage, POR 2 V NOTES: 2. Power supply rejection ratio at zero scale is measured by varying VDD and is given by: PSRR = 20 log [(EZS(VDDmax) − EZS(VDDmin))/VDDmax] 3. Power supply rejection ratio at full scale is measured by varying VDD and is given by: PSRR = 20 log [(EG(VDDmax) − EG(VDDmin))/VDDmax] |
Similar Part No. - TLV5616IDGKR |
|
Similar Description - TLV5616IDGKR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |