Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV5638IDRG4 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLV5638IDRG4
Description  2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV5638IDRG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV5638IDRG4 Datasheet HTML 2Page - Texas Instruments TLV5638IDRG4 Datasheet HTML 3Page - Texas Instruments TLV5638IDRG4 Datasheet HTML 4Page - Texas Instruments TLV5638IDRG4 Datasheet HTML 5Page - Texas Instruments TLV5638IDRG4 Datasheet HTML 6Page - Texas Instruments TLV5638IDRG4 Datasheet HTML 7Page - Texas Instruments TLV5638IDRG4 Datasheet HTML 8Page - Texas Instruments TLV5638IDRG4 Datasheet HTML 9Page - Texas Instruments TLV5638IDRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS (Continued)
DIGITAL INPUT TIMING REQUIREMENTS
PARAMETER MEASURMENT INFORMATION
twL
SCLK
CS
DIN
D15
D14
D13
D12
D1
D0
X
X
1
X
2
3
4
5 15
16
X
twH
tsu(D)
th(D)
tsu(CS-CK)
tsu(C16-CS)
TLV5638
SLAS225C – JUNE 1999 – REVISED JANUARY 2004
over recommended operating conditions, V
ref = 2.048 V, Vref= 1.024 V (unless otherwise noted)
ANALOG OUTPUT DYNAMIC PERFORMANCE
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Fast
1
3
ts(FS)
Output settling time, full scale
RL = 10 kΩ, CL = 100 pF, See(1)
µs
Slow
3.5
7
Fast
0.5
1.5
ts(CC)
Output settling time, code to code
RL = 10 kΩ, CL = 100 pF, See (2)
µs
Slow
1
2
Fast
12
SR
Slew rate
RL = 10 kΩ, CL = 100 pF, See (3)
V/µs
Slow
1.8
Glitch energy
DIN = 0 to 1, FCLK = 100 kHz, CS = VDD
5
nV-s
SNR
Signal-to-noise ratio
69
74
S/(N+D) Signal-to-noise + distortion
58
67
fs = 480 kSPS, fout = 1 kHz, RL = 10 kΩ,
dB
CL = 100 pF
THD
Total harmonic distortion
69
57
Spurious free dynamic range
57
72
(1)
Settling time is the time for the output signal to remain within ±0.5 LSB of the final measured value for a digital input code change of
0x020 to 0xFDF and 0xFDF to 0x020 respectively. Not tested, assured by design.
(2)
Settling time is the time for the output signal to remain within ± 0.5 LSB of the final measured value for a digital input code change of
one count. Not tested, assured by design.
(3)
Slew rate determines the time it takes for a change of the DAC output from 10% to 90% full-scale voltage.
MIN
NOM
MAX
UNIT
tsu(CS-CK)
Setup time, CS low before first negative SCLK edge
10
ns
tsu(C16-CS)
Setup time, 16th negative SCLK edge (when D0 is sampled) before CS rising edge
10
ns
twH
SCLK pulse width high
25
ns
twL
SCLK pulse width low
25
ns
tsu(D)
Setup time, data ready before SCLK falling edge
10
ns
th(D)
Hold time, data held valid after SCLK falling edge
5
ns
Figure 1. Timing Diagram
6


Similar Part No. - TLV5638IDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5638IDRG4 TI1-TLV5638IDRG4 Datasheet
906Kb / 24P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
More results

Similar Description - TLV5638IDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5638 TI-TLV5638 Datasheet
289Kb / 19P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5638 TI1-TLV5638_16 Datasheet
906Kb / 24P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5638 TI-TLV5638_15 Datasheet
636Kb / 24P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5636 TI-TLV5636 Datasheet
260Kb / 18P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5636 TI-TLV5636_15 Datasheet
654Kb / 24P
[Old version datasheet]   2.7-V TO 5.5-V, LOW POWER, 12-BIT, DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5636CD TI-TLV5636CD Datasheet
633Kb / 22P
[Old version datasheet]   2.7-V TO 5.5-V, LOW POWER, 12-BIT, DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5626CDR TI-TLV5626CDR Datasheet
430Kb / 19P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5637 TI-TLV5637 Datasheet
240Kb / 17P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5626IDG4 TI-TLV5626IDG4 Datasheet
430Kb / 19P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5626 TI-TLV5626 Datasheet
226Kb / 16P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER DUAL 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com