Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV5638IDRG4 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLV5638IDRG4
Description  2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV5638IDRG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV5638IDRG4 Datasheet HTML 4Page - Texas Instruments TLV5638IDRG4 Datasheet HTML 5Page - Texas Instruments TLV5638IDRG4 Datasheet HTML 6Page - Texas Instruments TLV5638IDRG4 Datasheet HTML 7Page - Texas Instruments TLV5638IDRG4 Datasheet HTML 8Page - Texas Instruments TLV5638IDRG4 Datasheet HTML 9Page - Texas Instruments TLV5638IDRG4 Datasheet HTML 10Page - Texas Instruments TLV5638IDRG4 Datasheet HTML 11Page - Texas Instruments TLV5638IDRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
www.ti.com
4.122
4.12
4.116
4.114
0
0.5
1
1.5
2
2.5
3
4.124
4.126
4.128
3.5
4
4.118
Source Current – mA
OUTPUT VOLTAGE
vs
LOAD CURRENT
Fast Mode
Slow Mode
VDD = 5 V
Vref = Int. 2 V
Input Code = 4095
1.5
1
0.5
0
0
0.5
1
1.5
2
2.5
3
2
2.5
3
3.5
4
Sink Current – mA
OUTPUT VOLTAGE
vs
LOAD CURRENT
Fast Mode
Slow Mode
VDD = 3 V
Vref = Int. 1 V
Input Code = 0
3.5
2
1
0
0
0.5
1
1.5
2
2.5
3
4
4.5
5
3.5
4
3
2.5
1.5
0.5
Sink Current – mA
OUTPUT VOLTAGE
vs
LOAD CURRENT
Fast Mode
Slow Mode
VDD = 5 V
Vref = Int. 2 V
Input Code = 0
–40
–50
–80
–100
100
1000
–20
–10
f – Frequency – Hz
TOTAL HARMONIC DISTORTION AND NOISE
vs
FREQUENCY
0
10000
100000
–30
–60
–70
–90
Fast Mode
Slow Mode
VDD = 5 V
Vref = 1 V dc + 1 V p/p Sinewave
Output Full Scale
TLV5638
SLAS225C – JUNE 1999 – REVISED JANUARY 2004
TYPICAL CHARACTERISTICS (continued)
Figure 6.
Figure 7.
Figure 8.
Figure 9.
8


Similar Part No. - TLV5638IDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5638IDRG4 TI1-TLV5638IDRG4 Datasheet
906Kb / 24P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
More results

Similar Description - TLV5638IDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5638 TI-TLV5638 Datasheet
289Kb / 19P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5638 TI1-TLV5638_16 Datasheet
906Kb / 24P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5638 TI-TLV5638_15 Datasheet
636Kb / 24P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5636 TI-TLV5636 Datasheet
260Kb / 18P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5636 TI-TLV5636_15 Datasheet
654Kb / 24P
[Old version datasheet]   2.7-V TO 5.5-V, LOW POWER, 12-BIT, DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5636CD TI-TLV5636CD Datasheet
633Kb / 22P
[Old version datasheet]   2.7-V TO 5.5-V, LOW POWER, 12-BIT, DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5626CDR TI-TLV5626CDR Datasheet
430Kb / 19P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5637 TI-TLV5637 Datasheet
240Kb / 17P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5626IDG4 TI-TLV5626IDG4 Datasheet
430Kb / 19P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5626 TI-TLV5626 Datasheet
226Kb / 16P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER DUAL 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com