Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B15B-ZESK-D Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # B15B-ZESK-D
Description  1.5mm pitch/Disconnectable Crimp style connectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

B15B-ZESK-D Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  B15B-ZESK-D Datasheet HTML 1Page - List of Unclassifed Manufacturers B15B-ZESK-D Datasheet HTML 2Page - List of Unclassifed Manufacturers B15B-ZESK-D Datasheet HTML 3Page - List of Unclassifed Manufacturers B15B-ZESK-D Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
ZE CONNECTOR
5.8
A
B
Circuit No.1 mark
1.2
1.5
5.8
A
B
Circuit No.1 mark
1.5
5.8
A
B
Circuit No.1 mark
1.5
5.8
A
B
Circuit No.1 mark
1.5
5.8
A
B
Circuit No.1 mark
1.2
1.5
5.8
A
B
Circuit No.1 mark
1.2
1.5
5.8
A
B
Circuit No.1 mark
1.2
5.8
A
B
Circuit No.1 mark
B
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
SM02B-ZESS-TB
SM03B-ZESS -TB
SM04B-ZESS -TB
SM05B-ZESS -TB
SM06B-ZESS -TB
SM07B-ZESS -TB
SM08B-ZESS -TB
SM09B-ZESS -TB
SM10B-ZESS -TB
SM11B-ZESS -TB
SM12B-ZESS -TB
SM13B-ZESS -TB
SM14B-ZESS -TB
SM15B-ZESS -TB
SM16B-ZESS -TB
1.5
3.0
4.5
6.0
7.5
9.0
10.5
12.0
13.5
15.0
16.5
18.0
19.5
21.0
22.5
7.5
9.0
10.5
12.0
13.5
15.0
16.5
18.0
19.5
21.0
22.5
24.0
25.5
27.0
28.5
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
A
Circuits
Q’ty/
reel
Dimensions (mm)
Model No.
Material and Finish
Contact: Copper alloy, copper-undercoated, tin-plated (reflow treatment)
Wafer: Polyamide, UL94V-0, natural
Reinforcement: Copper alloy, copper-undercoated, tin-plated (reflow treatment)
Side entry type
B
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
BM02B-ZESS -TBT
BM03B-ZESS -TBT
BM04B-ZESS -TBT
BM05B-ZESS -TBT
BM06B-ZESS -TBT
BM07B-ZESS -TBT
BM08B-ZESS -TBT
BM09B-ZESS -TBT
BM10B-ZESS -TBT
BM11B-ZESS -TBT
BM12B-ZESS -TBT
BM13B-ZESS -TBT
BM14B-ZESS -TBT
BM15B-ZESS -TBT
BM16B-ZESS -TBT
1.5
3.0
4.5
6.0
7.5
9.0
10.5
12.0
13.5
15.0
16.5
18.0
19.5
21.0
22.5
7.5
9.0
10.5
12.0
13.5
15.0
16.5
18.0
19.5
21.0
22.5
24.0
25.5
27.0
28.5
800
800
800
800
800
800
800
800
800
800
800
800
800
800
800
A
Circuits
Q’ty/
reel
Dimensions (mm)
Model No.
Material and Finish
Contact: Copper alloy, copper-undercoated, tin-plated (reflow treatment)
Wafer: Polyamide, UL94V-0, natural
Reinforcement: Copper alloy, copper-undercoated, tin-plated (reflow treatment)
Top entry type
RoHS compliance This product displays (LF)(SN) on a label.
Note: This products listed above are supplied on embossed-tape/with suction tape.
RoHS compliance This product displays (LF)(SN) on a label.
Note: This products listed above are supplied on embossed-tape/without suction tape.
Top entry type
Side entry type
SMT type shrouded header
〈2 circuits〉〈2 circuits〉
〈3 to 5 circuits〉
〈6 to 9 circuits〉
〈10 to 16 circuits〉
〈3 to 5 circuits〉
〈6 to 9 circuits〉
〈10 to 16 circuits〉
<For reference>
As the color identification, the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
ex.
BM02B-ZESS-TBT, SM02B-ZESS-TB
S…natural Z…ivory E…blue LE…light blue
K…black TR…tomato red L…lemon yellow
DH…dark gray DP…dark purple DO…dark orange MG…moss green DRK…dark pink


Similar Part No. - B15B-ZESK-D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B15B-EH-A ETC1-B15B-EH-A Datasheet
142Kb / 6P
   Disconnectable Crimp style connectors
logo
JST Mfg. Co., Ltd.
B15B-EH-A JST-B15B-EH-A Datasheet
169Kb / 4P
   2.5mm pitch/Disconnectable Crimp style connectors
logo
List of Unclassifed Man...
B15B-PASK ETC2-B15B-PASK Datasheet
366Kb / 11P
   2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
B15B-PASK ETC2-B15B-PASK Datasheet
330Kb / 12P
   2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
B15B-PASK ETC2-B15B-PASK Datasheet
366Kb / 11P
   FAMILY SERIES/PA?줡AF?줡AL CONNECTOR
More results

Similar Description - B15B-ZESK-D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B2B-ZRLFSN ETC2-B2B-ZRLFSN Datasheet
112Kb / 3P
   1.5mm pitch/Disconnectable Crimp style connectors
ZHR-8 ETC2-ZHR-8 Datasheet
163Kb / 4P
   1.5mm pitch/Disconnectable Crimp style connectors
S6B-ZR-SM4A ETC-S6B-ZR-SM4A Datasheet
163Kb / 4P
   1.5mm pitch/Disconnectable Crimp style connectors
H3P-SHF-AA ETC2-H3P-SHF-AA Datasheet
142Kb / 4P
   Disconnectable Crimp style connectors
B5P-VH ETC2-B5P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
B11B-ZR-SM3-TF ETC2-B11B-ZR-SM3-TF Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
SM02B-BHLS-1-TB ETC1-SM02B-BHLS-1-TB Datasheet
40Kb / 3P
   Disconnectable Crimp style connectors
B3P-VH ETC-B3P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
B3B-PH-SM3-TB ETC2-B3B-PH-SM3-TB Datasheet
182Kb / 7P
   Disconnectable Crimp style connectors
B3B-ZR ETC2-B3B-ZR Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com