Electronic Components Datasheet Search |
|
B05B-ZESK-1D Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers |
|
B05B-ZESK-1D Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers |
1 / 4 page 1 ZE CONNECTOR 1.5mm pitch/Disconnectable Crimp style connectors Emboss Tape MIN 0.8 ±0.05 1.5 ±0.1 1.8 ±0.1 1.7 ±0.1 A (5.8) 1.2 Connector outline Circuit No.1 MIN 0.8 ±0.05 1.5 ±0.1 1.8 ±0.1 1.7 ±0.1 A (9.4) 1.2 Connector outline Circuit No.1 Note: 1. Tolerances are non-cumulative: ±0.1mm for all centers. 2. The dimensions above should serve as a guideline. Contact JST for details. +0.1 0 φ0.7 +0.1 0 φ0.8 ±0.05 1.5 ±0.05 1.65 (0.55) ±0.05 A Connector outline (5.75) Circuit No.1 +0.1 0 φ0.7 +0.1 0 φ1.1 ±0.05 1.5 (0.7) ±0.05 A ±0.05 1.55 (9.7) Connector outline Circuit No.1 <SMT type> Note: 1. Tolerances are non-cumulative: ±0.05mm for all centers. 2. Hole dimensions differ according to the kind of PC board and piercing method. The dimensions above should serve as a guideline. Contact JST for details. • Secure locking structure • Contact locking structure Specifications ––––––––––––––––––– • Current rating: 2A AC, DC (AWG #24) • Voltage rating: 100V AC, DC • Temperature range: -25˚C to +85˚C (including temperature rise in applying electrical current) • Contact resistance: Initial value/20m Ω max. After environmental testing/40m Ω max. • Insulation resistance: 500M Ω min. • Withstanding voltage: 500V AC/minute • Applicable wire: Conductor size/AWG #28 to #24 Insulation O.D./0.8 to 1.2mm * RoHS compliant products are published. * Refer to "General Instruction and Notice when using Terminals and Connectors" at the end of this catalog. * Contact JST for details. PC board layout (viewed from component side) and Assembly layout Top entry type Side entry type Top entry type Side entry type 1.5mm pitch secure lock type connector. Fork-shaped header contact provides the good mating feeling and secure mating operation. |
Similar Part No. - B05B-ZESK-1D |
|
Similar Description - B05B-ZESK-1D |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |