Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMX320C6474GUN Datasheet(PDF) 10 Page - Texas Instruments

Part # TMX320C6474GUN
Description  TMS320C6474 Multicore Digital Signal Processor
Download  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMX320C6474GUN Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMX320C6474GUN Datasheet HTML 6Page - Texas Instruments TMX320C6474GUN Datasheet HTML 7Page - Texas Instruments TMX320C6474GUN Datasheet HTML 8Page - Texas Instruments TMX320C6474GUN Datasheet HTML 9Page - Texas Instruments TMX320C6474GUN Datasheet HTML 10Page - Texas Instruments TMX320C6474GUN Datasheet HTML 11Page - Texas Instruments TMX320C6474GUN Datasheet HTML 12Page - Texas Instruments TMX320C6474GUN Datasheet HTML 13Page - Texas Instruments TMX320C6474GUN Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 214 page
background image
TMS320C6474
SPRS552H
– OCTOBER 2008 – REVISED APRIL 2011
www.ti.com
Instruction Set Enhancements - As noted above, there are new instructions such as 32-bit
multiplications, complex multiplications, packing, sorting, bit manipulation, and 32-bit Galois field
multiplication.
Exception Handling - Intended to aid the programmer in isolating bugs. The C64x+ CPU is able to
detect and respond to exceptions, both from internally detected sources (such as illegal op-codes) and
from system events (such as watchdog time expiration).
Privilege - Defines user and supervisor modes of operation, allowing the operating system to give a
basic level of protection to sensitive resources. Local memory is divided into multiple pages, each with
read, write, and execute permissions.
Time-Stamp Counter - Primarily targeted for real-time operating system (RTOS) robustness, a
free-running time-stamp counter is implemented in the CPU that is not sensitive to system stalls.
For more details on the C64x+ CPU and its enhancements over the C64x architecture, see the following
documents:
TMS320C64x/C64x+ DSP CPU and Instruction Set Reference Guide (literature number SPRU732)
TMS320C64x+ DSP Cache User's Guide (literature number SPRU862)
TMS320C64x+ Megamodule Reference Guide (literature number SPRU871)
TMS320C64X to TMS320C64x+ CPU Migration Guide (literature number SPRAA84)
10
Device Overview
Copyright
© 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6474


Similar Part No. - TMX320C6474GUN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMX320C6474GUN TI1-TMX320C6474GUN Datasheet
1Mb / 215P
[Old version datasheet]   TMS320C6474 Multicore Digital Signal Processor
More results

Similar Description - TMX320C6474GUN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6474 TI1-TMS320C6474_16 Datasheet
1Mb / 215P
[Old version datasheet]   TMS320C6474 Multicore Digital Signal Processor
TMS320C6474FGUN TI-TMS320C6474FGUN Datasheet
1Mb / 214P
[Old version datasheet]   TMS320C6474 Multicore Digital Signal Processor
TMS320C6474 TI-TMS320C6474 Datasheet
2Mb / 204P
[Old version datasheet]   Multicore Digital Signal Processor
TMS320C6474 TI1-TMS320C6474_14 Datasheet
1Mb / 215P
[Old version datasheet]   Multicore Digital Signal Processor
TMS320TCI6602 TI1-TMS320TCI6602 Datasheet
2Mb / 201P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
SM320C6678-HIREL TI-SM320C6678-HIREL_15 Datasheet
1Mb / 244P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
TMS320C6674 TI-TMS320C6674_15 Datasheet
1Mb / 238P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
TMS320TCI6608 TI1-TMS320TCI6608_14 Datasheet
2Mb / 244P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
TMS320C6674 TI-TMS320C6674 Datasheet
2Mb / 253P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
TMS320TCI6608 TI1-TMS320TCI6608 Datasheet
2Mb / 230P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com