Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV4113CDGQG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # TLV4113CDGQG4
Description  FAMILY OF HIGH OUTPUT DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV4113CDGQG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV4113CDGQG4 Datasheet HTML 2Page - Texas Instruments TLV4113CDGQG4 Datasheet HTML 3Page - Texas Instruments TLV4113CDGQG4 Datasheet HTML 4Page - Texas Instruments TLV4113CDGQG4 Datasheet HTML 5Page - Texas Instruments TLV4113CDGQG4 Datasheet HTML 6Page - Texas Instruments TLV4113CDGQG4 Datasheet HTML 7Page - Texas Instruments TLV4113CDGQG4 Datasheet HTML 8Page - Texas Instruments TLV4113CDGQG4 Datasheet HTML 9Page - Texas Instruments TLV4113CDGQG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
TLV4110, TLV4111, TLV4112, TLV4113
FAMILY OF HIGH OUTPUT DRIVE OPERATIONAL
AMPLIFIERS WITH SHUTDOWN
SLOS289E − DECEMBER 1999 − REVISED SEPTEMBER 2006
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VDD = 3 V and 5 V (unless otherwise
noted) (continued)
dynamic performance
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNITS
GBWP
Gain bandwidth product
RL=100 Ω
CL=10 pF
25
°C
2.7
MHz
Vo( ) = 2 V,
VDD = 3 V
25
°C
0.8
1.57
SR
Slew rate at unity gain
Vo(pp) = 2 V,
RL = 100 Ω,
VDD = 3 V
Full range
0.55
V/ s
SR
Slew rate at unity gain
o(pp)
RL = 100 Ω,
CL = 10 pF
VDD = 5 V
25
°C
1
1.57
V/
µs
CL = 10 pF
VDD = 5 V
Full range
0.7
φM
Phase margin
RL = 100 Ω,
CL = 10 pF
25
°C
66
Gain margin
RL = 100 Ω,
CL = 10 pF
25
°C
16
dB
ts
Settling time
V(STEP)pp = 1 V,
AV = −1,
0.1%
25
°C
0.7
µs
ts
Settling time
AV = −1,
CL = 10 pF,
RL = 100 Ω
0.01%
25
°C
1.3
µs
† Full range is 0°C to 70°C for C suffix and −40°C to 125°C for I suffix. If not specified, full range is −40°C to 125°C.
noise/distortion performance
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNITS
VO(pp) = VDD/2 V,
AV = 1
0.025
THD+N
Total harmonic distortion plus noise
VO(pp) = VDD/2 V,
RL = 100 Ω,
f = 100 Hz
AV = 10
0.035
THD+N
Total harmonic distortion plus noise
RL = 100 Ω,
f = 100 Hz
AV = 100
25
°C
0.15
Vn
Equivalent input noise voltage
f = 100 Hz
25
°C
55
nV/
√Hz
Vn
Equivalent input noise voltage
f = 10 kHz
10
nV/
√Hz
In
Equivalent input noise current
f = 1 kHz
0.31
fA/
√Hz
shutdown characteristics
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNITS
IDD(SHDN)
Supply current in shutdown mode (per channel)
SHDN = 0 V
25
°C
3.4
10
A
IDD(SHDN)
Supply current in shutdown mode (per channel)
(TLV4110, TLV4113)
SHDN = 0 V
Full range
15
µA
t(ON)
Amplifier turn-on time‡
RL = 100 Ω
25
°C
1
µs
t(Off)
Amplifier turn-off time‡
RL = 100 Ω
25
°C
3.3
µs
† Full range is 0°C to 70°C for C suffix and −40°C to 125°C for I suffix. If not specified, full range is −40°C to 125°C.
‡ Disable time and enable time are defined as the interval between application of the logic signal to SHDN and the point at which the supply current
has reached half its final value.


Similar Part No. - TLV4113CDGQG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV4113CDGN TI-TLV4113CDGN Datasheet
396Kb / 21P
[Old version datasheet]   FAMILY OF HIGH OUTPUT DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results

Similar Description - TLV4113CDGQG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV4110 TI-TLV4110 Datasheet
396Kb / 21P
[Old version datasheet]   FAMILY OF HIGH OUTPUT DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV4113-EP TI1-TLV4113-EP Datasheet
884Kb / 25P
[Old version datasheet]   HIGH-OUTPUT-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2470 TI1-TLV2470_16 Datasheet
2Mb / 64P
[Old version datasheet]   FAMILY OF 600muA/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2470 TI-TLV2470_07 Datasheet
2Mb / 53P
[Old version datasheet]   FAMILY OF 600mA/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2770 TI-TLV2770_07 Datasheet
1Mb / 65P
[Old version datasheet]   FAMILY OF 2.7-HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2780 TI-TLV2780 Datasheet
901Kb / 32P
[Old version datasheet]   FAMILY OF 1.8V HIGH SPEED RAIL TO RAIL INPUT OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLC080 TI1-TLC080_16 Datasheet
2Mb / 53P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC070 TI1-TLC070_16 Datasheet
1Mb / 54P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC070 TI-TLC070_08 Datasheet
1Mb / 50P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080 TI-TLC080_06 Datasheet
1Mb / 48P
[Old version datasheet]   FAMILY OF WIDE - BANDWITH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com