Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6747BZKBT3 Datasheet(PDF) 3 Page - Texas Instruments

Part # TMS320C6747BZKBT3
Description  TMS320C6745,TMS320C6747 Fixed/Floating-Point Digital Signal Processor
Download  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6747BZKBT3 Datasheet(HTML) 3 Page - Texas Instruments

  TMS320C6747BZKBT3 Datasheet HTML 1Page - Texas Instruments TMS320C6747BZKBT3 Datasheet HTML 2Page - Texas Instruments TMS320C6747BZKBT3 Datasheet HTML 3Page - Texas Instruments TMS320C6747BZKBT3 Datasheet HTML 4Page - Texas Instruments TMS320C6747BZKBT3 Datasheet HTML 5Page - Texas Instruments TMS320C6747BZKBT3 Datasheet HTML 6Page - Texas Instruments TMS320C6747BZKBT3 Datasheet HTML 7Page - Texas Instruments TMS320C6747BZKBT3 Datasheet HTML 8Page - Texas Instruments TMS320C6747BZKBT3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 227 page
background image
TMS320C6745, TMS320C6747
www.ti.com
SPRS377E – SEPTEMBER 2008 – REVISED FEBRUARY 2013
1.2
Description
The C6745/6747 is a low-power digital signal processor based on a C674x DSP core. It consumes
significantly lower power than other members of the TMS320C6000™ platform of DSPs.
The C6745/6747 enables OEMs and ODMs to quickly bring to market devices featuring high processing
performance .
The C6745/6747 DSP core uses a two-level cache-based architecture. The Level 1 program cache (L1P)
is a 32KB direct mapped cache and the Level 1 data cache (L1D) is a 32KB 2-way set-associative cache.
The Level 2 program cache (L2P) consists of a 256KB memory space that is shared between program
and data space. L2 memory can be configured as mapped memory, cache, or combinations of the two.
Although the DSP L2 is accessible by other hosts in the system, an additional 128KB RAM shared
memory (C6747 only) is available for use by other hosts without affecting DSP performance.
The peripheral set includes: a 10/100 Mb/s Ethernet MAC (EMAC) with a Management Data Input/Output
(MDIO) module; two inter-integrated circuit (I2C) bus interfaces; 3 multichannel audio serial ports (McASP)
with 16/9 serializers and FIFO buffers; 2 64-bit general-purpose timers each configurable (one
configurable as watchdog); a configurable 16-bit host port interface (HPI) [C6747 only]; up to 8 banks of
16 pins of general-purpose input/output (GPIO) with programmable interrupt/event generation modes,
multiplexed with other peripherals; 3 UART interfaces (one with RTS and CTS); 3 enhanced high-
resolution pulse width modulator (eHRPWM) peripherals; 3 32-bit enhanced capture (eCAP) module
peripherals which can be configured as 3 capture inputs or 3 auxiliary pulse width modulator (APWM)
outputs; 2 32-bit enhanced quadrature pulse (eQEP) peripherals; and 2 external memory interfaces: an
asynchronous and SDRAM external memory interface (EMIFA) for slower memories or peripherals, and a
higher speed memory interface (EMIFB) for SDRAM.
The Ethernet Media Access Controller (EMAC) provides an efficient interface between the C6745/6747
and the network. The EMAC supports both 10Base-T and 100Base-TX, or 10 Mbits/second (Mbps) and
100 Mbps in either half- or full-duplex mode. Additionally an Management Data Input/Output (MDIO)
interface is available for PHY configuration.
The rich peripheral set provides the ability to control external peripheral devices and communicate with
external processors. For details on each of the peripherals, see the related sections later in this document
and the associated peripheral reference guides.
Copyright © 2008–2013, Texas Instruments Incorporated
TMS320C6745/6747 Fixed/Floating-Point Digital Signal Processor
3
Submit Documentation Feedback
Product Folder Links: TMS320C6745 TMS320C6747


Similar Part No. - TMS320C6747BZKBT3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6747BZKBT3 TI-TMS320C6747BZKBT3 Datasheet
1Mb / 227P
[Old version datasheet]   TMS320C6745,TMS320C6747 Fixed/Floating-Point Digital Signal Processor
TMS320C6747BZKBT3 TI-TMS320C6747BZKBT3 Datasheet
1Mb / 227P
[Old version datasheet]   TMS320C6745,TMS320C6747 Fixed/Floating-Point Digital Signal Processor
TMS320C6747BZKBT3 TI1-TMS320C6747BZKBT3 Datasheet
1Mb / 227P
[Old version datasheet]   Fixed- and Floating-Point Digital Signal Processor
More results

Similar Description - TMS320C6747BZKBT3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6747CZKBT3 TI-TMS320C6747CZKBT3 Datasheet
1Mb / 227P
[Old version datasheet]   TMS320C6745,TMS320C6747 Fixed/Floating-Point Digital Signal Processor
TMS320C6747CZKBD4 TI-TMS320C6747CZKBD4 Datasheet
1Mb / 227P
[Old version datasheet]   TMS320C6745,TMS320C6747 Fixed/Floating-Point Digital Signal Processor
TMS320C6745CPTPA3 TI-TMS320C6745CPTPA3 Datasheet
1Mb / 227P
[Old version datasheet]   TMS320C6745,TMS320C6747 Fixed/Floating-Point Digital Signal Processor
TMS320C6743 TI1-TMS320C6743_14 Datasheet
1Mb / 151P
[Old version datasheet]   Fixed- and Floating-Point Digital Signal Processor
TMS320C6671 TI1-TMS320C6671 Datasheet
2Mb / 241P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
TMS320C6745 TI1-TMS320C6745_16 Datasheet
1Mb / 227P
[Old version datasheet]   Fixed- and Floating-Point Digital Signal Processor
TMS320C6743 TI1-TMS320C6743 Datasheet
1Mb / 153P
[Old version datasheet]   TMS320C6743 Fixed/Floating-Point Digital Signal Processor
TMS320C6655 TI1-TMS320C6655 Datasheet
2Mb / 232P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
TMS320C6671 TI-TMS320C6671_15 Datasheet
1Mb / 238P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
TMS320C6671 TI1-TMS320C6671_16 Datasheet
2Mb / 238P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com