Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM8168BCYG2 Datasheet(PDF) 1 Page - Texas Instruments

Part # TMS320DM8168BCYG2
Description  TMS320DM816x DaVinci Video Processors
Download  327 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM8168BCYG2 Datasheet(HTML) 1 Page - Texas Instruments

  TMS320DM8168BCYG2 Datasheet HTML 1Page - Texas Instruments TMS320DM8168BCYG2 Datasheet HTML 2Page - Texas Instruments TMS320DM8168BCYG2 Datasheet HTML 3Page - Texas Instruments TMS320DM8168BCYG2 Datasheet HTML 4Page - Texas Instruments TMS320DM8168BCYG2 Datasheet HTML 5Page - Texas Instruments TMS320DM8168BCYG2 Datasheet HTML 6Page - Texas Instruments TMS320DM8168BCYG2 Datasheet HTML 7Page - Texas Instruments TMS320DM8168BCYG2 Datasheet HTML 8Page - Texas Instruments TMS320DM8168BCYG2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 327 page
background image
TMS320DM8168, TMS320DM8167
TMS320DM8166, TMS320DM8165
www.ti.com
SPRS614D – MARCH 2011 – REVISED JANUARY 2013
TMS320DM816x DaVinci Video Processors
Check for Samples: TMS320DM8168, TMS320DM8167, TMS320DM8166, TMS320DM8165
1
Device Summary
1.1
Features
1234567891011
2 SP x SP
→ DP Every Two Clocks
• High-Performance DaVinci™ Video Processors
2 SP x DP
→ DP Every Three Clocks
– ARM® Cortex™-A8 RISC Processor
2 DP x DP
→ DP Every Four Clocks
Up to 1.35 GHz
Fixed-Point Multiply Supports Two 32 x
– C674x VLIW DSP
32 Multiplies, Four 16 x 16-bit Multiplies
Up to 1.125 GHz
including Complex Multiplies, or Eight 8 x
Up to 9000 MIPS and 6750 MFLOPS
8-Bit Multiplies per Clock Cycle
Fully Software-Compatible with C67x+™
• C674x Two-Level Memory Architecture
and C64x+™
– 32K-Byte L1P and L1D RAM and Cache
• ARM® Cortex™-A8 Core
– 256K-Byte L2 Unified Mapped RAM and
– ARMv7 Architecture
Caches
In-Order, Dual-Issue, Superscalar
• System Memory Management Unit (System
Processor Core
MMU)
NEON™ Multimedia Architecture
– Maps C674x DSP and EMDA TCB Memory
– Supports Integer and Floating Point (VFPv3-
Accesses to System Addresses
IEEE754 compliant)
• 512K-Bytes On-Chip Memory Controller
Jazelle® RCT Execution Environment
(OCMC) RAM
• ARM® Cortex™-A8 Memory Architecture
• Media Controller
– 32K-Byte Instruction and Data Caches
– Manages HDVPSS and HDVICP2 modules
– 256K-Byte L2 Cache
• Up to Three Programmable High-Definition
– 64K-Byte RAM, 48K-Byte Boot ROM
Video Image Coprocessing (HDVICP2) Engines
• TMS320C674x Floating-Point VLIW DSP
– Encode, Decode, Transcode Operations
– 64 General-Purpose Registers (32-Bit)
– H.264, MPEG2, VC1, MPEG4 SP and ASP
– Six ALU (32-Bit and 40-Bit) Functional Units
• SGX530 3D Graphics Engine (available only on
Supports 32-Bit Integer, SP (IEEE Single
the DM8168 and DM8166 device)
Precision, 32-Bit) and DP (IEEE Double
– Delivers up to 30 MTriangles per second
Precision, 64-Bit) Floating Point
– Universal Scalable Shader Engine
Supports up to Four SP Adds Per Clock
– Direct3D® Mobile, OpenGL® ES 1.1 and 2.0,
and Four DP Adds Every Two Clocks
OpenVG™ 1.1, OpenMax™ API Support
Supports up to Two Floating-Point (SP or
– Advanced Geometry DMA Driven Operation
DP) Approximate Reciprocal or Square
– Programmable HQ Image Anti-Aliasing
Root Operations Per Cycle
• Endianness
– Two Multiply Functional Units
– ARM, DSP Instructions and Data – Little
Mixed-Precision IEEE Floating-Point
Endian
Multiply Supported up to:
• HD Video Processing Subsystem (HDVPSS)
2 SP x SP
→ SP Per Clock
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
DaVinci, C64x+, SmartReflex, TMS320C6000, Code Composer Studio, DSP/BIOS, XDS are trademarks of Texas
Instruments.
3
Cortex, NEON are trademarks of ARM Ltd or its subsidiaries.
4
ARM, Jazelle, Thumb are registered trademarks of ARM Ltd or its subsidiaries.
5
USSE, POWERVR are trademarks of Imagination Technologies Limited.
6
OpenVG, OpenMax are trademarks of Khronos Group Inc.
7
Direct3D, Microsoft, Windows are registered trademarks of Microsoft Corporation in the United States and/or other countries.
8
I2C BUS is a registered trademark of NXP B.V. Corporation Netherlands.
9
PCI Express, PCIe are registered trademarks of PCI-SIG.
10
OpenGL is a registered trademark of Silicon Graphics International Corp. or its subsidiaries in the United States and/or other
countries.
11
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date. Products conform to
Copyright © 2011–2013, Texas Instruments Incorporated
specifications per the terms of the Texas Instruments standard warranty. Production
processing does not necessarily include testing of all parameters.


Similar Part No. - TMS320DM8168BCYG2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM8168BCYG2 TI1-TMS320DM8168BCYG2 Datasheet
2Mb / 328P
[Old version datasheet]   DaVinci Digital Media Processors
More results

Similar Description - TMS320DM8168BCYG2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM8168 TI1-TMS320DM8168 Datasheet
2Mb / 312P
[Old version datasheet]   TMS320DM816x DaVinci Digital Media Processors
MARCH2011
TMS320DM8127 TI1-TMS320DM8127 Datasheet
2Mb / 365P
[Old version datasheet]   DaVinci Video Processors
TMS320DM8127 TI1-TMS320DM8127_14 Datasheet
2Mb / 365P
[Old version datasheet]   DaVinci Video Processors
TMS320DM8148 TI1-TMS320DM8148_16 Datasheet
2Mb / 376P
[Old version datasheet]   DaVinci Video Processors
TMS320DM8148 TI1-TMS320DM8148_17 Datasheet
2Mb / 377P
[Old version datasheet]   DaVinci Video Processors
TMS320DM8148 TI1-TMS320DM8148_13 Datasheet
2Mb / 370P
[Old version datasheet]   TMS320DM814x DaVinci?줧ideo Processors
TMS320DM8148_1109 TI1-TMS320DM8148_1109 Datasheet
2Mb / 360P
[Old version datasheet]   TMS320DM814x DaVinci Digital Media Processors
TMS320DM8168 TI1-TMS320DM8168_15 Datasheet
2Mb / 328P
[Old version datasheet]   DaVinci Digital Media Processors
TMS320DM8148 TI1-TMS320DM8148 Datasheet
2Mb / 343P
[Old version datasheet]   TMS320DM814x DaVinci??Digital Media Processors
MARCH2011
9900 TI-9900 Datasheet
5Mb / 104P
[Old version datasheet]   Video Display Processors
NOVEMBER 1982
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com