Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM8168CCYG Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM8168CCYG
Description  TMS320DM816x DaVinci Video Processors
Download  327 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM8168CCYG Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMS320DM8168CCYG Datasheet HTML 7Page - Texas Instruments TMS320DM8168CCYG Datasheet HTML 8Page - Texas Instruments TMS320DM8168CCYG Datasheet HTML 9Page - Texas Instruments TMS320DM8168CCYG Datasheet HTML 10Page - Texas Instruments TMS320DM8168CCYG Datasheet HTML 11Page - Texas Instruments TMS320DM8168CCYG Datasheet HTML 12Page - Texas Instruments TMS320DM8168CCYG Datasheet HTML 13Page - Texas Instruments TMS320DM8168CCYG Datasheet HTML 14Page - Texas Instruments TMS320DM8168CCYG Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 327 page
background image
ARM Cortex™-A8
NEON
ETM
256KB L2$
32KB L1I$ 32KB L1D$
Arbiter
128
32
ICECrusher
48KB ROM
64KB RAM
ARM Cortex-A8
Interrupt Controller
(AINTC)
L3
DMM
32
128
64
64
64
64
128
128
SYSCLK2
128
System Events
DEVOSC
Trace
Debug
TMS320DM8168, TMS320DM8167
TMS320DM8166, TMS320DM8165
www.ti.com
SPRS614D – MARCH 2011 – REVISED JANUARY 2013
Figure 2-1. ARM Cortex-A8 Subsystem Block Diagram
2.3.1
ARM Cortex-A8 RISC Processor
The ARM Cortex-A8 subsystem integrates the ARM Cortex-A8 processor. The ARM Cortex-A8 processor
is a member of ARM Cortex family of general-purpose processors. This processor is targeted at multi-
tasking applications where full memory management, high performance, low die size, and low power are
all important. The ARM Cortex-A8 processor supports the ARM debug architecture and includes logic to
assist in both hardware and software debug. The ARM Cortex-A8 processor has a Harvard architecture
and provides a complete high-performance subsystem, including:
ARM Cortex-A8 integer core
Superscalar ARMv7 instruction set
Thumb-2 instruction set
Jazelle RCT acceleration
CP14 debug coprocessor
CP15 system control coprocessor
NEON 64-bit and 128-bit hybrid SIMD engine for multimedia
Enhanced memory management unit (MMU)
Separate level-1 instruction and data caches
Integrated level-2 cache
128-bit interconnect to system memories and peripherals
Embedded trace module (ETM).
2.3.2
Embedded Trace Module (ETM)
To support real-time trace, the ARM Cortex-A8 processor provides an interface to enable connection of an
embedded trace module (ETM). The ETM consists of two parts:
The Trace port provides real-time trace capability for the ARM Cortex-A8.
Triggering facilities provide trigger resources, which include address and data comparators, counter,
and sequencers.
The ARM Cortex-A8 trace port is connected to the system-level embedded trace buffer (ETB). The ETB
has a 32KB buffer memory. ETB enabled debug tools are required to read and interpret the captured trace
data.
For more details on the ETB, see Section 8.4.2.
Copyright © 2011–2013, Texas Instruments Incorporated
Device Overview
11
Submit Documentation Feedback
Product Folder Links: TMS320DM8168 TMS320DM8167 TMS320DM8166 TMS320DM8165


Similar Part No. - TMS320DM8168CCYG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM8168CCYG TI1-TMS320DM8168CCYG Datasheet
2Mb / 328P
[Old version datasheet]   DaVinci Digital Media Processors
TMS320DM8168CCYG2 TI1-TMS320DM8168CCYG2 Datasheet
2Mb / 328P
[Old version datasheet]   DaVinci Digital Media Processors
TMS320DM8168CCYG4 TI1-TMS320DM8168CCYG4 Datasheet
2Mb / 328P
[Old version datasheet]   DaVinci Digital Media Processors
TMS320DM8168CCYGA2 TI1-TMS320DM8168CCYGA2 Datasheet
2Mb / 328P
[Old version datasheet]   DaVinci Digital Media Processors
TMS320DM8168CCYGH TI1-TMS320DM8168CCYGH Datasheet
2Mb / 328P
[Old version datasheet]   DaVinci Digital Media Processors
More results

Similar Description - TMS320DM8168CCYG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM8168 TI1-TMS320DM8168 Datasheet
2Mb / 312P
[Old version datasheet]   TMS320DM816x DaVinci Digital Media Processors
MARCH2011
TMS320DM8127 TI1-TMS320DM8127 Datasheet
2Mb / 365P
[Old version datasheet]   DaVinci Video Processors
TMS320DM8127 TI1-TMS320DM8127_14 Datasheet
2Mb / 365P
[Old version datasheet]   DaVinci Video Processors
TMS320DM8148 TI1-TMS320DM8148_16 Datasheet
2Mb / 376P
[Old version datasheet]   DaVinci Video Processors
TMS320DM8148 TI1-TMS320DM8148_17 Datasheet
2Mb / 377P
[Old version datasheet]   DaVinci Video Processors
TMS320DM8148 TI1-TMS320DM8148_13 Datasheet
2Mb / 370P
[Old version datasheet]   TMS320DM814x DaVinci?줧ideo Processors
TMS320DM8148_1109 TI1-TMS320DM8148_1109 Datasheet
2Mb / 360P
[Old version datasheet]   TMS320DM814x DaVinci Digital Media Processors
TMS320DM8168 TI1-TMS320DM8168_15 Datasheet
2Mb / 328P
[Old version datasheet]   DaVinci Digital Media Processors
TMS320DM8148 TI1-TMS320DM8148 Datasheet
2Mb / 343P
[Old version datasheet]   TMS320DM814x DaVinci??Digital Media Processors
MARCH2011
9900 TI-9900 Datasheet
5Mb / 104P
[Old version datasheet]   Video Display Processors
NOVEMBER 1982
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com