Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A80xxyyyz Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS7A80xxyyyz
Description  Low-Noise, Wide-Bandwidth, High PSRR, Low-Dropout 1A Linear Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A80xxyyyz Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS7A80xxyyyz Datasheet HTML 3Page - Texas Instruments TPS7A80xxyyyz Datasheet HTML 4Page - Texas Instruments TPS7A80xxyyyz Datasheet HTML 5Page - Texas Instruments TPS7A80xxyyyz Datasheet HTML 6Page - Texas Instruments TPS7A80xxyyyz Datasheet HTML 7Page - Texas Instruments TPS7A80xxyyyz Datasheet HTML 8Page - Texas Instruments TPS7A80xxyyyz Datasheet HTML 9Page - Texas Instruments TPS7A80xxyyyz Datasheet HTML 10Page - Texas Instruments TPS7A80xxyyyz Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
0.824
0.816
0.818
0.8
0.792
0.784
0.776
2.2
3
3.4
2.6
5.4
4.2
4.6
5
6.2
3.8
V
(V)
IN
6.6
5.8
+125 C
°
+85 C
°
+25 C
°
0 C
°
-
°
40 C
NOTE:Yaxisshows1%V
perdivision
OUT
V
=0.8V
OUT
OUT
I
=750mA
0.824
0.816
0.808
0.8
0.792
0.784
0.776
2.2
3
3.4
2.6
5.4
4.2
4.6
5
6.2
3.8
V
(V)
IN
6.6
5.8
+125 C
°
+85 C
°
+25 C
°
0 C
°
-
°
40 C
V
=0.8V
OUT
OUT
I
=5mA
NOTE:Yaxisshows1%V
perdivision
OUT
3.399
3.366
3.333
3.3
3.267
3.234
3.201
0
100
200
300
400
500
700
600
800
900
I
(mA)
OUT
1000
+125 C
°
+85 C
°
+25 C
°
0 C
°
-
°
40 C
NOTE:Yaxisshows1%V
perdivision
OUT
3.399
3.366
3.333
3.3
3.267
3.234
3.201
0
5
10
15
20
I
(mA)
OUT
25
+125 C
°
+85 C
°
+25 C
°
0 C
°
-
°
40 C
NOTE:Yaxisshows1%V
perdivision
OUT
TPS7A80xx
www.ti.com
SBVS135H – JUNE 2010 – REVISED JANUARY 2013
TYPICAL CHARACTERISTICS: TPS7A8001
At VOUT(TYP) = 3.3V, VIN = VOUT(TYP) + 0.5V or 2.2V (whichever is greater), IOUT = 100mA, VEN = VIN, CIN = 1μF, COUT = 4.7μF, and CNR =
0.01
μF, all temperature values refer to TJ, unless otherwise noted.
LOAD REGULATION
LOAD REGULATION UNDER LIGHT LOADS
Figure 3.
Figure 4.
LINE REGULATION
LINE REGULATION UNDER LIGHT LOADS
Figure 5.
Figure 6.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7


Similar Part No. - TPS7A80xxyyyz

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A80XX TI-TPS7A80XX Datasheet
1Mb / 20P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR, Low-Dropout 1A Linear Regulator
TPS7A80xx TI-TPS7A80xx Datasheet
1Mb / 24P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR,Low-Dropout 1A Linear Regulator
TPS7A80XX TI-TPS7A80XX_1 Datasheet
1Mb / 24P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR,Low-Dropout 1A Linear Regulator
More results

Similar Description - TPS7A80xxyyyz

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A8001 TI-TPS7A8001_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS7A8001 Low-Noise, Wide-Bandwidth, High PSRR, Low-Dropout 1A Linear Regulator
TPS7A80XX TI-TPS7A80XX Datasheet
1Mb / 20P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR, Low-Dropout 1A Linear Regulator
TPS7A80XX TI-TPS7A80XX_1 Datasheet
1Mb / 24P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR,Low-Dropout 1A Linear Regulator
TPS7A80 TI1-TPS7A80 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Noise, Wide-Bandwidth, High PSRR, Low-Dropout 1-A Linear Regulator
TPS7A8101 TI1-TPS7A8101 Datasheet
990Kb / 24P
[Old version datasheet]   Low-Noise, Wide-Bandwidth, High PSRR, Low-Dropout 1-A Linear Regulator
logo
Richtek Technology Corp...
RTQ2510-QA RICHTEK-RTQ2510-QA Datasheet
355Kb / 13P
   1A, Low Noise, Ultra High PSRR, Low-Dropout Linear Regulator
RT2519W RICHTEK-RT2519W Datasheet
355Kb / 13P
   1A, Low Noise, Ultra High PSRR, Low-Dropout Linear Regulator
logo
Texas Instruments
TPS717XX TI-TPS717XX_08 Datasheet
959Kb / 27P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71701 TI-TPS71701 Datasheet
928Kb / 28P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS717XX TI-TPS717XX_1 Datasheet
978Kb / 26P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com