Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6415TBZLZ7 Datasheet(PDF) 6 Page - Texas Instruments

Part # TMS320C6415TBZLZ7
Description  FIXED-POINT DIGITAL SIGNAL PROCESSORS
Download  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6415TBZLZ7 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMS320C6415TBZLZ7 Datasheet HTML 2Page - Texas Instruments TMS320C6415TBZLZ7 Datasheet HTML 3Page - Texas Instruments TMS320C6415TBZLZ7 Datasheet HTML 4Page - Texas Instruments TMS320C6415TBZLZ7 Datasheet HTML 5Page - Texas Instruments TMS320C6415TBZLZ7 Datasheet HTML 6Page - Texas Instruments TMS320C6415TBZLZ7 Datasheet HTML 7Page - Texas Instruments TMS320C6415TBZLZ7 Datasheet HTML 8Page - Texas Instruments TMS320C6415TBZLZ7 Datasheet HTML 9Page - Texas Instruments TMS320C6415TBZLZ7 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 146 page
background image
TMS320C6414T, TMS320C6415T, TMS320C6416T
FIXEDPOINT DIGITAL SIGNAL PROCESSORS
SPRS226M − NOVEMBER 2003 − REVISED APRIL 2009
6
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
device characteristics
Table 1 provides an overview of the C6414T, C6415T, C6416T DSPs. The table shows significant features of
the C64x devices, including the capacity of on-chip RAM, the peripherals, the CPU frequency, and the package
type with pin count.
Table 1. Characteristics of the C6414T, C6415T, C6416T Processors
HARDWARE FEATURES
C6414T, C6415T, and C6416T
EMIFA (64-bit bus width)
(default clock source = AECLKIN)
1
Peripherals
EMIFB (16-bit bus width)
(default clock source = BECLKIN)
1
Peripherals
Not all peripherals pins
EDMA (64 independent channels)
1
Not all peripherals pins
are available at the same
HPI (32- or 16-bit user selectable)
1 (HPI16 or HPI32)
are available at the same
time. (For more details,
see the Device
PCI (32-bit) [DeviceID Register Value 0xA16]
1 [C6415T/C6416T only]
time. (For more details,
see the Device
Configuration section.)
Peripheral performance is
McBSPs
(default internal clock source = CPU/4 clock
frequency)
3
Peripheral performance is
dependent on chip-level
UTOPIA (8-bit mode)
1 [C6415T/C6416T only]
dependent on chip-level
configuration.
32-Bit Timers
(default internal clock source = CPU/8 clock
frequency)
3
General-Purpose Input/Output 0 (GP0)
16
Decoder Coprocessors
VCP
1 [C6416T only]
Decoder Coprocessors
TCP
1 [C6416T only]
Size (Bytes)
1056K
On-Chip Memory
Organization
16K-Byte (16KB) L1 Program (L1P) Cache
16KB L1 Data (L1D) Cache
1024KB Unified Mapped RAM/Cache (L2)
CPU ID + CPU Rev ID
Control Status Register (CSR.[31:16])
0x0C01
Device_ID
Silicon Revision Identification Register
(DEVICE_REV [20:16])
Address: 0x01B0 0200
DEVICE_REV[20:16]
Silicon Revision
10000 or 10001
1.0 (14T/15T/16T)
10010
2.0 (14T/15T/16T)
Frequency
MHz
600, 720, 850, 1000 (1-GHz)
Cycle Time
ns
1.67 ns (C6414T/15T/16T - 6 [A-600, 600 MHz])†
1.39 ns (C6414T/15T/16T - 7 [A-720, 720 MHz])†
1.17 ns (C6414T/15T/16T - 8 [A-850, 850 MHz]†
1 ns (C6414T/15T/16T - 1 [1 GHz])
Voltage
Core (V)
1.1 V (600)
1.2 V (-720, -850, -1 G)
Voltage
I/O (V)
3.3 V
PLL Options
CLKIN frequency multiplier
Bypass (x1), x6, x12, x20
BGA Package
23 x 23 mm
532-Pin BGA (GLZ, ZLZ and CLZ)
Process Technology
µm
0.09
µm
† Note: The extended temperature devices’ (A−600, A−720, and A−850) Electrical Characteristics and AC Timings are the same as those for
commercial temperature devices (e.g., −600, −720, and −850).


Similar Part No. - TMS320C6415TBZLZ7

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6415T TI-TMS320C6415T Datasheet
2Mb / 142P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6415T TI-TMS320C6415T Datasheet
2Mb / 142P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6415TGLZ1 TI-TMS320C6415TGLZ1 Datasheet
2Mb / 142P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6415TGLZ6 TI-TMS320C6415TGLZ6 Datasheet
2Mb / 142P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6415TGLZ7 TI-TMS320C6415TGLZ7 Datasheet
2Mb / 142P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results

Similar Description - TMS320C6415TBZLZ7

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320VC5407 TI-TMS320VC5407 Datasheet
1Mb / 110P
[Old version datasheet]   Fixed-Point Digital Signal Processors
TMS320C6211B TI-TMS320C6211B Datasheet
1Mb / 83P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SM320C6414-EP TI1-SM320C6414-EP Datasheet
1,019Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SMJ320C6414 TI1-SMJ320C6414_16 Datasheet
1Mb / 134P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6414 TI-TMS320C6414_04 Datasheet
1Mb / 139P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI-TMS320C6202 Datasheet
1Mb / 86P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI1-TMS320C6202_16 Datasheet
2Mb / 110P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C54X TI1-TMS320C54X_16 Datasheet
1Mb / 118P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320VC5510 TI1-TMS320VC5510_17 Datasheet
1Mb / 90P
[Old version datasheet]   Fixed-Point Digital Signal Processors
SM320C6414-EP TI1-SM320C6414-EP_16 Datasheet
1,010Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6416TBGLZA8 TI-TMS320C6416TBGLZA8 Datasheet
2Mb / 148P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com