Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS1120DRG4 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS1120DRG4
Description  DUAL P-CHANNEL ENHANCEMENT-MODE MOSFETS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS1120DRG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS1120DRG4 Datasheet HTML 7Page - Texas Instruments TPS1120DRG4 Datasheet HTML 8Page - Texas Instruments TPS1120DRG4 Datasheet HTML 9Page - Texas Instruments TPS1120DRG4 Datasheet HTML 10Page - Texas Instruments TPS1120DRG4 Datasheet HTML 11Page - Texas Instruments TPS1120DRG4 Datasheet HTML 12Page - Texas Instruments TPS1120DRG4 Datasheet HTML 13Page - Texas Instruments TPS1120DRG4 Datasheet HTML 14Page - Texas Instruments TPS1120DRG4 Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
TPS1120, TPS1120Y
DUAL P-CHANNEL ENHANCEMENT-MODE MOSFETS
SLVS080A – MARCH 1994 – REVISED AUGUST 1995
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
THERMAL INFORMATION
Figure 16 illustrates the thermally enhanced (SO) lead frame. Attaching the two MOSFET dies directly to the source
terminals allows maximum heat transfer into a power plane.
Lead 8
Lead 7
Lead 6
Lead 5
Lead 1
Lead 2
Lead 3
Lead 4
1GATE
1SOURCE
2GATE
2SOURCE
1DRAIN
1DRAIN
2DRAIN
2DRAIN
MOSFET 2
MOSFET 1
Pad 1
Pad 1
Figure 16. TPS1120 Dual MOSFET SO-8 Lead Frame
APPLICATION INFORMATION
Load
3 V or 5 V
Microcontroller
Figure 17. Notebook Load Management
Microcontroller
Charge
Pump
5 V
–4 V
GaAs FET
Amplifier
Driver
Figure 18. Cellular Phone Output Drive


Similar Part No. - TPS1120DRG4

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
TPS1120DRG4 VBSEMI-TPS1120DRG4 Datasheet
1Mb / 9P
   Dual P-Channel 30-V (D-S) MOSFET
More results

Similar Description - TPS1120DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS1120 TI-TPS1120 Datasheet
180Kb / 12P
[Old version datasheet]   DUAL P-CHANNEL ENHANCEMENT-MODE MOSFETS
logo
List of Unclassifed Man...
TD2001Y ETC1-TD2001Y Datasheet
88Kb / 2P
   DUAL P-CHANNEL ENHANCEMENT-MODE MOSFETS
logo
Silicon Standard Corp.
SSM4955GM SSC-SSM4955GM Datasheet
521Kb / 5P
   Dual P-channel Enhancement-mode Power MOSFETs
SSM4957 SSC-SSM4957 Datasheet
234Kb / 5P
   DUAL P-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
logo
Dongguan City Niuhang E...
NH2305A NIUHANG-NH2305A Datasheet
3Mb / 9P
   P-CHANNEL ENHANCEMENT-MODE MOSFETS
logo
Guilin Strong Micro-Ele...
GMS2301 GSME-GMS2301 Datasheet
268Kb / 3P
   P-Channel Enhancement-Mode MOSFETs
logo
Dongguan City Niuhang E...
NH2301 NIUHANG-NH2301 Datasheet
3Mb / 8P
   P-CHANNEL ENHANCEMENT-MODE MOSFETS
NH3401 NIUHANG-NH3401 Datasheet
2Mb / 3P
   P-CHANNEL ENHANCEMENT-MODE MOSFETS
logo
Silicon Standard Corp.
SSM9930M SSC-SSM9930M Datasheet
343Kb / 8P
   DUAL N- AND DUAL P-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
logo
Texas Instruments
TPS1101 TI-TPS1101 Datasheet
161Kb / 10P
[Old version datasheet]   SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com