Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM16B-ZESS-TB Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SM16B-ZESS-TB
Description  1.5mm pitch/Disconnectable Crimp style connectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SM16B-ZESS-TB Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SM16B-ZESS-TB Datasheet HTML 1Page - List of Unclassifed Manufacturers SM16B-ZESS-TB Datasheet HTML 2Page - List of Unclassifed Manufacturers SM16B-ZESS-TB Datasheet HTML 3Page - List of Unclassifed Manufacturers SM16B-ZESS-TB Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
ZE CONNECTOR
1.5mm pitch/Disconnectable Crimp style connectors
Emboss Tape
MIN
0.8
±0.05
1.5
±0.1
1.8
±0.1
1.7
±0.1
A
(5.8)
1.2
Connector outline
Circuit No.1
MIN
0.8
±0.05
1.5
±0.1
1.8
±0.1
1.7
±0.1
A
(9.4)
1.2
Connector outline
Circuit No.1
Note: 1. Tolerances are non-cumulative:
±0.1mm for all centers.
2. The dimensions above should serve as a guideline. Contact JST for details.
+0.1
 0
φ0.7
+0.1
 0
φ0.8
±0.05
1.5
±0.05
1.65
(0.55)
±0.05
A
Connector outline
(5.75)
Circuit No.1
+0.1
 0
φ0.7
+0.1
 0
φ1.1
±0.05
1.5
(0.7)
±0.05
A
±0.05
1.55
(9.7)
Connector outline
Circuit No.1
<SMT type>
Note: 1. Tolerances are non-cumulative:
±0.05mm for all centers.
2. Hole dimensions differ according to the kind of PC board and piercing method.
The dimensions above should serve as a guideline. Contact JST for details.
• Secure locking structure
• Contact locking structure
Specifications –––––––––––––––––––
• Current rating:
2A AC, DC (AWG #24)
• Voltage rating:
100V AC, DC
• Temperature range: -25˚C to +85˚C
(including temperature rise in applying
electrical current)
• Contact resistance: Initial value/20m
Ω max.
After environmental testing/40m
Ω max.
• Insulation resistance:
500M
Ω min.
• Withstanding voltage:
500V AC/minute
• Applicable wire: Conductor size/AWG #28 to #24
Insulation O.D./0.8 to 1.2mm
* RoHS compliant products are published.
* Refer to "General Instruction and Notice when using
Terminals and Connectors" at the end of this catalog.
* Contact JST for details.
PC board layout (viewed from component side) and Assembly layout
Top entry type
Side entry type
Top entry type
Side entry type
1.5mm pitch secure lock type connector.
Fork-shaped header contact provides the
good mating feeling and secure mating
operation.


Similar Part No. - SM16B-ZESS-TB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM16B-SHLS-TF ETC2-SM16B-SHLS-TF Datasheet
94Kb / 2P
   1.0mm pitch/Disconnectable Crimp style connectors
SM16B-SURS-TF ETC2-SM16B-SURS-TF Datasheet
84Kb / 2P
   0.8mm pitch/Disconnectable Insulation displacement connectors
More results

Similar Description - SM16B-ZESS-TB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B2B-ZRLFSN ETC2-B2B-ZRLFSN Datasheet
112Kb / 3P
   1.5mm pitch/Disconnectable Crimp style connectors
ZHR-8 ETC2-ZHR-8 Datasheet
163Kb / 4P
   1.5mm pitch/Disconnectable Crimp style connectors
S6B-ZR-SM4A ETC-S6B-ZR-SM4A Datasheet
163Kb / 4P
   1.5mm pitch/Disconnectable Crimp style connectors
H3P-SHF-AA ETC2-H3P-SHF-AA Datasheet
142Kb / 4P
   Disconnectable Crimp style connectors
B5P-VH ETC2-B5P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
B11B-ZR-SM3-TF ETC2-B11B-ZR-SM3-TF Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
SM02B-BHLS-1-TB ETC1-SM02B-BHLS-1-TB Datasheet
40Kb / 3P
   Disconnectable Crimp style connectors
B3P-VH ETC-B3P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
B3B-PH-SM3-TB ETC2-B3B-PH-SM3-TB Datasheet
182Kb / 7P
   Disconnectable Crimp style connectors
B3B-ZR ETC2-B3B-ZR Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com