Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM16B-ZESS-TB Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SM16B-ZESS-TB
Description  1.5mm pitch/Disconnectable Crimp style connectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SM16B-ZESS-TB Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SM16B-ZESS-TB Datasheet HTML 1Page - List of Unclassifed Manufacturers SM16B-ZESS-TB Datasheet HTML 2Page - List of Unclassifed Manufacturers SM16B-ZESS-TB Datasheet HTML 3Page - List of Unclassifed Manufacturers SM16B-ZESS-TB Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
ZE CONNECTOR
Contact
Housing
Circuit No.1 mark
A
5.7
B
1.5
5.7
A
B
Circuit No.1 mark
5.7
A
B
1.5
Circuit No.1 mark
Circuits
Model No.
Dimensions (mm)
A
B
Material
1.5
3.0
4.5
6.0
7.5
9.0
10.5
12.0
13.5
15.0
16.5
18.0
19.5
21.0
22.5
5.0
6.3
7.8
9.3
10.8
12.3
13.8
15.3
16.8
18.3
19.8
21.3
22.8
24.3
25.8
6,000
6,000
5,000
3,000
3,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
1,500
1,500
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
ZER-02V-S
ZER-03V-S
ZER-04V-S
ZER-05V-S
ZER-06V-S
ZER-07V-S
ZER-08V-S
ZER-09V-S
ZER-10V-S
ZER-11V-S
ZER-12V-S
ZER-13V-S
ZER-14V-S
ZER-15V-S
ZER-16V-S
PBT, UL94V-0, natural
Q’ty/
bag
1.3
0.8
2.7
2.9
6.2
1.0
0.54
Material and Finish
Model No.
Applicable wire
Q’ty/
reel
mm2
AWG#
Insulation O.D.
(mm)
Copper alloy, tin-plated (reflow treatment)
SZE-002T-P0.3
SZE-003T-P0.3
26∼24
28∼26
0.13∼0.21
0.08∼0.13
1.0∼1.2
0.8∼1.0
16,000
16,000
RoHS compliance
RoHS compliance
A
B
1.5
5.7
Circuit No.1 mark
Contact
Crimping
machine
AP-K2N
AP-K2N
MKS-L
MKS-L
MK/SZE-002-03
MK/SZE-003-03
Applicator
Crimp applicator
Dies
APLMK SZE002-03
APLMK SZE003-03
Crimp applicator with dies
SZE-002T-P0.3
SZE-003T-P0.3
〈2 circuits〉〈3, 4 circuits〉
〈5 to 9 circuits〉〈10 to 16 circuits〉
<For reference>
As the color identification,
the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
ex.
ZER-02V-S
S…natural Z…ivory E…blue K…black O…orange R…red
Y…yellow M…green N…brown L…lemon yellow
TR…tomato red MG…moss green DP…dark purple
DH…dark gray DO…dark orange LE…light blue PK…pink
FY…vivid yellow DRK…dark pink


Similar Part No. - SM16B-ZESS-TB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM16B-SHLS-TF ETC2-SM16B-SHLS-TF Datasheet
94Kb / 2P
   1.0mm pitch/Disconnectable Crimp style connectors
SM16B-SURS-TF ETC2-SM16B-SURS-TF Datasheet
84Kb / 2P
   0.8mm pitch/Disconnectable Insulation displacement connectors
More results

Similar Description - SM16B-ZESS-TB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B2B-ZRLFSN ETC2-B2B-ZRLFSN Datasheet
112Kb / 3P
   1.5mm pitch/Disconnectable Crimp style connectors
ZHR-8 ETC2-ZHR-8 Datasheet
163Kb / 4P
   1.5mm pitch/Disconnectable Crimp style connectors
S6B-ZR-SM4A ETC-S6B-ZR-SM4A Datasheet
163Kb / 4P
   1.5mm pitch/Disconnectable Crimp style connectors
H3P-SHF-AA ETC2-H3P-SHF-AA Datasheet
142Kb / 4P
   Disconnectable Crimp style connectors
B5P-VH ETC2-B5P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
B11B-ZR-SM3-TF ETC2-B11B-ZR-SM3-TF Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
SM02B-BHLS-1-TB ETC1-SM02B-BHLS-1-TB Datasheet
40Kb / 3P
   Disconnectable Crimp style connectors
B3P-VH ETC-B3P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
B3B-PH-SM3-TB ETC2-B3B-PH-SM3-TB Datasheet
182Kb / 7P
   Disconnectable Crimp style connectors
B3B-ZR ETC2-B3B-ZR Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com