Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28035PAGS Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F28035PAGS
Description  Piccolo Microcontrollers
Download  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28035PAGS Datasheet(HTML) 1 Page - Texas Instruments

  TMS320F28035PAGS Datasheet HTML 1Page - Texas Instruments TMS320F28035PAGS Datasheet HTML 2Page - Texas Instruments TMS320F28035PAGS Datasheet HTML 3Page - Texas Instruments TMS320F28035PAGS Datasheet HTML 4Page - Texas Instruments TMS320F28035PAGS Datasheet HTML 5Page - Texas Instruments TMS320F28035PAGS Datasheet HTML 6Page - Texas Instruments TMS320F28035PAGS Datasheet HTML 7Page - Texas Instruments TMS320F28035PAGS Datasheet HTML 8Page - Texas Instruments TMS320F28035PAGS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 157 page
background image
TMS320F28030, TMS320F28031, TMS320F28032
TMS320F28033, TMS320F28034, TMS320F28035
www.ti.com
SPRS584I – APRIL 2009 – REVISED JULY 2012
Piccolo Microcontrollers
Check for Samples: TMS320F28030, TMS320F28031, TMS320F28032, TMS320F28033, TMS320F28034, TMS320F28035
1
TMS320F2803x ( Piccolo™) MCUs
1.1
Features
123
• Highlights
• Low Device and System Cost:
– High-Efficiency 32-Bit CPU ( TMS320C28x™)
– Single 3.3-V Supply
– 60-MHz Device
– No Power Sequencing Requirement
– Single 3.3-V Supply
– Integrated Power-on Reset and Brown-out
Reset
– Integrated Power-on and Brown-out Resets
– Low Power
– Two Internal Zero-pin Oscillators
– No Analog Support Pins
– Up to 45 Multiplexed GPIO Pins
• Clocking:
– Three 32-Bit CPU Timers
– Two Internal Zero-pin Oscillators
– On-Chip Flash, SARAM, OTP Memory
– On-Chip Crystal Oscillator/External Clock
– Code-Security Module
Input
– Serial Port Peripherals
– Dynamic PLL Ratio Changes Supported
(SCI/SPI/I2C/LIN/eCAN)
– Watchdog Timer Module
– Enhanced Control Peripherals
– Missing Clock Detection Circuitry
Enhanced Pulse Width Modulator (ePWM)
• Up to 45 Individually Programmable,
High-Resolution PWM (HRPWM)
Multiplexed GPIO Pins With Input Filtering
Enhanced Capture (eCAP)
• Peripheral Interrupt Expansion (PIE) Block That
High-Resolution Input Capture (HRCAP)
Supports All Peripheral Interrupts
Enhanced Quadrature Encoder Pulse
• Three 32-Bit CPU Timers
(eQEP)
• Independent 16-Bit Timer in Each ePWM
Analog-to-Digital Converter (ADC)
Module
On-Chip Temperature Sensor
• On-Chip Memory
Comparator
– Flash, SARAM, OTP, Boot ROM Available
– 56-Pin, 64-Pin, and 80-Pin Packages
• 128-Bit Security Key/Lock
• High-Efficiency 32-Bit CPU ( TMS320C28x™)
– Protects Secure Memory Blocks
– 60 MHz (16.67-ns Cycle Time)
– Prevents Firmware Reverse Engineering
– 16 x 16 and 32 x 32 MAC Operations
• Serial Port Peripherals
– 16 x 16 Dual MAC
– One SCI (UART) Module
– Harvard Bus Architecture
– Two SPI Modules
– Atomic Operations
– One Inter-Integrated-Circuit (I2C) Bus
– Fast Interrupt Response and Processing
– One Local Interconnect Network (LIN) Bus
– Unified Memory Programming Model
– One Enhanced Controller Area Network
– Code-Efficient (in C/C++ and Assembly)
(eCAN) Bus
• Programmable Control Law Accelerator (CLA)
• Advanced Emulation Features
– 32-Bit Floating-Point Math Accelerator
– Analysis and Breakpoint Functions
– Executes Code Independently of the Main
– Real-Time Debug via Hardware
CPU
• 2803x Packages
• Endianness: Little Endian
– 56-Pin RSH Very Small Quad Flatpack
(No Lead) (VQFN)
– 64-Pin PAG Thin Quad Flatpack (TQFP)
– 80-Pin PN Low-Profile Quad Flatpack (LQFP)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Piccolo, TMS320C28x, C28x, TMS320C2000, Code Composer Studio, XDS510, XDS560 are trademarks of Texas
Instruments.
3
All other trademarks are the property of their respective owners.
UNLESS OTHERWISE NOTED this document contains PRODUCTION DATA information
Copyright © 2009–2012, Texas Instruments Incorporated
current as of publication date. Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - TMS320F28035PAGS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28035PAGS TI-TMS320F28035PAGS Datasheet
1Mb / 157P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28035PAGS TI1-TMS320F28035PAGS Datasheet
1Mb / 160P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28035PAGS TI1-TMS320F28035PAGS Datasheet
1Mb / 161P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28035PAGS TI1-TMS320F28035PAGS Datasheet
2Mb / 163P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28035PAGS TI1-TMS320F28035PAGS Datasheet
2Mb / 162P
[Old version datasheet]   TMS320F2803x Piccolo??Microcontrollers
More results

Similar Description - TMS320F28035PAGS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28030 TI-TMS320F28030 Datasheet
1Mb / 157P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069 TI1-TMS320F28069_14 Datasheet
1Mb / 175P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069_1807 TI1-TMS320F28069_1807 Datasheet
2Mb / 182P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049_0018 TI1-TMS320F280049_0018 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049_1808 TI1-TMS320F280049_1808 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049 TI1-TMS320F280049_V01 Datasheet
3Mb / 227P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_14 Datasheet
1Mb / 132P
[Old version datasheet]   Piccolo??Microcontrollers
TMS320F28069_1107 TI1-TMS320F28069_1107 Datasheet
1Mb / 172P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049 TI1-TMS320F280049_18 Datasheet
2Mb / 217P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_17 Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_16 Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com