Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPX4200A Datasheet(PDF) 3 Page - Motorola, Inc

Part # MPX4200A
Description  INTEGRATED PRESSURE SENSOR 20 to 200 kPa (2.9 to 29 psi) 0.3 to 4.9 V OUTPUT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX4200A Datasheet(HTML) 3 Page - Motorola, Inc

  MPX4200A Datasheet HTML 1Page - Motorola, Inc MPX4200A Datasheet HTML 2Page - Motorola, Inc MPX4200A Datasheet HTML 3Page - Motorola, Inc MPX4200A Datasheet HTML 4Page - Motorola, Inc MPX4200A Datasheet HTML 5Page - Motorola, Inc MPX4200A Datasheet HTML 6Page - Motorola, Inc MPX4200A Datasheet HTML 7Page - Motorola, Inc MPX4200A Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MPX4200 SERIES
3
Motorola Sensor Device Data
Figure 2. Cross–Sectional Diagram
(Not to Scale)
µ PROCESSOR
A/D
51 k
50 pF
MPX4200A
OUPUT
(PIN 1)
Figure 3. Typical Decoupling Filter for Sensor to
Microprocessor Interface
SILICONE
DIE COAT
WIRE BOND
STAINLESS STEEL
METAL COVER
RTV DIE
BOND
DIE
P1
P2
EPOXY
CASE
LEAD FRAME
SEALED VACUUM REFERENCE
Figure 2 illustrates the absolute sensing chip in the basic
chip carrier (Case 867). A fluorosilicone gel isolates the die
surface and wire bonds from the environment, while allowing
the pressure signal to be transmitted to the sensor dia-
phragm. The MPX4200A series pressure sensor operating
characteristics, and internal reliability and qualification tests
are based on use of dry air as the pressure media. Media,
other than dry air, may have adverse effects on sensor per-
formance and long–term reliability. Contact the factory for in-
formation regarding media compatibility in your application.
Figure 3 shows a typical decoupling circuit for interfacing
the integrated MAP sensor to the A/D input of a microproces-
sor. Proper decoupling of the power supply is recommended.
Figure 4 shows the sensor output signal relative to pres-
sure input. Typical, minimum, and maximum output curves
are shown for operation over temperature range of 0
° to
85
°C. (The output will saturate outside of the specified pres-
sure range.)
0
5.0
4.5
4.0
3.5
3.0
PRESSURE (ref: to sealed vacuum) in kPa
MAX
MIN
2.5
2.0
1.5
1.0
0.5
Figure 4. Output versus Absolute Pressure
TYP
TRANSFER FUNCTION:
Vout = VS* (0.005 x P–0.04) ± Error
VS = 5.1 Vdc
TEMP = 0 to 85
°C


Similar Part No. - MPX4200A

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPX4200A FREESCALE-MPX4200A Datasheet
161Kb / 6P
   Integrated Silicon Pressure Sensor for Manifold Absolute Pressure Applications On-Chip Signal Conditioned, Temperature
logo
NXP Semiconductors
MPX4200A NXP-MPX4200A Datasheet
105Kb / 6P
   Integrated Silicon Pressure Sensor for Manifold Absolute Pressure, Applications, On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 4, 1/2009
More results

Similar Description - MPX4200A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX4100 MOTOROLA-MPX4100 Datasheet
135Kb / 8P
   INTEGRATED PRESSURE SENSOR 20 to 105 kPa (2.9 to 15.2 psi) 0.3 to 4.9 V Output
logo
Freescale Semiconductor...
MPX4250A FREESCALE-MPX4250A Datasheet
258Kb / 12P
   INTEGRATED PRESSURE SENSOR 20 TO 250 kPA (2.9 TO 36.3 psi) 0.2 TO 4.9 V OUTPUT
logo
Motorola, Inc
MPX4250 MOTOROLA-MPX4250 Datasheet
145Kb / 8P
   INTEGRATED PRESSURE SENSOR 20 to 250 kPa (2.9 to 36.3 psi) 0.2 to 4.9 V OUTPUT
MPX5010 MOTOROLA-MPX5010 Datasheet
191Kb / 10P
   INTEGRATED PRESSURE SENSOR 0 to 10 kPa (0 to 1.45 psi) 0.2 to 4.7 V OUTPUT
MPX5700 MOTOROLA-MPX5700 Datasheet
148Kb / 8P
   INTEGRATED PRESSURE SENSOR 0 to 700 kPa (0 to 101.5 psi) 0.2 to 4.7 V OUTPUT
MPX4101 MOTOROLA-MPX4101 Datasheet
134Kb / 8P
   INTEGRATED PRESSURE SENSOR 15 to 102 kPa (2.18 to 14.8 psi) 0.25 to 4.95 V Output
logo
Freescale Semiconductor...
MPXHZ6130A FREESCALE-MPXHZ6130A Datasheet
199Kb / 8P
   INTEGRATED PRESSURE SENSOR 15 TO 130 kPa (2.2 TO 18.9 PSI) 0.2 TO 4.8 V OUTPUT
logo
All Sensors Corporation
PSI-D-4V-MIL-ND ASC-PSI-D-4V-MIL-ND Datasheet
47Kb / 4P
   0.3 psi to 15 psi Pressure Sensors
DS-0031 ASC-DS-0031 Datasheet
47Kb / 4P
   0.3 psi to 15 psi Pressure Sensors
logo
Motorola, Inc
MPX4105 MOTOROLA-MPX4105 Datasheet
98Kb / 6P
   OPERATING OVERVIEW INTEGRATED PRESSURE SENSOR 15 to 105 kPa (2.18 to 15.2 psi) 0.31 to 4.90 Volts Output
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com