Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2384PJDR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2384PJDR
Description  QUAD INTEGRATED POWER SOURCING EQUIPMENT POWER MANAGER
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2384PJDR Datasheet(HTML) 4 Page - Texas Instruments

  TPS2384PJDR Datasheet HTML 1Page - Texas Instruments TPS2384PJDR Datasheet HTML 2Page - Texas Instruments TPS2384PJDR Datasheet HTML 3Page - Texas Instruments TPS2384PJDR Datasheet HTML 4Page - Texas Instruments TPS2384PJDR Datasheet HTML 5Page - Texas Instruments TPS2384PJDR Datasheet HTML 6Page - Texas Instruments TPS2384PJDR Datasheet HTML 7Page - Texas Instruments TPS2384PJDR Datasheet HTML 8Page - Texas Instruments TPS2384PJDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 51 page
background image
www.ti.com
TPS2384
SLUS634D – NOVEMBER 2004 – REVISED MARCH 2007
ELECTRICAL CHARACTERISTICS (continued)
V48 = 48 V, R
T = 124 kΩ, CT = 220 pF, CINT = 0.027 µF (low leakage), –40°C to 125°C and TA = TJ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Port Discovery
Port off #P to #N input resistance
400
600
k
Discovery open circuit voltage
22
30
Discovery 1 voltage loop control
70
µA < I
PORT < 3 mA
2.8
4.4
V
Discovery 2 voltage loop control
70
µA < I
PORT < 3 mA
8.8
10
Discovery current limit
P = N = 48 V
3
4
5
mA
Auto-mode discovery resistance
19
26.5
acceptance Band
Auto-mode discovery resistance low end
0
15
k
rejection
Auto-mode discovery resistance high end
33
rejection
Discovery1,2 A/D conversion scale factor
100
µA < I
PORT < 3 mA
5.30
6.10
6.75 count/
µA
Discovery1,2 A/D conversion time
IPORT= 120 µA
ms
Port Classification
Classification voltage loop controll
100
µA < I
PORT < 50 mA
15
17.5
20
V
Classification current limit
P = N = 48 V
50
60
100
Class 0 to 1 detection threshold
5.5
6.5
7.5
Class 1 to 2 detection threshold
13
14.5
16
mA
Class 2 to 3 detection threshold
21
23
25
Class 3 to 4 detection threshold
31
33
35
Class 4 to 0 detection threshold
45
48
51
Count/m
Classification A/D conversion scale factor
375
424
475
A
Classification A/D conversion time
IPORT = 50 mA
18
22
ms
Port Legacy Detection
Legacy current limit
P = N = 48 V
2.6
3.5
4.3
mA
Legacy voltage A/D conversion scale
100 mV < VPORT < 17.5 V
1365
1400
1445
Count/V
factor
Legacy A/D conversion time
0 V < VPORT < 15 V
18
22
ms
Port Powered Mode
Port on resistance
20 mA < IPORT < 300 mA
1.3
1.8
Over current threshold (ICUT)
350
375
400
RBIAS = 124 kΩ, CT = 220 pF, –25 ≤ TJ≤ 105
Output current limit (ILIM)
425
450
mA
Disconnect timer current threshold
RBIAS = 124 kΩ, CT = 220 pF
7.5
10
TMPDO, disconnect detection time
RBIAS = 124 kΩ, CT = 220 pF, ILOAD < current threshold
300
400
ms
Port output UV
42.0
42.7
44.0
V
Port output OV
54
55
56
Over current time out (TOVLD)
RBIAS = 124 kΩ, CT = 220 pF
50
75
Short circuit time out (TLIM)
RBIAS = 124 kΩ, CT = 220 pF
50
75
ms
RBIAS = 124 kΩ, CT = 220 pF, After port enabled and
Turn--off delay from UV/OV faults
3
ramped up
Count/m
Port current A/D conversion scale factor
20 mA < IPORT < 56 V
31
36.41
40
A
Port curent A/D conversion time
IPORT < 300 mA
18
22
ms
Port voltage A/D conversion scale factor
335
353
370
Count/V
45 V < VPORT < 56 V
Port voltage A/D conversion time
18
22
ms
Port temperature A/D conversion
(17500 - counts)/16
°C
4
Submit Documentation Feedback


Similar Part No. - TPS2384PJDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2384 TI-TPS2384 Datasheet
727Kb / 46P
[Old version datasheet]   QUAD INTEGRATED POWER SOURCING EQUIPMENT POWER MANAGER
TPS23841 TI-TPS23841 Datasheet
1,014Kb / 45P
[Old version datasheet]   HIGH-POWER, WIDE VOLTAGE RANGE, QUAD-PORT ETHERNET POWER SOURCING EQUIPMENT MANAGER
TPS23841 TI-TPS23841 Datasheet
1Mb / 52P
[Old version datasheet]   HIGH-POWER, WIDE VOLTAGE RANGE, QUAD-PORT ETHERNET POWER SOURCING EQUIPMENT MANAGER
TPS23841 TI1-TPS23841 Datasheet
1Mb / 49P
[Old version datasheet]   HIGH-POWER, WIDE VOLTAGE RANGE, QUAD-PORT ETHERNET POWER SOURCING EQUIPMENT MANAGER
TPS23841PAP TI-TPS23841PAP Datasheet
1,014Kb / 45P
[Old version datasheet]   HIGH-POWER, WIDE VOLTAGE RANGE, QUAD-PORT ETHERNET POWER SOURCING EQUIPMENT MANAGER
More results

Similar Description - TPS2384PJDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2384 TI-TPS2384 Datasheet
727Kb / 46P
[Old version datasheet]   QUAD INTEGRATED POWER SOURCING EQUIPMENT POWER MANAGER
TPS2383 TI-TPS2383 Datasheet
394Kb / 27P
[Old version datasheet]   OCTAL POWER SOURCING EQUIPMENT POWER MANAGER
TPS23841 TI-TPS23841 Datasheet
1,014Kb / 45P
[Old version datasheet]   HIGH-POWER, WIDE VOLTAGE RANGE, QUAD-PORT ETHERNET POWER SOURCING EQUIPMENT MANAGER
TPS23841 TI1-TPS23841_16 Datasheet
1Mb / 49P
[Old version datasheet]   HIGH-POWER, WIDE VOLTAGE RANGE, QUAD-PORT ETHERNET POWER SOURCING EQUIPMENT MANAGER
TPS23841 TI-TPS23841_07 Datasheet
1Mb / 52P
[Old version datasheet]   HIGH-POWER, WIDE VOLTAGE RANGE, QUAD-PORT ETHERNET POWER SOURCING EQUIPMENT MANAGER
logo
Microsemi Corporation
PD64004AH MICROSEMI-PD64004AH_1 Datasheet
759Kb / 19P
   4-Port Power Sourcing Equipment Manager for Power over Ethernet Systems
logo
Infineon Technologies A...
IRFHM3911TRPBF INFINEON-IRFHM3911TRPBF Datasheet
583Kb / 10P
   POE Power Sourcing Equipment Switch
2016-2-23
logo
Silver Telecom 2019
AG6100 SILVERTEL-AG6100 Datasheet
571Kb / 13P
   POE Power-Sourcing-Equipment Module
logo
Broadcom Corporation.
BCM5912X BOARDCOM-BCM5912X Datasheet
141Kb / 2P
   Octal Power Sourcing Equipment Controller
October 5, 2018
logo
Silver Telecom 2019
AG6400 SILVERTEL-AG6400 Datasheet
769Kb / 40P
   POE Power-Sourcing-Equipment Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com