Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS5102 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS5102
Description  DUAL, HIGH-EFFICIENCY CONTROLLER FOR NOTEBOOK PC POWER
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS5102 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS5102_08 Datasheet HTML 3Page - Texas Instruments TPS5102_08 Datasheet HTML 4Page - Texas Instruments TPS5102_08 Datasheet HTML 5Page - Texas Instruments TPS5102_08 Datasheet HTML 6Page - Texas Instruments TPS5102_08 Datasheet HTML 7Page - Texas Instruments TPS5102_08 Datasheet HTML 8Page - Texas Instruments TPS5102_08 Datasheet HTML 9Page - Texas Instruments TPS5102_08 Datasheet HTML 10Page - Texas Instruments TPS5102_08 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
TPS5102
DUAL, HIGH-EFFICIENCY CONTROLLER FOR NOTEBOOK PC POWER
SLVS239 - SEPTEMBER 1999
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range, VCC = 7 V
(unless otherwise noted)
reference voltage
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Vref
Reference voltage
TA = 25°C,
Ivref = 50 µA
1.167
1.185
1.203
V
Vref
Reference voltage
Ivref = 50 µA
1.155
1.215
V
Regin
Line regulation
Vcc = 4.5, 25V,
I = 50
µA
0.2
12
mV
Regl
Load regulation
I = 0.1
µA to 1 mA
0.5
10
mV
quiescent current
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Icc
Operating current without switching
Both STBY > 2.5 V,
No switching,
Vin = 4.5 – 25 V
0.6
1.5
mA
Iccs
Stand-by current
Both STBY < 0.5 V, Vin = 4.5 – 25 V
1
1000
nA
oscillator
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fosc
Frequency
PWM operation
500
kHz
RT
Timing resistor
56
k
fdv
fosc change
Vcc = 4.5 V to 25 V
0.1%
fdt
fosc change
TA = -40°C to 85°C
2%
V
H
H level output voltage
DC, includes internal comparator error
1
1.1
1.2
V
VoscH
H-level output voltage
Fosc = 200 kHz, Includes internal comparator error
1.17
V
V
L
L level output voltage
Includes internal comparator error
0.4
0.5
0.6
V
VoscL
L-level output voltage
Fosc = 200 kHz, Includes internal comparator error
0.43
V
error amp
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Vio
Input offset voltage
TA = 25°C
±2
±10
mV
Av
Open-loop voltage gain
50
dB
GB
Unity-gain bandwidth
0.8
MHz
Isnk
Output sink current
Vo = 0.4 V
30
45
µA
Isrc
Output source current
Vo = 1 V
300
µA
skip comparator
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Vhys†
Hysteresis window
6
9.5
13
mV
Vhoff
Offset voltage
2
mV
Ihbias
Bias current
10
pA
TLHT
Propagation delay‡ from INV to OUTxU
TTL input signal
0.7
µs
TLH
10 mV overdrive on hysteresis band signal
1.2
µs
† Vhys is assured by design.
‡ The total delay in the table includes the driver delay.


Similar Part No. - TPS5102_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51020 TI-TPS51020 Datasheet
558Kb / 27P
[Old version datasheet]   DUAL, VOLTAGE MODE, DDR SELECTABLE, SYNCHRONOUS, STEP-DOWN CONTROLLER FOR NOTEBOOK SYSTEM POWER
TPS51020DBT TI-TPS51020DBT Datasheet
558Kb / 27P
[Old version datasheet]   DUAL, VOLTAGE MODE, DDR SELECTABLE, SYNCHRONOUS, STEP-DOWN CONTROLLER FOR NOTEBOOK SYSTEM POWER
TPS51020DBTG4 TI-TPS51020DBTG4 Datasheet
558Kb / 27P
[Old version datasheet]   DUAL, VOLTAGE MODE, DDR SELECTABLE, SYNCHRONOUS, STEP-DOWN CONTROLLER FOR NOTEBOOK SYSTEM POWER
TPS51020DBTR TI-TPS51020DBTR Datasheet
558Kb / 27P
[Old version datasheet]   DUAL, VOLTAGE MODE, DDR SELECTABLE, SYNCHRONOUS, STEP-DOWN CONTROLLER FOR NOTEBOOK SYSTEM POWER
TPS51020DBTRG4 TI-TPS51020DBTRG4 Datasheet
558Kb / 27P
[Old version datasheet]   DUAL, VOLTAGE MODE, DDR SELECTABLE, SYNCHRONOUS, STEP-DOWN CONTROLLER FOR NOTEBOOK SYSTEM POWER
More results

Similar Description - TPS5102_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5102 TI-TPS5102 Datasheet
987Kb / 31P
[Old version datasheet]   DUAL, HIGH-EFFICIENCY CONTROLLER FOR NOTEBOOK PC POWER
logo
Richtek Technology Corp...
RT8206L RICHTEK-RT8206L Datasheet
469Kb / 27P
   High Efficiency, Main Power Supply Controller for Notebook Computers
RT8239A RICHTEK-RT8239A Datasheet
385Kb / 24P
   High Efficiency, Main Power Supply Controller for Notebook Computers
RT8205L RICHTEK-RT8205L Datasheet
405Kb / 26P
   High Efficiency, Main Power Supply Controller for Notebook Computer
RT8223P RICHTEK-RT8223P Datasheet
311Kb / 23P
   High Efficiency, Main Power Supply Controller for Notebook Computer
RT8223N RICHTEK-RT8223N Datasheet
370Kb / 23P
   High Efficiency, Main Power Supply Controller for Notebook Computer
RT8243A RICHTEK-RT8243A Datasheet
319Kb / 24P
   High Efficiency, Main Power Supply Controller for Notebook Computers
logo
Renesas Technology Corp
ISL6232 RENESAS-ISL6232 Datasheet
1Mb / 25P
   High Efficiency System Power Supply Controller for Notebook Computers
logo
Richtek Technology Corp...
RT8223A RICHTEK-RT8223A Datasheet
369Kb / 26P
   High Efficiency, Main Power Supply Controller for Notebook Computers
logo
Maxim Integrated Produc...
MAX1715 MAXIM-MAX1715 Datasheet
308Kb / 28P
   Ultra-High Efficiency, Dual Step-Down Controller for Notebook Computers
19-1541; Rev 0; 1/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com