Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2812DR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2812DR
Description  DUAL HIGH-SPEED MOSFET DRIBERS
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2812DR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS2812DR Datasheet HTML 6Page - Texas Instruments TPS2812DR Datasheet HTML 7Page - Texas Instruments TPS2812DR Datasheet HTML 8Page - Texas Instruments TPS2812DR Datasheet HTML 9Page - Texas Instruments TPS2812DR Datasheet HTML 10Page - Texas Instruments TPS2812DR Datasheet HTML 11Page - Texas Instruments TPS2812DR Datasheet HTML 12Page - Texas Instruments TPS2812DR Datasheet HTML 13Page - Texas Instruments TPS2812DR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
TPS2811, TPS2812, TPS2813, TPS2814, TPS2815
DUAL HIGHSPEED MOSFET DRIVERS
SLVS132F − NOVEMBER 1995 − REVISED OCTOBER 2004
10
www.ti.com
TYPICAL CHARACTERISTICS
Figure 4
16
14
12
10
56
7
8
9
10
18
20
RISE TIME
vs
SUPPLY VOLTAGE
22
11
12
13
14
CL = 1 nF
TA = 125°C
TA = 75°C
TA = 25°C
TA = −25°C
TA = − 50°C
VCC − Supply Voltage − V
Figure 5
16
14
12
10
56
7
8
9
10
18
20
FALL TIME
vs
SUPPLY VOLTAGE
22
11
12
13
14
CL = 1 nF
TA = 125°C
TA = 75°C
TA = 25°C
TA = −25°C
TA = − 50°C
VCC − Supply Voltage − V
Figure 6
30
25
20
15
56
7
8
9
10
35
40
45
11
12
13
14
CL = 1 nF
TA = 125°C
TA = 75°C
TA = 25°C
TA = −25°C
TA = − 50°C
PROPAGATION DELAY TIME,
HIGH-TO-LOW-LEVEL OUTPUT
vs
SUPPLY VOLTAGE
VCC − Supply Voltage − V
Figure 7
30
25
20
15
56
7
8
9
10
35
40
45
11
12
13
14
PROPAGATION DELAY TIME,
LOW-TO-HIGH-LEVEL OUTPUT
vs
SUPPLY VOLTAGE
VCC − Supply Voltage − V
CL = 1 nF
TA = − 50°C
TA = 75°C
TA = −25°C
TA=125°C
TA = 25°C


Similar Part No. - TPS2812DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2812D TI-TPS2812D Datasheet
663Kb / 31P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
More results

Similar Description - TPS2812DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX232NG4 TI1-MAX232NG4 Datasheet
581Kb / 17P
[Old version datasheet]   DUAL ELA-232 DRIBERS/RECEIVERS
logo
Intersil Corporation
ISL55110 INTERSIL-ISL55110 Datasheet
311Kb / 15P
   Dual, High Speed MOSFET Driver
logo
Supertex, Inc
MD1210 SUTEX-MD1210_07 Datasheet
532Kb / 7P
   High Speed Dual MOSFET Driver
logo
Intersil Corporation
ISL55110IRZ INTERSIL-ISL55110IRZ Datasheet
475Kb / 18P
   Dual, High Speed MOSFET Driver
January 29, 2015
logo
Texas Instruments
TPS2811 TI-TPS2811 Datasheet
663Kb / 31P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
logo
ON Semiconductor
MC34152 ONSEMI-MC34152 Datasheet
151Kb / 12P
   HIGH SPEED DUAL MOSFET DRIVERS
October, 2004 ??Rev. 7
logo
Supertex, Inc
MD1213 SUTEX-MD1213 Datasheet
708Kb / 7P
   High Speed Dual MOSFET Driver
logo
Intersil Corporation
ISL55110IVZ-T INTERSIL-ISL55110IVZ-T Datasheet
434Kb / 18P
   Dual, High Speed MOSFET Driver
ISL55110 INTERSIL-ISL55110_11 Datasheet
413Kb / 15P
   Dual, High Speed MOSFET Driver
logo
ON Semiconductor
MC34152 ONSEMI-MC34152_14 Datasheet
176Kb / 12P
   High Speed Dual MOSFET Drivers
September, 2014??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com