Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2226ADB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2226ADB
Description  CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2226ADB Datasheet(HTML) 3 Page - Texas Instruments

  TPS2226ADB Datasheet HTML 1Page - Texas Instruments TPS2226ADB Datasheet HTML 2Page - Texas Instruments TPS2226ADB Datasheet HTML 3Page - Texas Instruments TPS2226ADB Datasheet HTML 4Page - Texas Instruments TPS2226ADB Datasheet HTML 5Page - Texas Instruments TPS2226ADB Datasheet HTML 6Page - Texas Instruments TPS2226ADB Datasheet HTML 7Page - Texas Instruments TPS2226ADB Datasheet HTML 8Page - Texas Instruments TPS2226ADB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TPS2220A, TPS2223A
TPS2224A, TPS2226A
SLVS428E – MAY 2002 – REVISED MSRCH 2008
RECOMMENDED OPERATING CONDITIONS (continued)
MIN
MAX
UNIT
Operating virtual junction temperature (maximum to be calculated at worst case PD at 85°C
TJ
–40
100
°C
ambient)
TJ = 25°C, VI(5V) = 5 V, VI(3.3V) = 3.3 V, VI(12V) = 12 V (not applicable for TPS2223A), all outputs unloaded (unless otherwise
noted)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
POWER SWITCH
IO = 750 mA each
85
110
3.3V to xVCC(2)
IO = 750 mA each, TJ = 100°C
110
140
m
IO = 500 mA each
95
130
5V to xVCC(2)
IO = 500 mA each, TJ = 100°C
120
160
Static drain-source
rDS(on)
on-state resistance
IO = 50 mA each
0.8
1
3.3V or 5V to xVPP(2)
IO = 50 mA each, TJ = 100°C
1
1.3
IO = 50 mA each
2
2.5
12V to xVPP(2)
IO = 50 mA each, TJ = 100°C
2.5
3.4
Discharge at xVCC
IO(disc) = 1 mA
0.5
0.7
1
Output discharge
k
resistance
Discharge at xVPP
IO(disc) = 1 mA
0.2
0.4
0.5
IOS(xVCC)
1
1.4
2
A
Limit (steady-state value), output
powered into a short circuit
IOS(xVPP)
120
200
300
mA
IOS
Short-circuit output current
Limit (steady-state value), output
IOS(xVCC)
1
1.4
2
A
powered into a short circuit,
IOS(xVPP)
120
200
300
mA
TJ = 100°C
Thermal trip point
Rising temperature
135
Thermal shutdown
TJ
°C
temperature(2)
Hysteresis
10
5V to xVCC = 5 V, with 100-m
Ω short to GND
10
Current-limit response time(3)(4)
µs
5V to xVPP = 5 V, with 100-m
Ω short to GND
3
II(3.3V)
140
200
Normal
VO(xVCC) = VO(xVPP) = 3.3 V and
II(5V)
8
12
operation
also for RESET = 0 V
II(12V)
100
180
II
Input current, quiescent
µA
II(3.3V)
0.3
2
Shutdown mode
II(5V)
VO(xVCC) = VO(xVPP) = Hi-z
0.1
2
II(12V)
0.3
2
10
VO(xVCC) = 5 V, VI(5V) = VI(12V) = 0 V
TJ = 100°C
50
Leakage current,
Ilkg
Shutdown mode
µA
output off state
10
VO(xVPP) = 12 V, VI(5V) = VI(12V) = 0 V
TJ = 100°C
50
(1)
Pulse-testing techniques maintain junction temperature close to ambient temperature; thermal effects must be taken into account
separately.
(2)
TPS2223A, TPS2224A, TPS2226A: two switches on. TPS2220A: one switch on.
(3)
Specified by design; not tested in production.
(4)
From application of short to 110% of final current limit.
Copyright © 2002–2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS2220A TPS2223A TPS2224A TPS2226A


Similar Part No. - TPS2226ADB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2226ADB TI-TPS2226ADB Datasheet
447Kb / 29P
[Old version datasheet]   CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2226ADBG4 TI-TPS2226ADBG4 Datasheet
447Kb / 29P
[Old version datasheet]   CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
More results

Similar Description - TPS2226ADB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2220A TI-TPS2220A Datasheet
447Kb / 29P
[Old version datasheet]   CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2223 TI-TPS2223 Datasheet
389Kb / 27P
[Old version datasheet]   DUAL-SLOT CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2220B TI-TPS2220B Datasheet
428Kb / 27P
[Old version datasheet]   POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
logo
Maxim Integrated Produc...
MAX1601 MAXIM-MAX1601 Datasheet
190Kb / 16P
   Dual-Channel CardBus and PCMCIA Power Switches with SMBus??Serial Interface
19-1085; Rev 1; 10/96
logo
Texas Instruments
TPS2202 TI-TPS2202 Datasheet
455Kb / 21P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
logo
List of Unclassifed Man...
G571 ETC-G571 Datasheet
151Kb / 11P
   Single-Slot PCMCIA/CardBus Power Controllers
logo
Global Mixed-mode Techn...
G576 GMT-G576 Datasheet
271Kb / 12P
   Dual-Slot PCMCIA/CardBus Power Controllers
logo
Micrel Semiconductor
MIC2564A MICREL-MIC2564A_04 Datasheet
125Kb / 14P
   Dual Serial PCMCIA/CardBus Power Controller
logo
Texas Instruments
TPS2214A TI1-TPS2214A_14 Datasheet
1Mb / 34P
[Old version datasheet]   DUAL-SLOT PC CARD POWER SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2223 TI1-TPS2223_16 Datasheet
1Mb / 34P
[Old version datasheet]   DUAL-SLOT PC CARD POWER SWITCHES FOR SERIAL PCMCIA CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com