Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2819DBVT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2819DBVT
Description  SINGLE-CHANNEL HIGH-SPEED MOSFET DRIBER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2819DBVT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS2819DBVT Datasheet HTML 3Page - Texas Instruments TPS2819DBVT Datasheet HTML 4Page - Texas Instruments TPS2819DBVT Datasheet HTML 5Page - Texas Instruments TPS2819DBVT Datasheet HTML 6Page - Texas Instruments TPS2819DBVT Datasheet HTML 7Page - Texas Instruments TPS2819DBVT Datasheet HTML 8Page - Texas Instruments TPS2819DBVT Datasheet HTML 9Page - Texas Instruments TPS2819DBVT Datasheet HTML 10Page - Texas Instruments TPS2819DBVT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
TPS2816, TPS2817, TPS2818, TPS2819, TPS2828, TPS2829,
SINGLECHANNEL HIGHSPEED MOSFET DRIVER
SLVS160C – FEBRUARY 1997 – REVISED OCTOBER 2002
7
www.ti.com
switching characteristics for all devices over recommended operating ambient temperature range,
VCC = 10 V, VDD tied to VCC, CL = 1 nF (unless otherwise specified)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC = 14 V
25
tr
Rise time
VCC = 10 V
14
30
ns
r
VCC = 5 V
35
VCC = 14 V
25
tf
Fall time
VCC = 10 V
14
30
ns
f
VCC = 5 V
35
VCC = 14 V
40
tPHL
Propagation delay time, high-to-low-level output
VCC = 10 V
24
45
ns
PHL
gy
,
g
VCC = 5 V
50
VCC = 14 V
40
tPLH
Propagation delay time, low-to-high-level output
VCC = 10 V
24
45
ns
PLH
gy
,
g
VCC = 5 V
50
PARAMETER MEASUREMENT INFORMATION
50%
90%
IN
OUT
50%
50%
90%
10%
50%
10%
tPLH
tr
tf
tPHL
0 V
0 V
Figure 1. Typical Timing Diagram (TPS2816)


Similar Part No. - TPS2819DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2819DBV TI-TPS2819DBV Datasheet
371Kb / 20P
[Old version datasheet]   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
TPS2819DBV TI-TPS2819DBV Datasheet
394Kb / 21P
[Old version datasheet]   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVERS
TPS2819DBV TI-TPS2819DBV Datasheet
576Kb / 24P
[Old version datasheet]   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com