Electronic Components Datasheet Search |
|
TPS54611PWPRG4 Datasheet(PDF) 11 Page - Texas Instruments |
|
TPS54611PWPRG4 Datasheet(HTML) 11 Page - Texas Instruments |
11 / 24 page TPS54611, TPS54612 TPS54613, TPS54614 TPS54615, TPS54616 SLVS400C − AUGUST 2001 − REVISED APRIL 2005 www.ti.com 11 LAYOUT CONSIDERATIONS FOR THERMAL PERFORMANCE For operation at full rated load current, the analog ground plane must provide adequate heat dissipating area. A 3 inch by 3 inch plane of 1 ounce copper is recommended, though not mandatory, depending on ambient temperature and airflow. Most applications have larger areas of internal ground plane available, and the PowerPAD should be connected to the largest area available. Additional areas on the top or bottom layers also help dissipate heat, and any area available should be used when 3 A or greater operation is desired. Connection from the exposes area of the PowerPAD to the analog ground plane layer should be made using 0.013 inch diameter vias to avoid solder wicking through the vias. Eight vias should be in the PowerPAD area with four additional vias located under the device package. The size of the vias under the package, but not in the exposed thermal pad area, can be increased to 0.018. Additional vias beyond the ten recommended that enhance thermal performance should be included in areas not under the device package. Connect Pin 1 to Analog Ground Plane in This Area for Optimum Performance Minimum Recommended Top Side Analog Ground Area 0.3478 0.0150 0.06 0.0256 0.1700 0.1340 0.0630 0.0400 Ø0.0180 4 PL 0.2090 Ø0.0130 8 PL Minimum Recommended Exposed Copper Area for Powerpad. 5mm Stencils May Require 10 Percent Larger Area 0.0650 0.0500 0.0500 0.0650 0.0339 0.0339 0.0500 Minimum Recommended Thermal Vias: 8 x 0.013 Diameter Inside Powerpad Area 4 x 0.018 Diameter Under Device as Shown. Additional 0.018 Diameter Vias May Be Used if Top Side Analog Ground Area Is Extended. 0.3820 Figure 12. Recommended Land Pattern for 28-Pin PWP PowerPAD |
Similar Part No. - TPS54611PWPRG4 |
|
Similar Description - TPS54611PWPRG4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |