Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS60400DBVTG4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60400DBVTG4
Description  UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS60400DBVTG4 Datasheet(HTML) 4 Page - Texas Instruments

  TPS60400DBVTG4 Datasheet HTML 1Page - Texas Instruments TPS60400DBVTG4 Datasheet HTML 2Page - Texas Instruments TPS60400DBVTG4 Datasheet HTML 3Page - Texas Instruments TPS60400DBVTG4 Datasheet HTML 4Page - Texas Instruments TPS60400DBVTG4 Datasheet HTML 5Page - Texas Instruments TPS60400DBVTG4 Datasheet HTML 6Page - Texas Instruments TPS60400DBVTG4 Datasheet HTML 7Page - Texas Instruments TPS60400DBVTG4 Datasheet HTML 8Page - Texas Instruments TPS60400DBVTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
TPS60400, TPS60401, TPS60402, TPS60403
UNREGULATED 60mA CHARGE PUMP VOLTAGE INVERTER
SLVS324A − JULY 2001 REVISED NOVEMBER 2004
4
WWW.TI.COM
efficiency considerations (continued)
The efficiency of the TPS6040x devices is dominated by their quiescent supply current at low output current and
by their output impedance at higher current.
h ^
I
O
I
O )
I
Q
1
*
I
O
R
O
V
I
Where, IQ = quiescent current.
capacitor selection
To maintain the lowest output resistance, use capacitors with low ESR (see Table 1). The charge-pump output
resistance is a function of C(fly)’s and CO’s ESR. Therefore, minimizing the charge-pump capacitor’s ESR
minimizes the total output resistance. The capacitor values are closely linked to the required output current and
the output noise and ripple requirements. It is possible to only use 1-
µF capacitors of the same type.
input capacitor (CI)
Bypass the incoming supply to reduce its ac impedance and the impact of the TPS6040x switching noise. The
recommended bypassing depends on the circuit configuration and where the load is connected. When the
inverter is loaded from OUT to GND, current from the supply switches between 2 x IO and zero. Therefore, use
a large bypass capacitor (e.g., equal to the value of C(fly)) if the supply has high ac impedance.
flying capacitor (C(fly))
Increasing the flying capacitor’s size reduces the output resistance. Small values increases the output
resistance. Above a certain point, increasing C(fly)’s capacitance has a negligible effect, because the output
resistance becomes dominated by the internal switch resistance and capacitor ESR.
output capacitor (CO)
Increasing the output capacitor’s size reduces the output ripple voltage. Decreasing its ESR reduces both output
resistance and ripple. Smaller capacitance values can be used with light loads if higher output ripple can be
tolerated. Use the following equation to calculate the peak-to-peak ripple.
V
O(ripple) +
I
O
fosc
Co
) 2
I
O
ESR
CO
Table 1. Recommended Capacitor Values
DEVICE
VI
[V]
IO
[mA]
CI
[
µF]
C(fly)
[
µF]
CO
[
µF]
TPS60400
1.8
…5.5
60
1
1
1
TPS60401
1.8
…5.5
60
10
10
10
TPS60402
1.8
…5.5
60
3.3
3.3
3.3
TPS60403
1.8
…5.5
60
1
1
1


Similar Part No. - TPS60400DBVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60400DBV TI-TPS60400DBV Datasheet
430Kb / 23P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
More results

Similar Description - TPS60400DBVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60400-Q1 TI-TPS60400-Q1 Datasheet
576Kb / 25P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
TPS60403 TI-TPS60403 Datasheet
430Kb / 23P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
TPS60400-Q1 TI1-TPS60400-Q1_16 Datasheet
1Mb / 29P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
TPS60400 TI-TPS60400_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPS6040x Unregulated 60-mA Charge Pump Voltage Inverter
logo
Torex Semiconductor
XC6351A TOREX-XC6351A_2 Datasheet
531Kb / 9P
   Charge Pump Voltage Inverter IC
XC6351A TOREX-XC6351A_1 Datasheet
502Kb / 7P
   Charge Pump Voltage Inverter IC
XC6351A TOREX-XC6351A_15 Datasheet
353Kb / 9P
   Charge Pump Voltage Inverter IC
logo
ON Semiconductor
CAT660 ONSEMI-CAT660 Datasheet
157Kb / 15P
   100 mA CMOS Charge Pump Inverter/Doubler
May, 2010 ??Rev. 24
CAT660EVA-GT3 ONSEMI-CAT660EVA-GT3 Datasheet
142Kb / 13P
   100 mA CMOS Charge Pump Inverter/Doubler
July, 2012 ??Rev. 26
logo
Torex Semiconductor
XC6351A TOREX-XC6351A Datasheet
159Kb / 6P
   CHARGE PUMP VOLTAGE INVERTER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com