Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS60401DBVTG4 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60401DBVTG4
Description  UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS60401DBVTG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS60401DBVTG4 Datasheet HTML 2Page - Texas Instruments TPS60401DBVTG4 Datasheet HTML 3Page - Texas Instruments TPS60401DBVTG4 Datasheet HTML 4Page - Texas Instruments TPS60401DBVTG4 Datasheet HTML 5Page - Texas Instruments TPS60401DBVTG4 Datasheet HTML 6Page - Texas Instruments TPS60401DBVTG4 Datasheet HTML 7Page - Texas Instruments TPS60401DBVTG4 Datasheet HTML 8Page - Texas Instruments TPS60401DBVTG4 Datasheet HTML 9Page - Texas Instruments TPS60401DBVTG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
TPS60400, TPS60401, TPS60402, TPS60403
UNREGULATED 60mA CHARGE PUMP VOLTAGE INVERTER
SLVS324A − JULY 2001 REVISED NOVEMBER 2004
6
WWW.TI.COM
recommended operating conditions
MIN
NOM
MAX
UNIT
Input voltage range, VI
1.8
5.25
V
Output current range at OUT, IO
60
mA
Input capacitor, CI
0
C(fly)
µF
Flying capacitor, C(fly)
1
µF
Output capacitor, CO
1
100
µF
Operating junction temperature, TJ
−40
125
°C
electrical characteristics at CI = C(fly) = CO (according to Table 1), TC = −40°C to 85°C, VI = 5 V over
recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VI
Supply voltage range
At TC = −40°C to 85°C, RL = 5 kΩ
1.8
5.25
V
VI
Supply voltage range
At TC ≥ 0°C,
RL = 5 kΩ
1.6
V
IO
Maximum output current at VO
60
mA
VO
Output voltage
−VI
V
TPS60400
C(fly) = 1 µF, CO = 2.2 µF
35
VP−P
Output voltage ripple
TPS60401
IO = 5 mA
C(fly) = CO = 10 µF
20
mVP−P
VP−P
Output voltage ripple
TPS60402
IO = 5 mA
C(fly) = CO = 3.3 µF
20
mVP−P
TPS60403
C(fly) = CO = 1 µF
15
TPS60400
125
270
TPS60401
At VI = 5 V
65
190
A
TPS60402
At VI = 5 V
120
270
µA
IQ
Quiescent current (no-load input
current)
TPS60403
425
700
IQ
Quiescent current (no-load input
current)
TPS60400
210
TPS60401
At T
≤ 60°C,
VI = 5 V
135
A
TPS60402
At T
≤ 60°C,
VI = 5 V
210
µA
TPS60403
640
TPS60400
VCO version
30
50−250
350
fOSC
Internal switching frequency
TPS60401
13
20
28
kHz
fOSC
Internal switching frequency
TPS60402
30
50
70
kHz
TPS60403
150
250
300
TPS60400
CI = C(fly) = CO = 1 µF
12
15
Impedance at 25
°C, VI = 5 V
TPS60401
CI = C(fly) = CO = 10 µF
12
15
Impedance at 25
°C, VI = 5 V
TPS60402
CI = C(fly) = CO = 3.3 µF
12
15
TPS60403
CI = C(fly) = CO = 1 µF
12
15


Similar Part No. - TPS60401DBVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60401DBV TI-TPS60401DBV Datasheet
430Kb / 23P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
More results

Similar Description - TPS60401DBVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60400-Q1 TI-TPS60400-Q1 Datasheet
576Kb / 25P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
TPS60403 TI-TPS60403 Datasheet
430Kb / 23P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
TPS60400-Q1 TI1-TPS60400-Q1_16 Datasheet
1Mb / 29P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
TPS60400 TI-TPS60400_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPS6040x Unregulated 60-mA Charge Pump Voltage Inverter
logo
Torex Semiconductor
XC6351A TOREX-XC6351A_2 Datasheet
531Kb / 9P
   Charge Pump Voltage Inverter IC
XC6351A TOREX-XC6351A_1 Datasheet
502Kb / 7P
   Charge Pump Voltage Inverter IC
XC6351A TOREX-XC6351A_15 Datasheet
353Kb / 9P
   Charge Pump Voltage Inverter IC
logo
ON Semiconductor
CAT660 ONSEMI-CAT660 Datasheet
157Kb / 15P
   100 mA CMOS Charge Pump Inverter/Doubler
May, 2010 ??Rev. 24
CAT660EVA-GT3 ONSEMI-CAT660EVA-GT3 Datasheet
142Kb / 13P
   100 mA CMOS Charge Pump Inverter/Doubler
July, 2012 ??Rev. 26
logo
Torex Semiconductor
XC6351A TOREX-XC6351A Datasheet
159Kb / 6P
   CHARGE PUMP VOLTAGE INVERTER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com